Part Number Hot Search : 
SMBJ78C 1N6509 F49L040A MRF329 C1210 0301K1 02070 SM6T10AY
Product Description
Full Text Search
 

To Download R0605250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf micro devices inc . 7628 thorndike road, greensboro, nc 27409 - 9421 ds 14012 4 for sales or technical support, contact rfmd at +1.336.678.5570 or customerservice@rfmd.com . rf micro devices ? and rfmd ? are trademarks of rfmd, llc. bluetooth is a trademark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks, and registered trademarks are the property of their respective owners. ?2013, rf micro devices, in c. 1 of 3 R0605250 si reverse hybrid 5 mhz to 65 mhz the R0605250 is a hybrid reverse amplifier. the part employs silicon die. it has extremely low distortion and superior return loss performance. the part also provides optimal reliability with low noise and is well suited for 5mhz to 65mhz catv amplifiers for reverse channel systems. package: sot - 115j features excellent linearity superior r eturn loss performance extremely low distortion optimal reliability low noise unconditionally stable under all terminations 25 . 7db typ . gain at 65 mhz 200 ma max. at 24vdc applications 5 mhz to 65 mhz cat v amplifier f or reverse channel systems ordering information R0605250 box with 5 0 pieces absolute maximum rat ings parameter rating unit rf input voltage (single tone) 65 dbmv dc supply over - voltage (5 minutes) 28 v storage temperature - 40 to +100 c operating mounting base temperature - 30 to +100 c caution! esd sensitive device. rohs (restriction of hazardous substances): compliant per eu directive 2011/65/eu. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. extended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical performance or functional operation of the device under absolute maximum r ating conditions is not implie R0605250
rf micro devices inc . 7628 thorndike road, greensboro, nc 27409 - 9421 ds 14012 4 for sales or technical support, contact rfmd at +1.336.678.5570 or customerservice@rfmd.com . the information in this publication is believed to be accurate. however, no responsibility is assumed by rf micro devices, in c. ("rfmd") for its use, nor for any infringement of patents or other rights of third parties resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component ci rcuitry, recommended application circuitry and specifications at any time without prior notice. 2 of 3 R0605250 nominal operating parameters parameter specification unit condition min typ max general performance v + = 24v; t mb = 30c; z s = z l = 75 power gain 24.9 25.5 26.4 db f = 5 mhz 24.7 25.7 db f = 65 mhz slope [ 1 ] - 0.2 0.2 0.5 db f = 5mhz to 65 mhz flatness of frequency response 0.2 db input return loss 20.0 db output return loss 20.0 db noise figure 2.3 3.0 db f = 65 mhz total current consumption (dc) 170 190 200 ma distortion data 5 mhz to 65 mhz v + = 24v; t mb = 30c; z s = z l = 75 ctb - 74 dbc 7 ch flat ; v 0 = 50 dbmv [ 2 ] xmod - 64 dbc cso - 72 dbc d 2 - 74 dbc [3] stb - 76 db [4] 1 . the slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency. 2. 7 channels, ntsc frequency raster: t7 - t13 ( 7.0mhz to 43.0mhz), +50dbmv flat output level. 3. f 1 = 7mhz; v 1 = 50dbmv; f 2 = 25mhz; v 2 = 50dbmv; f test = f 1 + f 2 = 32mhz. 4 . f 1 = 13mhz; v 1 = 50dbmv; f 2 = 25mhz; v 2 = v 1 ; f 3 = 7mhz; v 3 = v 1 ; f test = f 1 + f 2 - f 3 = 31mhz. composite second order (cso) - the cso parameter (both sum and difference products) is defined by the ncta. composite triple beat (ctb) - the ctb parameter is d efined by the ncta. cross modulation (xmod) - cross modulation (xmod) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the carrier being tested.
rf micro devices inc . 7628 thorndike road, greensboro, nc 27409 - 9421 ds 14012 4 for sales or technical support, contact rfmd at +1.336.678.5570 or customerservice@rfmd.com . the information in this publication is believed to be accurate. however, no responsibility is assumed by rf micro devices, in c. ("rfmd") for its use, nor for any infringement of patents or other rights of third parties resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component ci rcuitry, recommended application circuitry and specifications at any time without prior notice. 3 of 3 R0605250 package drawing (dimensions in millimeters) 13, 4 1 2 3 5 7 8 9 r o q m 5 10mm 0 scale b n l f a d h ? g t s p j u i e c k european projection n o m i n a l m i n m a x a 4 4 , 6 0 , 2 4 4 , 4 4 4 , 8 b 1 3 , 6 0 , 2 4 4 , 4 1 3 , 8 c 2 0 , 4 0 , 5 1 9 , 9 2 0 , 9 d 8 0 , 1 5 7 , 8 5 8 , 1 5 e 1 2 , 6 0 , 1 5 1 2 , 4 5 1 2 , 7 5 f 3 8 , 1 0 , 2 3 7 , 9 3 8 , 3 g 4 + 0 , 2 / - 0 , 0 5 3 , 9 5 4 , 2 h 4 0 , 2 3 , 8 4 , 2 i 2 5 , 4 0 , 2 2 5 , 2 2 5 , 6 j u n c 6 - 3 2 - - k 4 , 2 0 , 2 4 , 0 4 , 4 l 2 7 , 2 0 , 2 2 7 , 0 2 7 , 4 m 1 1 , 6 0 , 5 1 1 , 1 1 2 , 1 n 5 , 8 0 , 4 5 , 4 6 , 2 o 0 , 2 5 0 , 0 2 0 , 2 3 0 , 2 7 p 0 , 4 5 0 , 0 3 0 , 4 2 0 , 4 8 q 2 , 5 4 0 , 3 2 , 2 4 2 , 8 4 r 2 , 5 4 0 , 5 2 , 0 4 3 , 0 4 s 2 , 5 4 0 , 2 5 2 , 2 9 2 , 7 9 t 5 , 0 8 0 , 2 5 4 , 8 3 5 , 3 3 u 5 , 0 8 0 , 2 5 4 , 8 3 5 , 3 3 p i n n a m e 1 i n p u t 2 - 3 g n d 4 5 + v b 6 7 - 8 g n d 9 o u t p u t pinning: notes:


▲Up To Search▲   

 
Price & Availability of R0605250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X