Part Number Hot Search : 
FST2045 M54566WP 2V473J0L 1040C R1002 SDB110Q 202157B SEL2610C
Product Description
Full Text Search
 

To Download PXD10-12S3P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  161 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ disclaimer: us.tdk-lambda.com/lp/legal.htm pxd series features u industry standard 2 x 1 footprint u six sided shielding u agency approved u 12v, 24v and 48v inputs u ul, csa, en, ce approvals u wide range input single and dual output 10 to 20w dc-dc converters notes: (1) to meet regulation & noise speci? cations. operat ion at zero load will not damage the device * see w ebsite for detailed speci? cations (2) 12uh source impedance in series with + input (3) positive logic standard on 20w (see options table). input current 2.5ma model pxd10 pxd15 pxd20 max output power 10w 15w 20w voltage accuracy 2% 1% 1% voltage adjustment (single output only) none none 10% minimum load, each output (1) 10% 10% single 0%; dual 10% line regulation 1% 1% 0.2% load regulation (10% to 100%) single output: 1% single output: 1% 0.5% dual output: 2% dual output: 2% cross regulation (25% to 100%) 5% ripple and noise single 50mv, dual 75mv single 75mv, dual 100mv start up time 20ms 10ms remote on/off (3) positive logic: on: open or 3.5-12v, off short or <1.2v negative logic: on: short or <1.2v, off: open or 3.5-12v temperature coef? cient <0.02%/c operating temperature see derating curves maximum case temperature 100c storage temperature -55 to 105c thermal shock mil-std-810d relative humidity 5 to 95% (non condensing) transient response (25% step load chg.) 500us recovery 500us recovery 300us recovery overvoltage protection (zener clamp) 1.5-3.3v: 3.9v, 5v: 6.2v, 12v: 15v, 15v: 18v overcurrent & short circuit protection typically at 150%, hiccup with self recovery input surge voltage (max. for 100ms) 12v input: 36v, 24v input: 50v, 48v input: 100v re? ected input ripple (peak to peak) (2) 30ma 20ma 20ma isolation voltage 1600vdc minimum isolation resistance 10 9 ohms minimum isolation capacitance (max) 300pf 1000pf typical switching frequency (fixed) 300khz single: 500khz 500khz dual: 300khz mtbf (bellcore tr-nwt-000332) 1,976,000 hours 2,041,000 hours 1,791,000 hours vibration 10 - 55hz, 2g, 30 minutes each x, y, z axis conducted and radiated emissions en55022 level a immunity en61000-4-2, -3, -4, -5, -6 pref criteria 2 safety agency approval iec60950-1, ul60950-1, en60950-1, ce mark (48v input only) size (l x w x h) 2x1x0.4 weight 0.95 oz (27g) warranty two year speci? cations key market segments & applications
162 1-800-526-2324 ? www.us.tdk-lambda.com/lp/ revision b1: may 2012 pxd series outline drawing derating curves for additional information, please visit us.tdk-lambda.com/lp/products/px-series.htm 2.00(50.8) 0.400 (10.16) 0.400 (10.16) 0.50 (12.7) 1.00(25.4) 0.100(2.54) 0.200(5.08) 0.800(20.32) 0.60(15.2) 0.22(5.6) 0.40 (10.2) dia. 0.04(1.0) 1 2 3 4 5 6 bottom view hapxd (includes thermal adhesive pad) hapxbdclip (two clips required when used) cc-e 1.5-30w, 5 to 48vdc input paq,pah,paf 50-700w quarter, half & full bricks heat sink (0.22 high) other industrial products output output output input volt (v) curr (a) power (w) volt (v) model eff.(%) 3.3 2.0 6.6 9 - 18vdc PXD10-12S3P3 80 3.3 2.0 6.6 18 - 36vdc pxd10-24s3p3 80 3.3 2.0 6.6 36 - 75vdc pxd10-48s3p3 79 3.3 5.0 16.5 9 - 18vdc pxd20-12s3p3 84 3.3 5.0 16.5 18 - 36vdc pxd20-24s3p3 86 3.3 5.0 16.5 36 - 75vdc pxd20-48s3p3 87 5 2.0 10 9 - 36vdc pxd10-24ws05 80 5 2.0 10 18 - 75vdc pxd10-48ws05 80 5 4.0 20 9 - 18vdc pxd20-12s05 87 5 4.0 20 18 - 36vdc pxd20-24s05 89 5 4.0 20 36 - 75vdc pxd20-48s05 89 12 0.83 10 9 - 36vdc pxd10-24ws12 82 12 0.83 10 18 - 75vdc pxd10-48ws12 84 12 1.67 20 9 - 18vdc pxd20-12s12 85 12 1.67 20 18 - 36vdc pxd20-24s12 87 12 1.67 20 36 - 75vdc pxd20-48s12 88 15 0.67 10 9 - 36vdc pxd10-24ws15 80 15 0.67 10 18 - 75vdc pxd10-48ws15 84 15 1.33 20 9 - 18vdc pxd20-12s15 85 15 1.33 20 18 - 36vdc pxd20-24s15 87 15 1.33 20 36 - 75vdc pxd20-48s15 87 dual outputs 5 1.5 15 9 - 18vdc pxd15-12d05 83 5 1.5 15 18 - 36vdc pxd15-24d05 84 5 1.5 15 36 - 75vdc pxd15-48d05 85 12 0.416 10 9 - 36vdc pxd10-24wd12 80 12 0.416 10 18 - 75vdc pxd10-48wd12 78 12 0.833 20 9 - 18vdc pxd20-12d12 86 12 0.833 20 18 - 36vdc pxd20-24d12 87 12 0.833 20 36 - 75vdc pxd20-48d12 88 15 0.333 10 9 - 36vdc pxd10-24wd15 80 15 0.333 10 18 - 75vdc pxd10-48wd15 81 15 0.667 20 9 - 18vdc pxd20-12d15 86 15 0.667 20 18 - 36vdc pxd20-24d15 87 15 0.667 20 36 - 75vdc pxd20-48d15 87 pxd10/pxd15 pxd20 pin# single dual single dual 1 +vin 2 -vin 3 +vout 4 no pin com trim com 5 -vout 6 remote on/off* remote on/off * optional, see table below. if not requested, pin is not ? tted. suf? x function -p* positive logic (* included in pxd20 models) -n negative logic example: pxd1548s12-n model selectorpinout remote on/off option 0 25 50 75 100 0 50 60 70 80 90 100 -40 -25 -10 pxd10**s** output power (%) 50 60 70 80 90 100 -40 -25 0 -10 25 50 75 100 0 pxd10***w** & pxd20 output power (%) 50 60 70 80 90 100 -40 -25 0 -10 25 50 75 100 0 pxd15 output power (%)


▲Up To Search▲   

 
Price & Availability of PXD10-12S3P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X