Part Number Hot Search : 
BU4219G MBR30100 A2511AQ 100010 CT373 8F004B MC141 80C32X2
Product Description
Full Text Search
 

To Download PIC-A1804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mar.201 5 pic- a 1 8 04/pic- a 1824 ` * 1 ???? ? ` ? I ?? ` i ???? th e pic - a1804/pic - a182 4 serie s a r e compac t typ e d etec t in g sensor s fo r a n optica l remo t e control, which integrated a signal processing circuit with a high-sensitive, high-speed response photodiode. ?? maximum ratings L features ? applications ???? electro-opticalcharacteristics Y??d ? ? ??gMi?? ? ??H?????_J ? t he con t en ts o f t h is d a t a s hee t are s ub j ec t t o change w it hou t ad v ance no ti ce f or t he purpo s e o f im pro v e m en t . w hen u si ng t h is pro d uc t , plea s e re f er t o t he la t e st s pec ifi ca ti on s . te2 th2 tm2 sr sm lm lu 1. a1804 a 1824 ?T??????? a 1804 s er i e s an d a 1824 s er i e s are s a m e i n s hape s , d im en si on s , and charac t er isti c s , ju st d i f f eren t i n t he pin arrange m en t . item symbol rating unit topr. -10+60 ta25 1. Y?o no dew 2. `? 2mmx???5??rg?I???? soldering should be within 5 seconds (max), including solder correcting time, at 2 mm from lead foundation. tsol. 260 soldering temp. storage temp. v r 5.5 power supply voltage v ?? ? R tstg. -20+75 storage temp. ta25 M current consumption icc no signal 1.0 ma ` L peak wavelength p no signal 940 nm ? { tuning fequency fo 36.7/37.9/40.0 khz h R h level output voltage voh 4.5 v ? R l level output voltage vol 0.5 v h ? h le v el ou t pu t p ul s e widt h twh 400 800 s item symbol conditions typ. min. max. unit l ? l level output pulse width tw half angle _ x d ist ance b e t ween emit er & de t ec t o r 400 10 800 s m deg. 45 by our typical projector by our typical projector by our typical projector by our typical projector by our typical projector x,y direction optic receiver module ???` pi c-a1804 a1824 se r ie s *2 *1 optical emote control ? high noise immunity ?X compact and lightweight design Lx? long distance detecting ? various shapes of package ? { ? tuning frequency: 36.7/37.9/40.0 khz
mar.2015 Y??d ? ? ??gMi?? ? ??H?????_J ? t he con t en ts o f t h is da t a s hee t are s u bj ec t t o change w it hou t ad v ance no ti ce f or t he purpo s e o f im pro v e m en t . w hen u si ng t h is pro d uc t , plea s e re f er t o t he la t e st s pec ifi ca ti on s . optic receiver module ???` _x/???l/ta _x/??R?l/vcc ? _x/led?l/ifp _x/??l/fo 1 ) r s ( v c c ? ) : 1 0 0 o h m ~ 4 7 0 o h m ( t y p . 1 0 0 o h m ) 2 ) c p 1 ( v c c - g n d g K c o n d e n s e r ) : 4 7 u f ~ ( t y p . 1 0 0 u f ) 3 ) r p ( v c c - v o u t g p u l l u p ) : o p t i o n a l ( ? r = 1 0 k o h m ) 4 ) c p 2 ( v c c - g n d g K c o n d e n s e r ) : o p t i o n a l ( ? r = 1 0 0 p f ) t r a n s m i t t e r v c c g n d v c c g n d v o u t c p 1 r s r e c e i v e r m o d u l e r p m i c o m c p 2 ?X ? p ? g ? p u t d e c o u p l i n g d e v i c e b e t w e e n v c c a n d g n d f o r r e d u c e t h e n o i s e f r o m p o w e r s u p p l y l i n e . 0 0 5 10 15 20 m 0.2 0 .4 0.6 0 .8 _x l reception distance ledi fp supply current el-il2? 0 3 0 3 2 3 4 3 6 3 8 4 0 4 2 _ x l r e l a t i v e r e c e p t o i n d i s t a n c e f o f r eq u e n c y 0 4 . 5 5 5 . 5 _ x l ? R v c c p o w e r s u p p l y v o l t a g e 0 0 . 2 0 . 4 0 . 6 0 . 8 1.0 1 . 2 - 1 0 0 1 0 2 0 3 0 4 0 5 0 6 0 _ x l r e l a t i v e r e c e p t o i n d i s t a n c e t a a m b i e n t t e m p e r a t u r e khz v ta=25 ta=25 ta=25 r e l a t i v e r e c e p t o i n d i s t a n c e 1 0 0 1 0 0 + 1 0 0 0 - 1 0 0 5 0 5 0 r e l a t i v e s e n s i t i v i t y a n g l e a ta=25 0 . 2 0 . 4 0 . 6 0 . 8 1.0 1 . 2 0 . 2 0 . 4 0 . 6 0 . 8 1.0 1 . 2 pin arrangement PIC-A1804 series : vout gnd vcc pic-a1824 series/pic-a1814 series : vout vcc gnd pi c-a1804 a1824 se r ie s + 80 + 60 + 40 + 20 0 -20 -40 -60 -80
mar.2015 ? /a reference I M ` / s a l e s w e s t I M ` | / s a l e s e a s t t e l 0 7 7 4 - 2 0 - 3 5 5 9 f a x 0 7 7 4 - 2 4 - 1 0 3 1 t e l 0 3 - 6 4 5 5 - 0 2 8 0 f a x 0 3 - 3 4 6 1 - 1 5 6 6 url http://www.kodenshi.co.jp Y??d ? ? ??gMi?? ? ??H?????_J ? t he con t en ts o f t h is da t a s hee t are s ub j ec t t o change w it hou t ad v ance no ti ce f or t he purpo s e o f im pro v e m en t . w hen u si ng t h is pro d uc t , plea s e re f er t o t he la t e st s pec ifi ca ti on s . ? dimensionsunit : mm PIC-A1804lm/a1824lm PIC-A1804lu/a1824lu PIC-A1804sm/a1824sm PIC-A1804sr/a1824sr PIC-A1804te2/a1824te2 PIC-A1804th2/a1824th2 PIC-A1804tm2/a1824tm2 0.4 2.3 1.5 1.9 3.7 ( 5.3 ) 7 0.5 7.9 9.6 7.4 2.54 2.54 max 1 min 15.6 g 2-1.42.4 3.75 6.7 4.1 3.5 1.2 2 3.5 15.6 7.4 7.9 1 2.54 2.54 0.5 2.54 2.54 3-0.8 7.6 3.75 1.5 13 r 2 10.3 5.1 0.4 4.6 2 3.4 r2.2 r1 8 max 1 1.9 1.5 2.54 2.54 0.4 2.3 3.7 ( 5.3 ) 7 0.5 7.9 9.6 7.4 7.41 max 1 g r4 2-1.42.4 2.54 2.54 3-1 r2.2 r1 2.1 2.54 2.54 7.41 4 0.8 0.5 0.4 4 4 2 7.9 9 7.6 4 1.5 8.1 7.4 3.5 2 1.2 9 max 1 0.6 0.6 2.3 2.54 2.54 r2.2 1.35 7.4 1 0.5 7.9 ( 5.2 ) 16 0.4 3.8 1.4 2.3 2 5 7.2 2 3.5 1.2 16 max 1 max 10 min 19 0 . 5 1 1 . 5 r2. 2 2 . 3 0 . 6 0 . 6 m a x 1 0 0 . 4 2 . 3 2 . 5 4 2 . 5 4 m a x 1 7 . 4 1 0 . 7 5 7 . 2 1 . 9 5 2 . 5 4 2 . 5 4 3 . 8 3 . 8 7 . 9 7 . 2 2 3 . 5 1 . 2 2 5 1 1 . 5 ( 5 . 2 ) 3 . 8 1 . 4 1. 3 5 3 . 6 3 - 0 . 8 o p t ica l c ent e r 3.8 ( 5.3 ) 1.4 0.4 7.2 0.5 7.4 7.9 2.6 5.3 2.3 200.5 2.3 2.54 2.54 max 1 m a x1 0 pcb layout ( s older s ide ) * 1 pcb l ayout ( solder s i de ) * 1 pcb l ayout ( solder s i de ) * 1 2-1.42.4 0 . 7 5 7 . 2 1 . 9 5 2 . 5 4 2 . 5 4 3 . 8 3 . 8 3 - 0 . 8 o p t i c a l c e n t e r pcb layout (solder side ) * 1 2-1.42.4 lm:long lead/side view lu:long lead/side view sr:short lead/side view sm:short lead/side view tm2:forming lead/top vie w th2:forming lead/to p vie w te2:forming lead/top vie w * 2 .`?`????`???g? shield case should be grounded on pcb pattern. * 1 . ?? ?{????(1=40.0khz/ 2 36.7khz/3 37.9khz) of the type number contains a number to express the tuning fr equency. ( 1=40.0khz/ 2 36.7khz/3 37.9khz) PIC-A1804 : vout gnd vcc pic-a1824 : vout vcc gnd ???` pi c-a1804 a1824 se r ie s optic receiver module


▲Up To Search▲   

 
Price & Availability of PIC-A1804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X