Part Number Hot Search : 
1C102 STUS021 2HR5201P V585M CH5008 E001003 29F016 2300S
Product Description
Full Text Search
 

To Download MTB20N04J3-0-T3-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 1/9 mtb20n04j3 cystek product specification n -channel enhancement mode power mosfet mtb20n04j3 features ? low gate charge ? simple drive requirement ? pb-free lead plating package equivalent circuit outline ordering information device package shipping MTB20N04J3-0-T3-G to-252 (pb-free lead plating and halogen-free package) 2500 pcs / tape & reel mtb20n04j3 to-252(dpak) g gate d drain s source bv dss 40v i d @v gs =10v, t c =25 c 23a i d @v gs =10v, t c =100 c 16.3a 17.5m v gs =10v, i d =10a r dson(typ) v gs =4.5v, i d =8a 20.8m g d s environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t3 : 2500 pcs / tape & reel, 13? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 2/9 mtb20n04j3 cystek product specification absolute maximum ratings (t c =25c, unless otherwise noted) parameter symbol limits unit drain-source voltage v ds 40 gate-source voltage v gs 20 v continuous drain current @ t c =25 c, v gs =10v i d 23 continuous drain current @ t c =100 c, v gs =10v i d 16.3 pulsed drain current *1 i dm 92 avalanche current i as 18 a avalanche energy @ l=1mh, i d =18a, r g =25 e as 162 mj total power dissipation @t c =25 30 total power dissipation @t c =100 p d 15 w operating junction and storage temperature range tj, tstg -55~+175 c note : *1 . pulse width limited by maximum junction temperature *2. duty cycle 1% thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 5 thermal resistance, junction-to-ambient, max r th,j-a 62.5 c/w characteristics (tc=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 40 - - v gs =0v, i d =250 a v gs(th) 1 - 2.5 v v ds =v gs , i d =250 a i gss - - 100 na v gs = 20v, v ds =0v - - 1 v ds =40v, v gs =0v i dss - - 10 a v ds =32v, v gs =0v, t j =125 c - 17.5 23 v gs =10v, i d =10a r ds(on) *1 - 20.8 30 m v gs =4.5v, i d =8a g fs *1 - 14 - s v ds =5v, i d =10a dynamic qg *1, 2 - 19.4 - qgs *1, 2 - 2.7 - qgd *1, 2 - 4 - nc v ds =20v, i d =10a, v gs =10v t d(on) *1, 2 - 8 - tr *1, 2 - 16.8 - t d(off) *1, 2 - 42.6 - t f *1, 2 - 7.8 - ns v ds =20v, i d =1a, v gs =10v, r g =6 ciss - 876 - coss - 93 - crss - 78 - pf v gs =0v, v ds =10v, f=1mhz rg - 3.6 - f=1mhz
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 3/9 mtb20n04j3 cystek product specification source-drain diode i s *1 - - 23 i sm *3 - - 92 a v sd *1 - 0.74 1 v i f =1.3a, v gs =0v trr - 10.1 - ns qrr - 6.5 - nc i f =5a, di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature. recommended soldering footprint
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 4/9 mtb20n04j3 cystek product specification typical characteristics typical output characteristics 0 10 20 30 40 50 60 024681 0 brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 200 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage 10v , 9v , 8v , 7v , 6v , 5v , 4v v ds , drain-source voltage(v) i d , drain current (a) 3.5v 3v i d =250 a, v gs =0v v gs =2.5v static drain-source on-state resistance vs drain current 10 100 0.01 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =4.5v v gs =10v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 0246810 i dr , reverse drain current(a) v sd , source-drain voltage(v) v gs =0v tj=25c tj=150c static drain-source on-state resistance vs gate-source voltage 0 100 200 300 400 500 600 700 800 900 1000 024681 v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) 0 i d =10a drain-source on-state resistance vs junction tempearture 0 0.4 0.8 1.2 1.6 2 2.4 -75 -50 -25 0 25 50 75 100 125 150 175 200 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =10a r ds( on) @tj=25c : 17.5m typ.
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 5/9 mtb20n04j3 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 10 100 1000 10000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.2 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 200 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a i d =1ma forward transfer admittance vs drain current 0.01 0.1 1 10 0.001 0.01 0.1 1 10 i d , drain current(a) g fs , forward transfer admittance(s) ta=25c pulsed v ds =10v gate charge characteristics 0 2 4 6 8 10 048121620 qg, total gate charge(nc) v gs , gate-source voltage(v) v ds =20v i d =10a maximum safe operating area 0.01 0.1 1 10 100 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) t c =25c, tj=175c v gs =10v, jc =5c/w single pulse dc 100ms r dson limited 1s 100 s 1ms 10ms maximum drain current vs case temperature 0 5 10 15 20 25 25 50 75 100 125 150 175 200 t c , case temperature(c) i d , maximum drain current(a) v gs =10v, r jc =5c/w
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 6/9 mtb20n04j3 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 10 20 30 40 50 60 0246810 v gs , gate-source voltage(v) i d , drain current(a) v ds =10v single pulse power rating, junction to case 0 100 200 300 400 500 600 700 800 900 1000 0.001 0.01 0.1 1 10 100 1000 pulse width(s) power (w) t j(max) =175c t c =25c jc =5c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r jc (t)=r(t)*r jc 2.duty factor, d=t 1 /t 2 3.t jm -t c =p dm *r jc (t) 4.r jc =5 c/w
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 7/9 mtb20n04j3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 8/9 mtb20n04j3 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c978j3 issued date : 2015.01.05 revised date : page no. : 9/9 mtb20n04j3 cystek product specification to-252 dimension marking: device n ame date code b20 n04 1 2 3 4 style: pin 1.gate 2.drain 3.source 4.drain 3-lead to-252 plastic surface mount package cystek package code: j3 inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.086 0.094 2.186 2.386 a1 0.000 0.005 0.000 0.127 e1 0.172 0.188 4.372 4.772 b 0.039 0.048 0.990 1.210 h 0.163 ref 4.140 ref b 0.026 0.034 0.660 0.860 k 0.190 ref 4.830 ref b1 0.026 0.034 0.660 0.860 l 0.386 0.409 9.800 10.400 c 0.018 0.023 0.460 0.580 l1 0.114 ref 2.900 ref c1 0.018 0.023 0.460 0.580 l2 0.055 0.067 1.400 1.700 d 0.256 0.264 6.500 6.700 l3 0.024 0.039 0.600 1.000 d1 0.201 0.215 5.100 5.460 p 0.026 ref 0.650 ref e 0.236 0.244 6.000 6.200 v 0.211 ref 5.350 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing spec ification or packing method, please cont act your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB20N04J3-0-T3-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X