Part Number Hot Search : 
LB540Z MD180 BAS40 BYV95B EMK23 BGO847 P4SMBJ P4SMBJ
Product Description
Full Text Search
 

To Download MN83951 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for information equipment MN83951 tft lcd panel controller overview the MN83951 is a timing controller for displaying an analog video signal on a tft color liquid crystal display panel in such applications as lcd television sets and video cameras. features support for both composite color sync input and separate color sync input horizontal and vertical position adjustment functions ? horizontal: 4 bits (range: approximately 4 m s) ? vertical: 3 bits (range: 7 h) wide panel support ? three side blackout modes ? simple zoom mode (support for both normal and reverse scans) support for both single- and two-sided source driver configurations support for both pal and ntsc systems (decimation mode only for pal) support for underside on screen display(uons) on/off function for shifting output timing by half a pixel clock cycle applications lcd television sets and video cameras pin assignment syncin hdbin side2 side1 vdbin hout vdo blk vpos3 vpos2 vpos1 zoom vcoi v dd 6/3 pd qhsel cphsel halfshift cph1 cph5 cph2 cph6 cph3 cph4 sth oh oeh stv oev1 oev2 oev3 cpv int/ext pol u/d vcoo v ss reset hdot1 uons hpos4 hpos3 hpos2 hpos1 pn1 v dd v ss 37 38 39 40 41 42 43 44 45 46 47 48 1 2 3 4 5 6 7 8 9 10 11 12 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 (top view) qfh048-p-0707 never leave v dd and v ss pins open. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
MN83951 for information equipment block diagram phase shifter and selector phase comparator s s cph4 (sth2) s s tff field discrimi- nator selector vertical decoder vertical countdown equalization pulse elimination counter pulse width adjustment waveform shaper horizontal decoder horizontal counter tff black decoder decimation and zoom control frequency divider voltage-controlled oscillator d q r r s v sync sep. 24 23 sth 22 qh 21 oeh 20 stv 19 oev1 18 oev2 oev3 17 cpv 16 int/ext 15 pol 14 u/d(stvsel) 13 vcoo 37 gnd(a) 38 reset 39 hdoti 40 uons 41 hpos4 42 hpos3 43 hpos2 44 hpos1 45 pni 46 sync in hdb in 1 2 3 4 5 6 7 8 9 10 11 12 side2 side1 vdb in hout vdo blk vpos3 vpos2 vpos1 zoom vcoi v dd (a) 6/3 (qvd) pd fvco qh sel cph sel half shift cph1 cph5 (rl) cph2 cph6 (stv2) cph3 signal flow control flow note: the above is a bottom view. 25 26 27 28 29 30 31 32 33 34 35 36 v dd (d) 47 gnd(d) 48 60% maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
for information equipment MN83951 pin descriptions pin no. internal symbol pin name i/o function description resistor 1 none sync in composite color sync input i ? composite color sync signal (sync "h" level) 2 none hdbin horizontal sync input i ? (sync "l" level) 3 pd side2 i 4 pd side1 i 5 none vdb in vertical sync input i ? (sync "l" level) 6 hout horizontal sync output o ? this pin provides the horizontal sync signal obtained by removing the equalization and the cut pulses for vertical synchronization from the composite color sync signal. 7 vdo vertical sync output o ? the pulse from this pin falls with the horizontal sync pulse of pin 6 following a falling edge of pin 5 pulse and rises after 3-h pulse width. 8 blk black signal output o ? in the side blackout and underside on screen (uons) modes, this pin provides "h" level pulses synchronized with the black and on- screen timing. 9 pd vpos3 ver tical display position selection i these pins control the position of the stv 10 pd vpos2 (these change the stv position.) i r ising edge after the vdo falling edge. 11 pd vpos1 i ntsc ? 12h+(7Cvpos1C2 vpos2C4 vpos3)h in the zoom mode, the interval is 31 h. pa l ? 24h+(7Cvpos1C2 vpos2C4 vpos3)h in the zoom mode, the interval is 35 h. 12 pd zoom zoom control i ntsc ("h" level selects zoom mode.) ? the controller selects two scan lines every 3h. pa l ? the controller deactivates decimation and simultaneously selects two scan lines at (6n+1) h. 13 pu u/d scan direction control i ? in the zoom mode, the controller ("h" level selects normal scan.) switches pulses of oev1 - oev3. ? when halfshift is at "h" level, this pin functions as stvsel. side blackout control pins side2 0 1 0 1 side1 0 0 1 1 1 2 3 normal side 4 : 3 4 : 3 4 : 3 on-screen display or single-edge blackout side side double-edged blackout 1 2 3 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
MN83951 for information equipment pin descriptions (continued) pin no . internal symbol pin name i/o function description resistor 14 pol pulses switching image polarity and o ? pulses sent to chroma ic for opposing voltage controlling image polarity and opposing electrode. the level changes at the rising edge of oeh. 15 pu int/ext internal/external synchronization i ? "h" level selects composite color sync mode; selection "l" level, separate color sync mode. 16 cpv gate driver clock pulses o ? clock pulses for shift registers inside gate driver ics 17 oev3 gate driver output stage enable pulses o ? "h" level output from these pins 18 oev2 (selective stage output: o forces the gate driver ic output 19 oev1 "h" level for vgl; "l" level for vgh) o buffers to vgl. ? these pins are used during pal decimation and in the zoom mode. ? "l" level input from pin 39 (reset) forces all three pins to "h" level. 20 stv gate driver scan start pulses o ? these pulses start the shift registers inside the gate driver ics. they are 1 h wide and change levels at the falling edge of cpv. 21 oeh source driver output stage o ? these pulses determine the timing enable pulses with which the source drivers write image data to the lcd panel. the period is 1 h; the pulse width, 8 m s. 22 qh color data switching pulses to o ? this pin controls switching of color source drivers data to source driver ics. pin 32 controls the order. 23 sth source driver start pulses o ? these pulses start the shift registers inside the source driver ics. they are 1 cph wide and change levels at the falling edge of cph1. 24 cph4 source driver clock pulses 4/source o driver start pulses 2 25 cph3 source driver clock pulses 3 o 26 cph6 source driver clock pulses 6/source o driver start pulses 2 27 cph2 source driver clock pulses 2 o 28 cph5 source driver clock pulses 5/sth i/o switching signal 29 cph1 source driver clock pulses 1 o when pins 30 and pins 34 are both "l" level, the controller delivers clock pulses only to cph1 - cph3 and drives cph4 - cph6 at "l" level. when pins 30 and pins 34 are both "h" level, the controller alternates the cph1 - cph3 outputs between the cph1 - cph3 and cph4 - cph6 phase clock patterns every 1 h. (1) (2) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
for information equipment MN83951 pin descriptions (continued) pin no. internal symbol pin name i/o function description resistor 30 pd half controlling timing shift of half a i ? the pin provides a means of shift output shift pixel clock cycle timing for alternate lines by half a pixel ("h" level selects shifting.) clock cycle to drive a delta panel layout. 31 pd cph sel cph pulse phase switching i ? when the frequency divider is sixCthat is, pin 34 is at "h" levelCthis pin switches between the cph1 - cph3 and cph4 - cph6 phase clock patterns. 32 pd qh sel qh output switching i ? this pin determines the order in which the color data switching pulses (qh from pin 22) to the source driver ics. 33 pd phase comparator output o ? t his pin provides output from the phase comparator using an edge trigger. 34 none 6/3 (qvd) frequency divider doubler i ? this pin determines the frequency divider ("h" level input doubles the divider ratio to cph from fvco, the fundamental ratio from 3 to 6.) frequency for the voltage-controlled oscillator: 6 for "h" level input and 3 for "l" level input. ? when pin 30 is at "h" level, this pins serves as the qvd input pin. 35 v dd (a) power supply for analog ? this is the power supply for the voltage- circuits: 3 v controlled oscillator, clock frequency divider, and cph generator. 36 vco i vco input i ? oscillator signal input for vco 37 vco o vco output o ? oscillator signal output for vco 38 gnd (a) ground for analog circuits ? this is the ground for the voltage- controlled oscillator, clock frequency divider, and cph generator. 39 pu reset reset ("l" level input selects i ? this signal resets internal counters, flip- reset mode.) flops, and other components. the pull-up resistance is between 50 k w and 500 k w . 40 pu hdoti switching number of panel dots i ? in combination with pins 30 and 34, this pin in the horizontal direction controls the horizontal frequency divider ratio to match the number of panel dots in the horizontal direction. ? for delta layouts, dot counts of 480, 600, 960, and 1200 are supported. ? for striped layouts, dot counts of 960 and 1200 are supported. 41 pd uons controlling underside on i ? this mode switches the bottom 30 screen (uons) mode ("h" level lines to an on-screen display mode. selects uons mode.) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
MN83951 for information equipment pin descriptions (continued) pin no. internal symbol pin name i/o function description resistor 42 pd hpos4 horizontal pixel position i these pins determine the lag between the to to (sth position) rising edge of the sync in signal and the 45 hpos1 sth rising edge: (assuming that the synchronization separation delay is 1.1 m s) ? ntsc: 7.3 m s+(15Chpos1C2 hpos2 C4 hpos3C3 hpos4) 0.3125 m s ? pal: 8.0 m s+(15Chpos1C2 hpos2 C4 hpos3C3 hpos4) 0.3125 m s 46 pd pn1 pal/ntsc switch i ? "h" level input selects pal mode ("l" level selects ntsc mode.) with decimation at the rate of one line in eight. 1st: (8n+2) h, 2nd: (8n+5) h 47 v dd power supply for digital circuits: 3 v ? power supply for digital circuits 48 gnd ground for digital circuits ? ground for digital circuits maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
for information equipment MN83951 package dimensions (unit:mm) qfh048-p-0707 0.5 0.2 ?.1 0.5 ?.2 (0.75) (0.75) 1 12 13 48 37 7.0 ?.2 7.0 ?.2 2.9 max. 2.5 ?.2 0.1 ?.1 9.0 ?.2 9.0 ?.2 36 25 24 seating plane 0 to 10 (1.0) 0.1 0.15 +0.10 - 0.05 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of MN83951

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X