Part Number Hot Search : 
0504A1 FQI44N10 TPD2E001 ATMEGA32 HT17E AAT31 BA546 2SK1774
Product Description
Full Text Search
 

To Download MBRB10100CT-4W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr10xxx-e3, mbrf10xxx-e3, mbrb10xxx-e3 www.vishay.com vishay general semiconductor revision: 11-sep-13 1 document number: 89034 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high voltage trench mos barrier schottky rectifier features ? trench mos schottky technology ? lower power losses, high efficiency ? low forward voltage drop ? high forward surge capability ? high frequency operation ? meets msl level 1, per j-st d-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s, per jesd 22-b106 (for to-220ac and ito-220ac package) ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications for use in high frequency rect ifier of switching mode power supplies, freewheeling diodes, dc /dc converters or polarity protection application. mechanical data case: to-220ac, ito-220ac, to-263ab molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs-co mpliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? e3 suffix meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum ? ? ? primary characteristics i f(av) 10 a v rrm 90 v, 100 v i fsm 150 a v f 0.65 v t j max. 150 c package to-220ac, ito-220ac, to-263ab diode variatio ns single die case pin 2 pin 1 mbr1090 mbr10100 mbrb1090 mbrb10100 pin 1 pin 2 k heatsink 1 2 1 2 k mbrf1090 mbrf10100 pin 2 pin 1 to-263ab to-220ac ito-220ac tmbs ? 1 2 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol mbr1090 mbr10100 unit maximum repetitive pe ak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t c = 133 c i f(av) 10 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 150 a non-repetitive avalanche energy at t j = 25 c, l = 60 mh e as 130 mj peak repetitive reverse current at t p = 2 s, 1 khz, ? t j = 38 c 2 c per diode i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10 000 v/s isolation voltage (ito-220ac only) from terminal to heatsink t = 1 min v ac 1500 v operating junction and storage temperature range t j , t stg -65 to +150 c
mbr10xxx-e3, mbrf10xxx-e3, mbrb10xxx-e3 www.vishay.com vishay general semiconductor revision: 11-sep-13 2 document number: 89034 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-repetitive peak forward surge current electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol max. unit maximum instantaneous forward voltage i f = 10 a t c = 25 c v f (1) 0.80 v i f = 10 a t c = 125 c 0.65 i f = 20 a t c = 125 c 0.75 maximum reverse current per at working peak reverse voltage t j = 25 c i r (2) 100 a t j = 125 c 6.0 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance r ? ja 60 - 60 c/w r ? jc 2.0 3.5 2.0 ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ac mbr10100ct-e3/4w 1.845 4w 50/tube tube ito-220ac mbrf10100ct-e3/4w 1.661 4w 50/tube tube to-263ab mbrb10100ct-e3/4w 1.384 4w 50/tube tube to-263ab mbrb10100ct-e3/8w 1.384 8w 800/reel tape and reel 0 2 4 6 10 0 50 100 150 8 a v erage for w ard c u rrent (a) case temperat u re (c) resisti v e or ind u cti v e load 40 60 100 8 0 140 120 160 1 100 10 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
mbr10xxx-e3, mbrf10xxx-e3, mbrb10xxx-e3 www.vishay.com vishay general semiconductor revision: 11-sep-13 3 document number: 89034 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical junction capacitance fig. 6 - typical transient thermal impedance fig. 7 - typical transient thermal impedance 0 0.2 0.1 0.5 1.0 0.4 0.3 1 100 10 0.01 0.1 0.6 0.7 0. 8 0.9 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 150 c t j = 125 c t j = 25 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent (ma) 20 10 100 40 60 8 0 1 10 0.01 0.1 100 0.001 30 50 70 90 t j = 150 c t j = 125 c t j = 25 c 1 10 100 1000 10 000 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 0.01 10 1 100 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbr(b) 0.1 10 1 100 1 10 0.001 0.1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbrf 0.01
mbr10xxx-e3, mbrf10xxx-e3, mbrb10xxx-e3 www.vishay.com vishay general semiconductor revision: 11-sep-13 4 document number: 89034 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) ? 0.154 (3.91) 0.14 8 (3.74) dia. 0.113 (2. 8 7) 0.103 (2.62) 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.160 (4.06) 0.140 (3.56) 0.037 (0.94) 0.027 (0.6 8 ) 0.205 (5.20) 0.195 (4.95) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 12 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.105 (2.67) 0.095 (2.41) 0.635 (16.13) 0.625 (15. 8 7) 0.603 (15.32) 0.573 (14.55) pi n 0.415 (10.54)max. 0.370 (9.40) 0.360 (9.14) 0.057 (1.45) 0.045 (1.14) case pi n 2 pi n 1 to-220ac ito-220ac pi n 1 2 0.025 (0.64) 0.015 (0.3 8 ) 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.076 (1.93) ref. 45 ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.191 (4. 8 5) 0.171 (4.35) 0.057 (1.45) 0.045 (1.14) 0.671 (17.04) 0.651 (16.54) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 7 ref. 7 ref. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.140 (3.56) dia. 0.125 (3.17) dia. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 0.3 8 0 (9.65) 0.41 1 (10.45) 0.320 ( 8 .13) 0.360 (9.14) 0.591(15.00) 0.624 (15. 8 5) 1 2 0.245 (6.22) mi n k k 0.160 (4.06) 0.190 (4. 8 3) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.110 (2.79) 0.090 (2.29) 0.047 (1.19) 0.055 (1.40) 0 to 0.01 (0 to 0.254) 0.027 (0.6 8 6) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) to-263ab 0.105 (2.67) 0.0 8 (0.095) (2.41) (2.032) 0.42 (10.66) 0.670 (17.02) 0.591 (15.00) 0.15 (3. 8 1) 0.33 ( 8 .3 8 ) mountin g pad layout mi n . mi n . mi n . mi n .
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? mbr10100/45? mbrb10100-e3/8w? mbrf1090-e3/4w? mbrb10100/31? mbr10100-e3/4w? mbr1090-e3/4w? mbrb10100-e3/4w? mbrb1090-e3/4w? mbrb1090-e3/8w? mbrf10h45-e3/45? mbrf10100-e3/4w? si1563edh-t1


▲Up To Search▲   

 
Price & Availability of MBRB10100CT-4W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X