Part Number Hot Search : 
EC100 1N414 MC344 EC21QS10 BCPC020 IA59032 1N5406 5777M
Product Description
Full Text Search
 

To Download MAAM-011177-TR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 1 features ? 26 db gain, 45 - 1200 mhz applications ? 28 db gain, 45 - 1000 mhz applications ? 24 v dc supply ? differential inputs and outputs ? low distortion ? lead - free tssop - 16ld - ep package ? halogen - free green mold compound ? rohs* compliant description the maam - 011177 is a broadband gaas mmic differential amplifier in a lead - free tssop - 16ld - ep package. it is designed for integration in a 75 push - pull, low - distortion amplifier circuit. this amplifier is ideally suited for use in catv applications where low noise figure and low distortion are required. pin no. pin name description 1 dc bias a amp1a dc bias 2 rf out 1a amp1a rf out 3 n/c no connection 4 rf in 1a amp1a rf in 5 rf in 1b amp1b rf in 6 i set current set 7 rf out 1b amp1b rf out 8 dc bias b amp1b dc bias 9 rf in 2b amp2b rf in 10 n/c no connection 11 rf out 2b amp2b rf out 12 n/c no connection 13 n/c no connection 14 rf out 2a amp2a rf out 15 n/c no connection 16 rf in 2a amp2a rf in 17 paddle 4 rf and dc ground pin configuration 3 ordering information 1,2 part number package maam - 011177 bulk packaging maam - 011177 - tr1000 1000 piece reel maam - 011177 - tr2500 2500 piece reel maam - 011177 - 1smb sample test board 3. macom recommends grounding pin 3 and floating (leaving unconnected) pins 10, 12, 13, and 15. 4. the exposed pad centered on the package bottom must be connected to rf, dc and thermal ground. functional schematic * restrictions on hazardous substances, european union directive 2011/65/eu. 1. reference application note m513 for reel size information. 2. all sample boards include 5 loose parts. d c b i a s a 1 2 3 4 5 9 8 1 3 7 6 1 0 1 4 1 5 1 6 1 1 1 2 r f o u t 1 a n / c r f i n 1 a r f i n 1 b i s e t r f o u t 1 b d c b i a s b r f i n 2 a n / c r f o u t 2 a n / c n / c r f o u t 2 b n / c r f i n 2 b
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 2 parameter test conditions units min. typ. max. gain 45 mhz 1000 mhz 1200 mhz db 24.0 25.0 25.0 25.0 26.0 26.4 gain slope db 1.4 noise figure 45 mhz 1200 mhz db 4.5 4.0 reverse isolation db 36 input return loss 45 C 1200 mhz db 17 19 output return loss 45 C 1200 mhz db 18 20 p1db 1200 mhz dbm 24.5 oip3 1200 mhz, 6 mhz spacing, +15 dbm p out per tone dbm 43 oip2 1200 mhz, 6 mhz spacing, +15 dbm p out per tone dbm 63 ctb 6 79 ntsc vo = +44 dbmv flat 79 ntsc + 75 atsc v o = +44 dbmv flat dbc - 74 - 72 - 68 cso 6,7 79 ntsc vo = +44 dbmv flat 79 ntsc + 75 atsc v o = +44 dbmv flat dbc - 75 - 75 - 67 xmod 6 79 ntsc v o = +44 dbmv flat 79 ntsc + 75 atsc v o = +44 dbmv flat dbc - 65 - 64 ccnr 6 79 ntsc + 75 atsc v o = +44 dbmv flat dbc 68 i dd +24 volts ma 265 280 electrical specifications 5 : freq: 45 - 1200 mhz, t a = 25c, v dd = 24 v, z 0 = 75 5. see off - chip component values: 45 - 1200 mhz applications for the sample board bom which corresponds to these specifications. 6. digital channels are - 6 db relative to analog channels. 7. see typical performance curves for frequency response of csol and csoh.
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 3 handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electricity. proper esd control techniques should be used when handling these devices. an external protection circuit using an inexpensive anti - parallel diode pair can be used to protect the ic. please reference application note an3028 on http://www.macom.com for further detail. absolute maximum ratings 8,9,10 parameter absolute maximum rf input power 2 dbm voltage 30 volts operating temperature - 4 0 c to +110 c junction temperature 11 + 160 c storage temperature - 65 c to +150c 8. exceeding any one or a combination of these limits may cause permanent damage to this device. 9. macom does not recommend sustained operation near these survivability limits. 10. operating at nominal conditions with t j < +160 c will ensure mttf > 1 x 10 6 hours. 11. junction temperature (t j ) = t c + ? jc * (v * i) typical thermal resistance ( ? jc) = 5.5 c/w. a) for t c = 25c, t j = 60c @ 24 v, 265 ma b) for t c = 110c, t j = 145 c @ 24 v, 265 ma
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 4 gain typical performance curves: 45 - 1200 mhz applications output return loss input return loss gain to 2 ghz reverse isolation noise figure -40 -30 -20 -10 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) 0 5 10 15 20 25 30 35 0.0 0.5 1.0 1.5 2.0 +25c -40c +85c frequency (ghz) 15 20 25 30 35 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) -40 -30 -20 -10 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) -60 -50 -40 -30 -20 -10 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) 0 2 4 6 8 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz)
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 5 ctb typical distortion performance curves: 79 ntsc v 0 = +44 dbmv flat @ +25c csoh csol xmod -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz)
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 6 6 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 6 ctb typical distortion performance curves: 79 ntsc + 75 atsc v 0 = +44 dbmv flat @ +25c csoh csol xmod ccnr -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) 60 65 70 75 80 85 90 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz)
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 7 7 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 7 off - chip component values: 45 - 1200 mhz applications component value package qty vendor part number c1 - c10 0.01 f 0402 10 murata grm155r71h103ka88d c11 0.5 pf 0402 1 avx accu - p 04023j0r5ab c12 0.4 pf 0402 1 avx accu - p 04023j0r4ab c13 0.2 pf 0402 1 avx accu - p 04023j0r2ab c14 0.8 pf 0402 1 avx accu - p 04023j0r8ab c15, c16 1.2 pf 0402 2 avx accu - p 04023j1r2ab c17 0.1 pf 0402 1 avx accu - p 04023j0r1ab l1 - l4 15 nh 0402 4 coilcraft 0402cs - 15nxjl l5, l6 3.9 nh 0402 2 coilcraft 0402cs - 3n9xjl l7 0 0402 1 short not used l8 3.3 nh 0402 1 coilcraft 0402cs - 3n3xjl l9, l10 2 nh 0402 2 coilcraft 0402cs - 2n0xjl r1, r2 255 0402 2 panasonic erj - 2rkf2550x r3 2610 0402 1 panasonic erj - 2rkf2611x r4, r5 453 0402 2 panasonic erj - 2rkf4530x r6, r7 0 0402 2 short not used fb1, fb2 1800 0402 2 murata blm15hd182sn1d t1 1:1 1 macom maba - 010321 - ct1a42 t2 1:3 1 macom maba - 010441 - ct38a0 schematic including off - chip components
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 8 8 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 8 heat sink pcb pcb pedestal u1 evaluation board layout evaluation board assembly 12,13 12. due to the high power dissipation of this part, a heat sink must be attached to the printed circuit board. 13. the recommended assembly uses a heat sink with a pedestal. the printed circuit board has a cut - out under the part and the lead frame of the part is soldered directly to the heat sink pedestal as shown. the heat sink should be connected to the system chassis. chassis heat sink pedestal chassis cut - out . . .
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 9 9 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 9 exposed pad plated vias recommended thermal via array if a thermal pedestal is not desired, a dense through - via pattern with copper fill or sufficient hole plating is required for operation at a reliable junction temperature. generally, filled vias and thin substrates are preferable. an example layout using 10 - mil (0.254 mm) finished hole diameter, 62 - mil (1.575 mm) finished board thickness is seen at right: t j = 145c with pcb bottom heated to 85c using 1.5 - mil (38 micron) minimum copper via plating. estimated exposed pad temperature was t c = 110c. it is recommended that thermal vias extend beyond the exposed pad and amplifier package as shown. lead free tssop 16 - lead exposed paddle ? ? reference application note m538 for lead - free solder reflow recommendations and pcb footprint information. meets jedec moisture sensitivity level 1 requirements. plating is 100% matte tin over copper. notes: 1. reference jedec mo - 153 - ab for additional dimensional and tolerance information. 2. all dimensions shown as inches/mm.
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 10 10 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 10 14. see off - chip component values: 45 - 1000 mhz applications for the sample board bom which corresponds to these specifications. 15. digital channels are - 6 db relative to analog channels. electrical specifications 14 : freq: 45 - 1000 mhz, t a = 25c, v dd = 24 v, z 0 = 75 parameter test conditions units min. typ. max. gain 45 mhz 1000 mhz db 27 28 gain slope db 1 noise figure 45 mhz 1000 mhz db 4.5 4.0 reverse isolation db 38 input return loss 45 C 1000 mhz db 19 output return loss 45 C 1000 mhz db 20 p1db 1000 mhz dbm 26 oip3 1000 mhz, 6 mhz spacing, +15 dbm p out per tone dbm 39 oip2 1000 mhz, 6 mhz spacing, +15 dbm p out per tone dbm 61 ctb 15 79 ntsc v o = +44 dbmv flat 79 ntsc + 75 atsc v o = +44 dbmv flat dbc - 73 - 72 cso 15 79 ntsc v o = +44 dbmv flat 79 ntsc + 75 atsc v o = +44 dbmv flat dbc - 75 - 74 xmod 15 79 ntsc v o = +44 dbmv flat 79 ntsc + 75 atsc v o = +44 dbmv flat dbc - 63 - 62 ccnr 15 79 ntsc + 75 atsc v o = +44 dbmv flat dbc 68 i dd +24 volts ma 265 applications section
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 11 11 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 11 off - chip component values: 45 - 1000 mhz applications component value package qty vendor part number c1 - c10 0.01 f 0402 10 murata grm155r71h103ka88d c11 0.6 pf 0402 1 avx accu - p 04023j0r6ab c12 0.4 pf 0402 1 avx accu - p 04023j0r4ab c13 0.3 pf 0402 1 avx accu - p 04023j0r3ab c14 1.0 pf 0402 1 avx accu - p 04023j1r0ab c15, c16 0402 0 open not used c17 0402 0 open not used l1, l2 22 nh 0402 2 coilcraft 0402cs - 22nxjl l3, l4 18 nh 0402 2 coilcraft 0402cs - 18nxjl l5, l6, l8 6.2 nh 0402 3 coilcraft 0402cs - 6n2xjl l7 2 nh 0402 1 coilcraft 0402cs - 2n0xjl l9, l10 3.6 nh 0402 2 coilcraft 0402cs - 3n6xjl r1, r2, r4 - r7 300 0402 6 panasonic erj - 2rkf3000x r3 2610 0402 1 panasonic erj - 2rkf2611x fb1, fb2 1800 0402 2 murata blm15hd182sn1d t1 1:1 1 macom maba - 010321 - ct1a42 t2 1:3 1 macom maba - 010441 - ct38a0
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 12 12 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 12 typical performance curves: 45 - 1000 mhz applications gain gain to 2 ghz reverse isolation output return loss input return loss noise figure 15 20 25 30 35 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) 0 5 10 15 20 25 30 35 0.0 0.5 1.0 1.5 2.0 +25c -40c +85c frequency (ghz) -60 -45 -30 -15 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) 0 2 4 6 8 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) -40 -30 -20 -10 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz) -40 -30 -20 -10 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 +25c -40c +85c frequency (ghz)
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 13 13 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 13 typical distortion performance curves: 79 ntsc v 0 = +44 dbmv flat @ +25c xmod ctb csol csoh -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz)
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 14 14 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 14 ctb typical distortion performance curves: 79 ntsc + 75 atsc v 0 = +44 dbmv flat @ +25c csoh csol xmod ccnr -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -90 -85 -80 -75 -70 -65 -60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) -100 -95 -90 -85 -80 -75 -70 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz) 60 65 70 75 80 85 90 0.0 0.1 0.2 0.3 0.4 0.5 0.6 frequency (ghz)
push - pull catv amplifier 45 - 1200 mhz rev. v2 maam - 011177 15 15 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 15 m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MAAM-011177-TR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X