Part Number Hot Search : 
KBPC3500 A4970 BL8301 MRF464 TPA100 SK55D09 BC2004 GP1A33R
Product Description
Full Text Search
 

To Download KMP-78250J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kmp_78250jc_a03 page 1 of 3 for full details go to www.murata-ps.com/rohs features n j-std-020d refow n rohs compliant n maxim max250/max251 compatible n isolation to 4kvrms n industry-standard pinout n surface mount option n ul 94 v-0 package materials n low profle n toroidal construction n industrial temperature range description the 78250 series of converter transformers are specifcally designed for use with maxim chipsets to provide isolated rs232 interfaces. carefully controlled turns ratios ensure consistent performance whilst a toroidal construction minimises emi. for through hole versions see 78250 datasheet. characteristics 78250jc parameter conditions min. typ. max. units primary inductance, l p 10khz, 100mv 1.0 2.0 2.5 mh leakage inductance, l l 100khz, 100mv 0.6 3.0 h interwinding capacitance, c ww 100khz, 100mv 48 90 pf primary d.c. resistance, r dc <0.1vdc 0.7 2.0 ? volt-time product, et pins1/2 or 2/3 50 vs turns ratio 1:1 characteristics 78250jvc parameter conditions min. typ. max. units primary inductance, l p 10khz, 100mv 1.0 2.0 2.5 mh leakage inductance, l l 100khz, 100mv 35 40 h interwinding capacitance, c ww 100khz, 100mv 4 10 pf primary d.c. resistance, r dc <0.1vdc 0.9 1.8 ? volt-time product, et pins1/2 or 2/3 50 vs turns ratio 1:1 order code details order code package type packaging type quantity 78250jc / 78250jvc 6 pin sm tube 50 78250jc-r / 78250jvc-r 6 pin sm tape & reel 500 absolute maximum ratings operating free air temperature range -40c to 85c storage temperature range -50c to 125c lead temperature 1.5mm from case for 10 seconds 300c peak current, i pk 300ma isolation voltage 78250(j)c (fash tested for 1 second) 1.5kvrms isolation voltage 78250v(j)c (fash tested for 1 second) 4.0kvrms all specifcations typical at t a =25 c technical notes isolation voltage hi pot test, flash tested, withstand voltage, proof voltage, dielectric withstand voltage & isolation test voltage are all terms that relate to the same thing, a test voltage, applied for a specifed time, across a component designed to provide electri - cal isolation, to verify the integrity of that isolation. all products in this series are 100% production tested at their stated isolation voltage. a question commonly asked is, what is the continuous volt - age that can be applied across the part in normal operation? for a part holding no specifc agency approvals both input and output should normally be maintained within selv limits i.e. less than 42.4v peak, or 60vdc. the isolation test volt - age represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. the part could be expected to function cor - rectly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessi - ble circuitry according to safety standard requirements. repeated high-voltage isolation testing it is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environ - ment. this series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. while parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high ap - plied voltages thus implying that the number of tests should be strictly limited. we therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specifed test voltage. this consideration equally applies to agency recog - nized parts rated for better than functional isolation where the wire enamel insulation is always supple - mented by a further insulation system of physical spacing or barriers. 78250j series max250/max251 compatible converter sm transformers www.murata-ps.com $ www.murata-ps.com/ support
kmp_78250jc_a03 page 2 of 3 package specifications mechanical dimensions recommended footprint details 0.354 (9.0) max. 0.375 (9.52) max. 0.5 (12.70) 0.025 (0.63) 0.021 (0.53) 0.035 (0.90) 0.012 (0.30) 0.008 (0.20) 0.25 (6.35) 0.1 (2.54) 78250jc xyyww primary secondary soldering information 1 pin fnish matte tin max. peak refow temperature 245c moisture sensitivity level 2 1 max. time above liquidous (217 c) 100s 1 for further information, please visit www.murata-ps.com/rohs 2 representative samples of the product were subjected to the conditioning described in ipc/jedec j-std-020d and passed electrical testing, package coplanarity and visual inspection which revealed no external cracks or changes in package body fatness. 6 5* 4 1 2 3 unless otherwise stated all dimensions in inches (mm) 0.01 ( 0.25). all pins on a 0.1 (2.54) pitch and within 0.01 ( 0.25) of true position . unless otherwise stated all dimensions in inches (mm) 0.01 ( 0.25). all pins on a 0.1 (2.54) pitch and within 0.01 ( 0.25) of true position . * pin 5 is connected to secondary center tap. package weight 1.0g typ. 0.10 (2.54) 0.10 (2.54) ?0.05 (1.20) +0.006 (0.15) -0.000 (0.00) 0.45 (11.50) 0.10 (2.54) 0.04 (1.00) 0.06 (1.60) tube outline dimensions 0.023 0.005 (0.60 0.15) 0.16 (4.00) 0.22 (5.50) 0.43 (10.95) 0.51 (12.95) 0.15 (3.80) 0.62 (15.70) unless otherwise stated all dimensions in inches (mm) 0.01 ( 0.25). tube length: 18.3 0.08 (465 2 ). tube material: antistatic coated clear pvc. 78250j series max250/max251 compatible converter sm transformers www.murata-ps.com/ support
kmp_78250jc_a03 page 3 of 3 murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. specifcations are subject to change without notice. ? 2011 murata power solutions, inc. tape & reel specifications reel outline dimensions tape outline dimensions 1.20 (30.4) max. 0.94-1.08 (23.9-27.4) 0.53 (13.50) 0.50 (12.80) 0.059 (1.50) min. 2.36 (60) min. 0.80 (20.20) min. 3.9 (100) min. leader section 15.7 (400) min. goods enclosure section trailer section 6.3 (160) min. ?15.039 (382) max. ? ? * 0.96 (24.4) 1.04 (26.4) ? ? unless otherwise stated all dimensions in inches (mm) 0.01(0.25). * includes fange distortion at outer edge. ? measured at hub. 0.024 (0.60) max. 0.283 (7.20) 0.369 (9.37) direction of unreeling 0.069 (1.75) 0.453 (11.50) 0.157 (4.00) 0.079 (2.00) 0.472 (12.00) cover tape 0.059 (1.50 ) +0.004 -0.000 +0.10 -0.00 0.945 (24.00 ) +0.012 -0.004 +0.30 -0.10 78250jc xyyww unless otherwise stated all dimensions in inches (mm) 0.01(0.25). 78250j series max250/max251 compatible converter sm transformers murata power solutions, inc. 11 cabot boulevard, mansfeld, ma 0204 8 -1151 u.s.a. iso 9001 and 14001 registered www.murata-ps.com/ support


▲Up To Search▲   

 
Price & Availability of KMP-78250J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X