Part Number Hot Search : 
LB1696 D0200 071973 XCS10 NJM2585L TLP25 00TTS 071973
Product Description
Full Text Search
 

To Download IS61NLP25618A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 1 rev. 00c 09/12/05 issi ? copyright ? 2005 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services described herein. customers are advised to obtai n the latest version of this device specification before relying on any published information and before placing orders for products. is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a features ? 100 percent bus utilization  no wait cycles between read and write  internal self-timed write cycle  individual byte write control  single r/w (read/write) control pin  clock controlled, registered address, data and control  interleaved or linear burst sequence control using mode input  three chip enables for simple depth expansion and address pipelining  power down mode  common data inputs and data outputs  cke pin to enable clock and suspend operation  jedec 100-pin tqfp, 165-ball pbga and 119- ball pbga packages  power supply: nvp: v dd 2.5v ( 5%), v ddq 2.5v ( 5%) nlp: v dd 3.3v ( 5%), v ddq 3.3v/2.5v ( 5%)  industrial temperature available  lead-free available description the 4 meg 'nlp/nvp' product family feature high-speed, low-power synchronous static rams designed to provide a burstable, high-performance, 'no wait' state, device for networking and communications applications. they are organized as 128k words by 32 bits, 128k words by 36 bits, and 256k words by 18 bits, fabricated with issi 's advanced cmos technology. incorporating a 'no wait' state feature, wait cycles are eliminated when the bus switches from read to write, or write to read. this device integrates a 2-bit burst counter, high-speed sram core, and high-drive capability outputs into a single monolithic circuit. all synchronous inputs pass through registers are controlled by a positive-edge-triggered single clock input. operations may be suspended and all synchronous inputs ignored when clock enable, cke is high. in this state the internal device will hold their previous values. all read, write and deselect cycles are initiated by the adv input. when the adv is high the internal burst counter is incremented. new external addresses can be loaded when adv is low. write cycles are internally self-timed and are initiated by the rising edge of the clock inputs and when we is low. separate byte enables allow individual bytes to be written. a burst mode pin (mode) defines the order of the burst sequence. when tied high, the interleaved burst sequence is selected. when tied low, the linear burst sequence is selected. 128k x 32, 128k x 36, and 256k x 18 4mb, pipeline 'no wait' state bus sram preliminary information september 2005 fast access time symbol p arameter -250 -200 units t kq clock access time 2.6 3.1 ns t kc cycle time 4 5 ns frequency 250 200 mhz
2 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a block diagram adv we } bw ? x (x=a,b,c,d or a,b) ce ce2 ce2 control logic 128kx32; 128kx36; 256kx18 memory array write address register write address register control logic output register buffer address register x 32/x 36: a [0:16] or x 18: a [0:17] clk cke a2-a16 or a2-a17 a0-a1 a'0-a'1 burst address counter mode data-in register data-in register control register oe zz 32, 36 or 18 k k dqx/dqpx k k
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 3 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a bottom view 165-ball, 13 mm x 15mm bga 1 mm ball pitch, 11 x 15 ball array bottom view 119-ball, 14 mm x 22 mm bga 1 mm ball pitch, 7 x 17 ball array
4 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a pin configuration ? 128k x 36, 165-ball pbga (top view) 1234567891011 anc a ce bw c bw b ce 2 cke adv nc a nc b nc a ce2 bw d bw a clk we oe nc a nc c dqpc nc v ddq v ss v ss v ss v ss v ss v ddq nc dqpb d dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb e dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb f dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb g dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb hnc nc nc v dd v ss v ss v ss v dd nc nc zz j dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa k dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa l dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa m dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa n dqpd nc v ddq v ss nc nc nc v ss v ddq nc dqpa pncnca anca1*nca a anc r mode nc a a nc a0* nc a a a a note: a0 and a1 are the two least significant bits (lsb) of the address field and set the internal burst counter if burst is desired . pin descriptions symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance/ load we synchronous read/write control input clk synchronous clock cke clock enable ce , ce2 , ce2 synchronous chip enable bw x (x=a-d) synchronous byte write inputs oe output enable zz power sleep mode mode burst sequence selection v dd 3.3v/2.5v power supply nc no connect dqx data inputs/outputs dqpx parity data i/o v ddq isolated output power supply 3.3v/2.5v v ss ground
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 5 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a 119-pin pbga package configuration 128k x 36 (top view) 1234567 a a bw b b nc c nc d dqc dqpc vss e dqc dqc vss f v ddq dqc g dqc dqc h dqc dqc j v ddq v dd k dqd dqd l dqd dqd m v ddq dqd n dqd dqd vss p nc dqpd r a ce2 mode a 0 * a a a v ss v ss v ss v ss bw d v ss v ss v ss nc nc v dd v dd v dd v dd nc vss vss vss vss vss nc ce 2 nc a nc t u v ddq nc v ddq dqd a nc nc nc a a bw c nc a 1 * cke nc clk nc we nc oe ce nc adv nc a nc bw a a a a dqpa dqa dqa dqa dqa dqb dqb dqb dqb dqpb a a v ddq zz dqa dqa v ddq dqa dqa v ddq dqb dqb v ddq dqb dqb nc v ddq v ss note: a0 and a1 are the two least significant bits(lsb) of the address field and set the internal burst counter if burst is desired. pin descriptions symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance/ load we synchronous read/write control input clk synchronous clock cke clock enable ce synchronous chip select ce 2 synchronous chip select ce2 synchronous chip select bw x (x=a-d) synchronous byte write inputs oe output enable zz power sleep mode mode burst sequence selection v dd power supply v ss ground nc no connect dqa-dqd data inputs/outputs dqpa-pd parity data i/o v ddq output power supply
6 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a 165-pin pbga package configuration 256k x 18 (top view) pin descriptions symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance/ load we synchronous read/write control input clk synchronous clock cke clock enable ce , ce2 , ce2 synchronous chip enable bw x (x=a,b) synchronous byte write inputs oe output enable zz power sleep mode 1234567891011 a a bw b cke bnc a we oe cnc nc vss vss dnc dqb vss vss nc enc dqb vss vss vss f nc dqb nc gnc dqb nc nc hnc nc v ddq j dqb nc dqa k dqb nc l dqb nc vss m dqb nc vss n dqpb nc vss vss nc pnc nc a 1 *nc r mode a nc ce2 vss vss vss vss vss vss vss vss nc nc a a a a a a a a a a a nc nc a a ce v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq nc nc v dd v dd v dd v dd v dd v dd v dd v dd v dd nc bw a vss vss vss vss vss vss vss vss nc nc nc ce 2 clk vss nc a 0 * nc vss vss vss vss vss vss adv v dd v dd v dd v dd v dd v dd v dd v dd v dd v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq v ddq nc nc nc dqa dqa dqa nc nc nc nc nc nc nc zz dqa dqa dqa dqa dqpa note: a0 and a1 are the two least significant bits (lsb) of the address field and set the internal burst counter if burst is desired . mode burst sequence selection v dd 3.3v/2.5v power supply nc no connect dqx data inputs/outputs dqpx parity data i/o v ddq isolated output power supply 3.3v/2.5v v ss ground
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 7 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a 119-pin pbga package configuration 256k x 18 (top view) pin descriptions symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance/ load we synchronous read/write control input clk synchronous clock cke clock enable ce synchronous chip select ce 2 synchronous chip select ce2 synchronous chip select bw x (x=a,b) synchronous byte write inputs oe output enable zz power sleep mode mode burst sequence selection v dd power supply v ss ground nc no connect dqa-dqb data inputs/outputs dqpa-pb parity data i/o v ddq output power supply 1234567 a a b nc c nc d dqb vss e dqb vss f v ddq g dqb h dqb j v ddq v dd k dqb l dqb m v ddq dqb n dqb nc vss p nc dqpb r a ce2 mode a a 0 * a a v ss v ss v ss v ss nc v ss v ss nc nc v dd v dd v dd v dd nc vss vss vss vss vss nc ce 2 nc a nc t u v ddq nc v ddq a nc nc nc a a bw b nc a 1 * cke nc clk nc we nc oe ce nc adv nc a nc bw a a a a dqpa dqa dqa dqa dqa a a v ddq zz dqa dqa v ddq dqa dqa v ddq v ddq nc v ddq nc nc nc nc nc nc nc nc a v ss v ss nc nc nc nc nc nc nc nc nc note: a0 and a1 are the two least significant bits(lsb) of the address field and set the internal burst counter if burst is desired.
8 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a pin configuration 100-pin tqfp 128k x 32 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 dqpb dqb dqb v ddq vss dqb dqb dqb dqb vss v ddq dqb dqb vss nc v dd zz dqa dqa v ddq vss dqa dqa dqa dqa vss v ddq dqa dqa dqpa dqpc dqc dqc v ddq vss dqc dqc dqc dqc vss v ddq dqc dqc nc v dd nc vss dqd dqd v ddq vss dqd dqd dqd dqd vss v ddq dqd dqd dqpd a a ce ce2 bwd bwc bwb bwa ce2 v dd vss clk we cke oe adv nc nc a a mode a a a a a1 a0 nc nc vss v dd nc nc a a a a a a a 128k x 36 pin descriptions a0, a1 synchronous address inputs. these pins must tied to the two lsbs of the address bus. a synchronous address inputs clk synchronous clock adv synchronous burst address advance bw a- bw d synchronous byte write enable we write enable cke clock enable vss ground for core nc not connected ce , ce2, ce2 synchronous chip enable oe output enable dqa-dqd synchronous data input/output dqpa-dqpd parity data i/o mode b urst sequence selection v dd +3.3v/2.5v power supply v ss ground for output buffer v ddq isolated output buffer supply: +3.3v/2.5v zz snooze enable 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 nc dqb dqb v ddq vss dqb dqb dqb dqb vss v ddq dqb dqb vss nc v dd zz dqa dqa v ddq vss dqa dqa dqa dqa vss v ddq dqa dqa nc nc dqc dqc v ddq vss dqc dqc dqc dqc vss v ddq dqc dqc nc v dd nc vss dqd dqd v ddq vss dqd dqd dqd dqd vss v ddq dqd dqd nc a a ce ce2 bwd bwc bwb bwa ce2 v dd vss clk we cke oe adv nc nc a a mode a a a a a1 a0 nc nc vss v dd nc nc a a a a a a a
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 9 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a pin configuration 100-pin tqfp 256k x 18 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 a nc nc v ddq vss nc dqpa dqa dqa vss v ddq dqa dqa vss nc v dd zz dqa dqa v ddq vss dqa dqa nc nc vss v ddq nc nc nc nc nc nc v ddq vss nc nc dqb dqb vss v ddq dqb dqb nc v dd nc vss dqb dqb v ddq vss dqb dqb dqpb nc vss v ddq nc nc nc a a ce ce2 nc nc bw b bw a ce2 v dd vss clk we cke oe adv nc nc a a mode a a a a a1 a0 nc nc vss v dd nc nc a a a a a a a pin descriptions a0, a1 synchronous address inputs. these pins must tied to the two lsbs of the address bus. a synchronous address inputs clk synchronous clock adv synchronous burst address advance bw a- bw d synchronous byte write enable we write enable cke clock enable vss ground for core nc not connected ce , ce2, ce2 synchronous chip enable oe output enable dqa-dqd synchronous data input/output dqpa-dqpd parity data i/o mode bu rst sequence selection v dd +3.3v/2.5v power supply v ss ground for output buffer v ddq isolated output buffer supply: +3.3v/2.5v zz snooze enable
10 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a synchronous truth table (1) address operation used ce ce ce ce ce ce2 ce ce ce ce ce 2 adv we we we we we bw bw bw bw bw x oe oe oe oe oe cke cke cke cke cke clk not selected n/a h x x l x x x l not selected n/a x l x l x x x l not selected n/a x x h l x x x l not selected continue n/a x x x h x x x l begin burst read external address l h l l h x l l continue burst read next address x x x h x x l l nop/dummy read external address l h l l h x h l dummy read next address x x x h x x h l begin burst write external address l h l l l l x l continue burst write next address x x x h x l x l nop/write abort n/a l h l l l h x l write abort next address x x x h x h x l ignore clock current address x x x x x x x h notes: 1. "x" means don't care. 2. the rising edge of clock is symbolized by 3. a continue deselect cycle can only be entered if a deselect cycle is executed first. 4. we = l means write operation in write truth table. we = h means read operation in write truth table. 5. operation finally depends on status of asynchronous pins (zz and oe ). burst read deselect burst write begin read begin write read write read write burst burst burst ds ds ds read ds ds read write write burst burst write read state diagram
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 11 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a asynchronous truth table (1) operation zz oe oe oe oe oe i/o status sleep mode h x high-z read ll dq l h high-z write l x din, high-z deselected l x high-z notes: 1. x means "don't care". 2. for write cycles following read cycles, the output buffers must be disabled with oe , otherwise data bus contention will occur. 3. sleep mode means power sleep mode where stand-by current does not depend on cycle time. 4. deselected means power sleep mode where stand-by current depends on cycle time. write truth table (x18) operation we we we we we bw bw bw bw bw a bw bw bw bw bw b read h x x write byte a l l h write byte b l h l write all bytes l l l write abort/nop l h h notes: 1. x means "don't care". 2. all inputs in this table must beet setup and hold time around the rising edge of clk.
12 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a interleaved burst address table (mode = v dd or nc) external address 1st burst address 2nd burst address 3rd burst address a1 a0 a1 a0 a1 a0 a1 a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 write truth table (x32/x36) operation we we we we we bw bw bw bw bw a bw bw bw bw bw b bw bw bw bw bw c bw bw bw bw bw d read h x x x x write byte a l l h h h write byte b l h l h h write byte c l h h l h write byte d l h h h l write all bytes l l l l l write abort/nop l h h h h notes : 1. x means "don't care". 2. all inputs in this table must beet setup and hold time around the rising edge of clk.
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 13 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a linear burst address table (mode = v ss ) absolute maximum ratings (1) symbol parameter value unit t stg storage temperature ?65 to +150 c p d power dissipation 1.6 w i out output current (per i/o) 100 ma v in , v out voltage relative to v ss for i/o pins ?0.5 to v ddq + 0.5 v v in voltage relative to v ss for ?0.5 to 4.6 v for address and control inputs notes: 1. stress greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. this device contains circuity to protect the inputs against damage due to high static voltages or electric fields; however, precautions may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. 3. this device contains circuitry that will ensure the output devices are in high-z at power up. 0,0 1,0 0,1 a1', a0' = 1,1 operating range (is61nlpx) range ambient temperature v dd v ddq commercial 0c to +70c 3.3v 5% 3.3v / 2.5v 5% industrial -40c to +85c 3.3v 5% 3.3v / 2.5v 5% operating range (is61nvpx) range ambient temperature v dd v ddq commercial 0c to +70c 2.5v 5% 2.5v 5% industrial -40c to +85c 2.5v 5% 2.5v 5%
14 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a power supply characteristics (1) (over operating range) -250 -200 max max symbol parameter test conditions temp. range x18 x32/x36 x18 x32/x36 uni t i cc ac operating device selected, com. 225 225 200 200 ma supply current oe = v ih , zz v il , ind. 250 250 210 210 all inputs 0.2v or v dd ? 0.2v, cycle time t kc min. i sb standby current device deselected, com. 90 90 90 90 ma ttl input v dd = max., ind. 100 100 100 100 all inputs v il or v ih , zz v il , f = max. i sbi standby current device deselected, com. 70 70 70 70 ma cmos input v dd = max., ind. 75 75 75 75 v in v ss + 0.2v or v dd ? 0.2v typ. (2) 40 f = 0 i sb 2 sleep mode zz>v ih com. 30 30 30 30 ma ind. 35 35 35 35 typ. (2) 20 note: 1. mode pin has an internal pullup and should be tied to v dd or v ss . it exhibits 100a maximum leakage current when tied to v ss + 0.2v or v dd ? 0.2v. 2. typical values are measured at v dd = 3.3v, t a = 25 o c and not 100% tested. dc electrical characteristics (over operating range) 3.3v 2.5v symbol parameter test conditions min. max. min. max. unit v oh output high voltage i oh = ?4.0 ma (3.3v) 2.4 ? 2.0 ? v i oh = ?1.0 ma (2.5v) v ol output low voltage i ol = 8.0 ma (3.3v) ? 0.4 ? 0.4 v i ol = 1.0 ma (2.5v) v ih (1) input high voltage 2.0 v dd + 0.3 1.7 v dd + 0.3 v v il (1) input low voltage ?0.3 0.8 ?0.3 0.7 v i li input leakage current v ss v in v dd (1) ?5 5 ?5 5 a i lo output leakage current v ss v out v ddq , oe = v ih ?5 5 ?5 5 a note: 1. overshoot: v ih (ac) < v dd + 2.0v (pulse width less than t kc /2). undershoot: v il (ac) > -2v (pulse width less than t kc /2).
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 15 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a 3.3v i/o ac test conditions parameter unit input pulse level 0v to 3.0v input rise and fall times 1.5 ns input and output timing 1.5v and reference level output load see figures 1 and 2 317 ? 5 pf including jig and scope 351 ? output +3.3v figure 1 figure 2 capacitance (1,2) symbol parameter cond itions max. unit c in input capacitance v in = 0v 6 pf c out input/output capacitance v out = 0v 8 pf notes: 1. tested initially and after any design or process changes that may affect these parameters. 2. test conditions: t a = 25c, f = 1 mhz, v dd = 3.3v. 3.3v i/o output load equivalent 1.5v output zo= 50 ? 50 ?
16 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a 2.5v i/o ac test conditions parameter unit input pulse level 0v to 2.5v input rise and fall times 1.5 ns input and output timing 1.25v and reference level output load see figures 3 and 4 z o = 50 ? 1.25v 50 ? output 1,667 ? 5 pf including jig and scope 1,538 ? output +2.5v figure 3 figure 4 2.5v i/o output load equivalent
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 17 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a read/write cycle switching characteristics (1) (over operating range) -250 -200 symbol parameter min. max. min. max. unit fmax clock frequency ? 250 ? 200 mhz t kc cycle time 4.0 ? 5 ? ns t kh clock high time 1.7 ? 2 ? ns t kl clock low time 1.7 ? 2 ? ns t kq clock access time ? 2.6 ? 3.1 ns t kqx (2) clock high to output invalid 0.8 ? 1.5 ? ns t kqlz (2,3) clock high to output low-z 0.8 ? 1 ? ns t kqhz (2,3) clock high to output high-z ? 2.6 ? 3.0 ns t oeq output enable to output valid ? 2.8 ? 3.1 ns t oelz (2,3) output enable to output low-z 0 ? 0 ? ns t oehz (2,3) output disable to output high-z ? 2.6 ? 3.0 ns t as address setup time 1.2 ? 1.4 ? ns t ws read/write setup time 1.2 ? 1.4 ? ns t ces chip enable setup time 1.2 ? 1.4 ? ns t se clock enable setup time 1.2 ? 1.4 ? ns t advs address advance setup time 1.2 ? 1.4 ? ns t ds data setup time 1.2 ? 1.4 ? ns t ah address hold time 0.3 ? 0.4 ? ns t he clock enable hold time 0.3 ? 0.4 ? ns t wh write hold time 0.3 ? 0.4 ? ns t ceh chip enable hold time 0.3 ? 0.4 ? ns t advh address advance hold time 0.3 ? 0.4 ? ns t dh data hold time 0.3 ? 0.4 ? ns t pds zz high to power down ? 2 ? 2 cyc t pus zz low to power down ? 2 ? 2 cyc notes: 1. configuration signal mode is static and must not change during normal operation. 2. guaranteed but not 100% tested. this parameter is periodically sampled. 3. tested with load in figure 2.
18 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a sleep mode timing sleep mode electrical characteristics symbol parameter cond itions min. max. unit i sb 2 current during sleep mode zz v ih 35 ma t pds zz active to input ignored 2 cycle t pus zz inactive to input sampled 2 cycle t zzi zz active to sleep current 2 cycle t rzzi zz inactive to exit sleep current 0 ns don't care deselect or read only deselect or read only t rzzi clk zz isupply all inputs (except zz) outputs (q) i sb2 zz setup cycle zz recovery cycle normal operation cycle t pds t pus t zzi high-z
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 19 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a read cycle timing t kqx clk adv address write cke ce oe data out a1 a2 a3 t kh t kl t kc q3-3 q3-4 q3-2 q3-1 q2-4 q2-3 q2-2 q2-1 don't care undefined notes: write = l means we = l and bw x = l we = l and bw x = l ce = l means ce 1 = l, ce2 = h and ce 2 = l ce = h means ce 1 = h, or ce 1 = l and ce 2 = h, or ce 1 = l and ce2 = l t oehz t se t he t as t ah t ws t wh t ces t ceh t advs t advh t kqhz t kq t oeq t oehz q1-1
20 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a write cycle timing t ds t dh clk adv address write cke ce oe data in data out a1 a2 a3 t kh t kl t kc t se t he d3-3 d3-4 d3-2 d3-1 d2-4 d2-3 d2-2 d2-1 d1-1 don't care undefined notes: write = l means we = l and bw x = l we = l and bw x = l ce = l means ce 1 = l, ce2 = h and ce 2 = l ce = h means ce 1 = h, or ce 1 = l and ce 2 = h, or ce 1 = l and ce2 = l t oehz q0-3 q0-4
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 21 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a single read/write cycle timing clk cke address write ce adv oe data out data in d5 t se t he t kh t kl t kc don't care undefined notes: write = l means we = l and bw x = l ce = l means ce 1 = l, ce2 = h and ce 2 = l ce = h means ce 1 = h, or ce 1 = l and ce 2 = h, or ce 1 = l and ce2 = l d2 t oelz t oeq a1 a2 a3 a4 a5 a6 a7 a8 a9 q1 q3 q4 q6 q7 t ds t dh
22 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a cke cke cke cke cke operation timing a1 a2 a3 a4 a5 a6 q1 q3 q4 clk cke address write ce adv oe data out data in d2 t se t he t kh t kl t kc t kqlz t kqhz t kq t dh t ds don't care undefined notes: write = l means we = l and bw x = l ce = l means ce 1 = l, ce2 = h and ce 2 = l ce = h means ce 1 = h, or ce 1 = l and ce 2 = h, or ce 1 = l and ce2 = l
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 23 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a ce ce ce ce ce operation timing don't care undefined clk cke address write ce adv oe data out data in t se t he t kh t kl t kc notes: write = l means we = l and bw x = l ce = l means ce 1 = l, ce2 = h and ce 2 = l ce = h means ce 1 = h, or ce 1 = l and ce 2 = h, or ce 1 = l and ce2 = l d5 d3 t dh t ds t oelz t oeq q1 q2 q4 t kqhz t kqlz t kq a1 a2 a3 a4 a5
24 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a ordering information (v dd = 3.3v/v ddq = 2.5v/3.3v) commercial range: 0c to +70c access time order part number package 128kx32 250 is61nlp12832a-250tq 100 tqfp is61nlp12832a-250b3 165 pbga is61nlp12832a-250b2 119 pbga 200 is61nlp12832a-200tq 100 tqfp is61nlp12832a-200b3 165 pbga is61nlp12832a-200b2 119 pbga 128kx36 250 is61nlp12836a-250tq 100 tqfp is61nlp12836a-250b3 165 pbga is61nlp12836a-250b2 119 pbga 200 is61nlp12836a-200tq 100 tqfp is61nlp12836a-200b3 165 pbga is61nlp12836a-200b2 119 pbga 256kx18 250 IS61NLP25618A-250tq 100 tqfp IS61NLP25618A-250b3 165 pbga IS61NLP25618A-250b2 119 pbga 200 IS61NLP25618A-200tq 100 tqfp IS61NLP25618A-200b3 165 pbga IS61NLP25618A-200b2 119 pbga
integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 25 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a ordering information (v dd = 3.3v/v ddq = 2.5v/3.3v) industrial range: -40c to +85c access time order part number package 128kx32 250 is61nlp12832a-250tqi 100 tqfp is61nlp12832a-250b3i 165 pbga is61nlp12832a-250b2i 119 pbga 200 is61nlp12832a-200tqi 100 tqfp is61nlp12832a-200tqli 100 tqfp, lead-free is61nlp12832a-200b3i 165 pbga is61nlp12832a-200b2i 119 pbga 128kx36 250 is61nlp12836a-250tqi 100 tqfp is61nlp12836a-250b3i 165 pbga is61nlp12836a-250b2i 119 pbga 200 is61nlp12836a-200tqi 100 tqfp is61nlp12836a-200tqli 100 tqfp, lead-free is61nlp12836a-200b3i 165 pbga is61nlp12836a-200b2i 119 pbga 256kx18 250 IS61NLP25618A-250tqi 100 tqfp IS61NLP25618A-250b3i 165 pbga IS61NLP25618A-250b2i 119 pbga 200 IS61NLP25618A-200tqi 100 tqfp IS61NLP25618A-200tqli 100 tqfp, lead-free IS61NLP25618A-200b3i 165 pbga IS61NLP25618A-200b2i 119 pbga
26 integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. 00c 09/12/05 issi ? is61nlp12832a is61nlp12836a/is61nvp12836a IS61NLP25618A/is61nvp25618a ordering information (v dd = 2.5v/v ddq = 2.5v) commercial range: 0c to +70c access time order part number package 128kx36 250 is61nvp12836a-250tq 100 tqfp is61nvp12836a-250b3 165 pbga is61nvp12836a-250b2 119 pbga 200 is61nvp12836a-200tq 100 tqfp is61nvp12836a-200b3 165 pbga is61nvp12836a-200b2 119 pbga 256kx18 250 is61nvp25618a-250tq 100 tqfp is61nvp25618a-250b3 165 pbga is61nvp25618a-250b2 119 pbga 200 is61nvp25618a-200tq 100 tqfp is61nvp25618a-200b3 165 pbga is61nvp25618a-200b2 119 pbga industrial range: -40c to +85c access time order part number package 128kx36 250 is61nvp12836a-250tqi 100 tqfp is61nvp12836a-250b3i 165 pbga is61nvp12836a-250b2i 119 pbga 200 is61nvp12836a-200tqi 100 tqfp is61nvp12836a-200b3i 165 pbga is61nvp12836a-200b2i 119 pbga 256kx18 250 is61nvp25618a-250tqi 100 tqfp is61nvp25618a-250b3i 165 pbga is61nvp25618a-250b2i 119 pbga 200 is61nvp25618a-200tqi 100 tqfp is61nvp25618a-200b3i 165 pbga is61nvp25618a-200b2i 119 pbga
packaging information issi ? integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. b 02/12/03 copyright ? 2003 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services desc ribed herein. customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders fo r products. plastic ball grid array package code: b (119-pin) notes: 1. controlling dimension: millimeters, unless otherwise specified. 2. bsc = basic lead spacing between centers. 3. dimensions d1 and e do not include mold flash protrusion and should be measured from the bottom of the package. 4. formed leads shall be planar with respect to one another within 0.004 inches at the seating plane. millimeters inches sym. min. max. min. max. n0. leads 119 a ? 2.41 ? 0.095 a1 0.50 0.70 0.020 0.028 a2 0.80 1.00 0.032 0.039 a3 1.30 1.70 0.051 0.067 a4 0.56 bsc 0.022 bsc b 0.60 0.90 0.024 0.035 d 21.80 22.20 0.858 0.874 d1 20.32 bsc 0.800 bsc d2 19.40 19.60 0.764 0.772 e 13.80 14.20 0.543 0.559 e1 7.62 bsc 0.300 bsc e2 11.90 12.10 0.469 0.476 e 1.27 bsc 0.050 bsc e1 a1 d1 7654321 a b c d e f g h j k l m n p r t u e2 e a2 seating plane e d2 d a 30 ? a3 a4 b (119x)
packaging information issi ? integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. a 06/11/03 copyright ? 2003 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services desc ribed herein. customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders fo r products. a b c d e f g h j k l m n p r a b c d e f g h j k l m n p r 11 10 9 8 7 6 5 4 3 2 1 a1 corner bottom view d d1 e e e1 e 1 2 3 4 5 6 7 8 9 10 11 a1 corner top view a2 a a1 b (165x) ball grid array package code: b (165-pin) notes: 1. controlling dimensions are in millimeters. bga - 13mm x 15mm millimeters inches sym. min. nom. max. min. nom. max. n0. leads 165 165 a ? ? 1.20 ? ? 0.047 a1 0.25 0.33 0.40 0.010 0.013 0.016 a2 ? 0.79 ? ? 0.031 ? d 14.90 15.00 15.10 0.587 0.591 0.594 d1 13.90 14.00 14.10 0.547 0.551 0.555 e 12.90 13.00 13.10 0.508 0.512 0.516 e1 9.90 10.00 10.10 0.390 0.394 0.398 e? 1.00 ? ? 0.039 ? b 0.40 0.45 0.50 0.016 0.018 0.020
integrated silicon solution, inc. ? 1-800-379-4774 packaging information issi ? pk13197lq rev. d 05/08/03 tqfp (thin quad flat pack package) package code: tq thin quad flat pack (tq) millimeters inches millimeters inches symbol min max min max min max min max ref. std. no. leads (n) 100 128 a ? 1.60 ? 0.063 ? 1.60 ? 0.063 a1 0.05 0.15 0.002 0.006 0.05 0.15 0.002 0.006 a2 1.35 1.45 0.053 0.057 1.35 1.45 0.053 0.057 b 0.22 0.38 0.009 0.015 0.17 0.27 0.007 0.011 d 21.90 22.10 0.862 0.870 21.80 22.20 0.858 0.874 d1 19.90 20.10 0.783 0.791 19.90 20.10 0.783 0.791 e 15.90 16.10 0.626 0.634 15.80 16.20 0.622 0.638 e1 13.90 14.10 0.547 0.555 13.90 14.10 0.547 0.555 e 0.65 bsc 0.026 bsc 0.50 bsc 0.020 bsc l 0.45 0.75 0.018 0.030 0.45 0.75 0.018 0.030 l1 1.00 ref. 0.039 ref. 1.00 ref. 0.039 ref. c0 o 7 o 0 o 7 o 0 o 7 o 0 o 7 o notes: 1. all dimensioning and tolerancing conforms to ansi y14.5m-1982. 2. dimensions d1 and e1 do not include mold protrusions. allowable protrusion is 0.25 mm per side. d1 and e1 do include mold mismatch and are determined at datum plane -h-. 3. controlling dimension: millimeters. d d1 e e1 1 n a2 a a1 e b seating plane c l1 l


▲Up To Search▲   

 
Price & Availability of IS61NLP25618A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X