Part Number Hot Search : 
MJD122 CD2003F 43223 SM15T68A 02C508G5 SM3178A AT49F002 90KFKR36
Product Description
Full Text Search
 

To Download IRF3205L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF3205L thermal resistance v dss = 55v r ds(on) = 8.0m w i d = 110a ? s d g the d 2 pak is a surface mount power package capable of accommodating die sizes up to hex-4. it provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0w in a typical surface mount application. the through-hole version (IRF3205L) is available for low-profile applications. l advanced process technology l ultra low on-resistance l dynamic dv/dt rating l 175c operating temperature l fast switching l fully avalanche rated description to-262 IRF3205L parameter typ. max. units r q jc junction-to-case CCC 0.75 c/w r q ja junction-to-ambient (pcb mounted, steady-state) * CCC 40 absolute maximum ratings parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 110 ? i d @ t c = 100c continuous drain current, v gs @ 10v 80 a i dm pulsed drain current ? 390 p d @t c = 25c power dissipation 200 w linear derating factor 1.3 w/c v gs gate-to-source voltage 20 v i ar avalanche current ? 62 a e ar repetitive avalanche energy ? 20 mj dv/dt peak diode recovery dv/dt ? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) 2014-8-28 1 www.kersemi.com
IRF3205L s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 62a, v gs = 0v ? t rr reverse recovery time CCC 69 104 ns t j = 25c, i f = 62a q rr reverse recovery charge CCC 143 215 nc di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 110 390 a ? starting t j = 25c, l = 138h r g = 25 w , i as = 62a. (see figure 12) ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) notes: ? i sd 62a , di/dt 207a/s, v dd v (br)dss , t j 175c ? pulse width 400s; duty cycle 2%. ? calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.057 CCC v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance CCC CCC 8.0 m w v gs = 10v, i d = 62a ? v gs(th) gate threshold voltage 2.0 CCC 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 44 CCC CCC s v ds = 25v, i d = 62a ? CCC CCC 25 a v ds = 55v, v gs = 0v CCC CCC 250 v ds = 44v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 20v gate-to-source reverse leakage CCC CCC -100 na v gs = -20v q g total gate charge CCC CCC 146 i d = 62a q gs gate-to-source charge CCC CCC 35 nc v ds = 44v q gd gate-to-drain ("miller") charge CCC CCC 54 v gs = 10v, see fig. 6 and 13 t d(on) turn-on delay time CCC 14 CCC v dd = 28v t r rise time CCC 101 CCC i d = 62a t d(off) turn-off delay time CCC 50 CCC r g = 4.5 w t f fall time CCC 65 CCC v gs = 10v, see fig. 10 ? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 3247 CCC v gs = 0v c oss output capacitance CCC 781 CCC v ds = 25v c rss reverse transfer capacitance CCC 211 CCC pf ? = 1.0mhz, see fig. 5 e as single pulse avalanche energy ? CCC 1050 ? 264 ? mj i as = 62a, l = 138 m h nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance CCC CCC s d g i gss ns 4.5 7.5 i dss drain-to-source leakage current ? this is a typical value at device destruction and represents operation outside rated limits. ? this is a calculated value limited to t j = 175c . 2014-8-28 2 www.kersemi.com
fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 107a 1 10 100 1000 4 6 8 10 12 v = 25v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j IRF3205L 2014-8-28 3 www.kersemi.com
fig 7. typical source-drain diode forward voltage fig 5. typical capacitance vs. drain-to-source voltage fig 6. typical gate charge vs. gate-to-source voltage fig 7. typical source-drain diode forward voltage fig 8. maximum safe operating area 1 10 100 v ds , drain-to-source voltage (v) 0 1000 2000 3000 4000 5000 6000 c, capacitance(pf) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 120 0 2 4 6 8 10 12 14 16 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 62a v = 11v ds v = 27v ds v = 44v ds 1 10 100 1000 10000 1 10 100 1000 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0.1 1 10 100 1000 0.2 0.8 1.4 2.0 2.6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j IRF3205L 2014-8-28 4 www.kersemi.com
r d fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d( off) t f fig 10b. switching time waveforms fig 11. maximum effective transient thermal impedance, junction-to-case v ds pulse width 1 s duty factor 0.1 % v gs r g d.u.t. 10v + - 25 50 75 100 125 150 175 0 20 40 60 80 100 120 t , case temperature ( c) i , drain current (a) c d limited by package fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d( off) t f fig 10b. switching time waveforms fig 11. maximum effective transient thermal impedance, junction-to-case v ds pulse width 1 s duty factor 0.1 % v gs r g d.u.t. 10v v dd 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) IRF3205L 2014-8-28 5 www.kersemi.com
q g q gs q gd v g charge d.u.t . v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v cur rent regulator same type as d.u.t. current sampling resistors + - 10 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v ( br)dss i as fig 12c. maximum avalanche energy vs. drain current r g i as 0. 01 w t p d. u.t l v ds + - v dd dr iver a 15v 20v 25 50 75 100 125 150 175 0 100 200 300 400 500 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 25a 44a 62a IRF3205L 2014-8-28 6 www.kersemi.com
p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t . i sd w aveform d.u.t . v ds w aveform inductor curent d = p. w . period + - + + + - - - * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * IRF3205L 2014-8-28 7 www.kersemi.com
d 2 p ak package outline d 2 p ak part marking information 10. 16 (.400) ref . 6.47 (.255) 6.18 (.243) 2.61 (.103) 2.32 (.091) 8.89 (.350) r ef. - b - 1.32 (.052) 1.22 (.048) 2.79 (.110) 2.29 (.090) 1.39 (.055) 1.14 (.045) 5.28 (.208) 4.78 (.188) 4.69 (.185) 4.20 (.165) 10.54 (.415) 10.29 (.405) - a - 2 1 3 15.49 (.610) 14.73 (.580) 3x 0.93 (.037) 0.69 (.027) 5. 08 (.200) 3x 1.40 (.055) 1.14 (.045) 1.78 (.070) 1.27 (.050) 1.40 (.055) m ax. notes: 1 d im ens io n s after so ld er d ip. 2 dimensioning & tolerancing per ansi y14.5m, 1982. 3 controlling dimension : inch. 4 heatsink & lead dimensions do not include burrs. 0.55 (.022) 0.46 (.018) 0.25 (.010) m b a m mi nimum recommended footprint 11.43 (.450) 8.89 (.350) 17.78 (.700) 3.81 (.150) 2.08 (.082) 2x lead assignments 1 - g ate 2 - d rain 3 - so u rc e 2.54 (.100) 2x p art number logo date code (yyw w ) yy = year ww = week a ssem bly lot code f530s 9b 1m 9246 a IRF3205L 2014-8-28 8 www.kersemi.com
t o-262 part marking information to-262 package outline IRF3205L 2014-8-28 9 www.kersemi.com
d 2 pak t ape & reel information 3 4 4 tr r feed direction 1. 85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) tr l feed direction 1 0.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min . 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. IRF3205L 2014-8-28 10 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF3205L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X