Part Number Hot Search : 
KCQ30A04 CD451 S21MD10T 3DD102B TSCDA12L 178M05 KCQ30A04 S0500
Product Description
Full Text Search
 

To Download DSPC-8661ACY01-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsp-8664 2ch hdmi/sdi video encoder card with sdk ? powered by ti tms320dm8168 soc ? hw-based h.264 / mjpeg / raw encoding and decoding ? 2-channel hdmi or sdi video + audio inputs up to full hd (1080p) at 60fps ? 1-channel hdmi video + audio output up to full hd (1080p) at 60fps ? pcie gen2 x4 data bus ? versatile peripherals: gbe lan port, 2x usb, sata, and uart introduction designed with ti tms320dm8168 soc, dsp-8664 is a full-functional video processing platform with 2-ch hdmi or sdi video + audio inputs and 1-ch hdmi output based on a standard half-length pcie board form factor. this board supports h.264 / mjpeg / raw encoding and decoding up to full hd (1080p) at 60fps per channel. as a versatile video processing platform, dsp-8664 supports pcie video encoder and decoder card working on x86 pc system (drivers are available for both windows and linux os); utilizing the gbe lan port as the video stream in/output interface. with an easy-to-use software development kit (sdk), dsp-8664 is an ideal solution for system integrators to implement various video related applications, to fulfll customers requirements. specifcations video input channels 2 interface hdmi or sdi (switchable for only one interface) resolution up to 1920 x1080p (full hd 1080p) compression h.264 / mjpeg / raw max. frame rate 120fps (up to 60fps per channel) bit rate control cbr / vbr / abr audio input channels 2 interface hdmi or sdi (shared with video inputs) format raw sampling rate up to 16-bit, 44khz, stereo peripherals lan port 10/100/1000mbps lan port; rj45 connector data bus pcie gen2 x4 hdmi-out 1; up to 1920 x 1080p at 60fps usb 2.0 otg 2; type a sata 1; 3.0gbps uart 1; for debug and programming physical characteristics power consumption < 20w operating temperature 0 ~ 60 c (32 ~ 140 f) dimensions 167.65 x 111.15mm double width software os supported pc driver for linux pc driver for windows xp / xpe / vista / 7 sdk users manual programming guide software quick start guide host package (sample code+driver) new all product specifications are subject to change without notice last updated : 30-jul-2015 dsp processing platforms features
block diagram dimensions dsp-8664 unit: mm ordering information part number description dsp-8664-pcxe 2ch hdmi/sdi video encoder card with sdk dsp-8664-pcse 2ch hdmi/sdi video encoder card with sdk (w/o daughter board) - 1slot only DSPC-8661ACY01-AE jtag debug board with cable hvc-8701-bhb0e bnc to hd-bnc cable x 4pcs / each box spartan-6 lxt 45t-3 ti dm8168 hdmi receiver hdmi receiver sdi eq sdi eq phy p c i e x 1 d d r 3 1 6 0 0 x1 6 4 g b d d r 3 1 6 0 0 x1 6 4 g b d d r 3 1 6 0 0 x1 6 4 g b d d r 3 1 6 0 0 x1 6 4 g b eepr o m i - n an d f l ash spi f l ash spi f l ash sdi hdmi-in usb sat a gbe lan pcie x4 gen2 r t c hdmi-out 126.31 167.65 98.40 106.65 1.60 41.91 14.70 18.42 41.91 www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of DSPC-8661ACY01-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X