Part Number Hot Search : 
SR405 14300 N301489 SDT05H XXXGP KXN6489B TS1937 ASPDF5T0
Product Description
Full Text Search
 

To Download DSPC-8661ACY01-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsp-8662h 4ch hdmi video decoder card with sdk ? powered by quad ti tms320dm8168 soc ? hw-based h.264 / mjpeg / raw decoding ? 4-channel hdmi video + audio outputs up to full hd (1080p) at 60fps ? 4-channel 3g-sdi video + audio inputs up to full hd (1080p) at 60fps ? pcie gen2 x8 data bus; one gbe lan port ? supports multi-port ethernet and pcie switch ? web-based gui and sdk with sample codes introduction dsp-8662h is an advanced pcie video decoder and display solution which supports 4 channels hdmi video and audio outputs. dsp-8662h is capable of performing multi-channel video decoding with up to full hd 1080p resolution at 60fps in each channel (total 240fps simultaneously). another 4 channels serial digital interface (sdi) provides full hd 1080p video acquisition functions. 8662h works as pcie video decoder and display card working on x86 pc platform (drivers are available for both windows and linux os). with an easy-to-use software development kit (sdk), dsp-8662h is an ideal solution for system integrators to implement versatile video related applications, to fulfll various customer requirements specifcations video output channel 4 output format hdtv resolution up to 1920 x 1080p (full hd 1080p) decoding format h.264 / mjpeg / raw max. frame rate 60 fps at full hd 1080p per channel connector hdmi audio output channel 4 decoding format aac / g.711 connectors hdmi (shared with video output) video input channels 4 input format sd-sdi / hd-sdi / 3g-sdi sdi standards smpte 259m / 292m / 344m / 424m (depends on the performance of the inputs device) resolution up to 1920 x 1080p (full hd 1080p) compression raw max. frame rate 240 fps at full hd 1080p (up to 60 fps per channel) connectors bnc audio input channels 4 format raw sampling rate up to 16-bit, 44khz, stereo connectors bnc (shared with video inputs) peripherals & accessories lan port 10/100/1000 mbps lan port x1; rj-45 connector data bus pcie gen-2 x8 physical characteristics power consumption < 60w operating temperature 0 ~ 60 c (32 ~ 140 f) dimensions 270 x 111.15 mm (10.63" x 4.38"), double width software supported os windows xp / xpe / vista / 7 linux sdk users manual programming guide sample codes demo program 48ch d1 h.264 video decoding and display thru 4ch 1080p hdmi-out at pcie device mode applications pcie device mode pcie video decoder and display card pc-based multi-viewer pc-based video wall rohs compliant 2002/95/ec new all product specifications are subject to change without notice last updated : 27-dec-2014 dsp processing platforms features
dimensions block diagram unit: mm dsp-8662h ordering information part number description dspc-8662h-pcxe 4ch hdmi video decoder card with sdk DSPC-8661ACY01-AE jtag debug board with cable 1.60 41.91 28.70 126.31 98.40 329.90 ?3.20x12 ?6 x12 0 7.50 24 100.63 262.56 312 306.75 0 94.85 14.65 79.65 101.12 27.97 27.97 101.12 12.10 101.63 106.65 89.80 60.05 41.91 x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb ph y ph y eq eq m c s p i p l x p e x 8 6 2 4 eq eq x i l i n x x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x16 ddr3 2gb x c 5 v l x 3 0 t b r o a d co m b c m 5 3 9 6 x 2 x 2 x 2 x 2 ph y ph y ph y v i n ( 1 6 b ) m c a s p t i d m 8 1 6 8 t i d m 8 1 6 8 t i d m 8 1 6 8 t i d m 8 1 6 8 b n c r j 4 5 h d m i pcie x8 x i l i n x x c 5 v l x 3 0 t www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of DSPC-8661ACY01-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X