Part Number Hot Search : 
LHI907 2SC5342S M24064 03518 KBU1010G STM6930A NJSB107T 4SURC
Product Description
Full Text Search
 

To Download DMJ7N70SK3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMJ7N70SK3 document number: ds36907 rev. 3 - 2 1 of 6 www.diodes.com may 2014 ? diodes incorporated DMJ7N70SK3 new product 700v n-channel enhancement mode mosfet product summary v (br)dss r ds(on) max i d t c = +25c 700v 1.25 ? @ v gs = 10v 3.9a description this new generation mosfet has been designed to minimize the on- state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal fo r high efficiency power management applications. applications ? switching features ? 100% unclamped inductive switch (uis) test in production ? low gate input resistance ? low input capacitance ? lead-free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: to252 (dpak) ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram ? terminals: finish ? matte ti n annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.33 grams (approximate) ordering information (note 4) part number compliance case packaging DMJ7N70SK3-13 standard to252 2,500/tape & reel notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (roh s 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information internal schematic gs d d top view top view to252 yyww j7n70s . =manufacturer?s marking j7n70s = product type marking code yyww = date code marking yy = last digit of year (ex: 13 = 2013) ww = week code (01 to 53)
DMJ7N70SK3 document number: ds36907 rev. 3 - 2 2 of 6 www.diodes.com may 2014 ? diodes incorporated DMJ7N70SK3 new product maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol v alue units drain-source voltage v dss 700 v gate-source voltage v gss 30 v continuous drain current (note 5) v gs = 10v t c = +25c t c = +100c i d 3.9 2.5 a maximum body diode forward current (note 5) i s 3.0 a pulsed drain current (10s pulse, duty cycle = 1%) i dm 15.6 a avalanche current (note 6) i ar 1.5 a avalanche energy (note 6) e ar 76 mj peak diode recovery dv/dt dv/dt 11.8 v/ns thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol v alue units total power dissipation (note 5) t c = +25c p d 28 w t c = +100c 11 thermal resistance, junction to ambient (note 5) r ja 38 c/w thermal resistance, junction to case (note 5) r jc 2.1 operating and storage temperature range t j, t stg -55 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics (note 7) drain-source breakdown voltage bv dss 700 ? ? v v gs = 0v, i d = 250a zero gate voltage drain current i dss ? ? 1 a v ds = 700v, v gs = 0v gate-source leakage i gss ? ? 100 na v gs = 30v, v ds = 0v on characteristics (note 7) gate threshold voltage v gs(th) 2 2.9 4 v v ds = v gs , i d = 250a static drain-source on-resistance r ds(on) ? 1 1.25 ? v gs = 10v, i d = 2.5a diode forward voltage v sd ? 0.9 1.3 v v gs = 0v, i s = 5a dynamic characteristics (note 8) input capacitance c iss ? 351 ? pf v ds = 50v, f = 1mhz, v gs = 0v output capacitance c oss ? 66 ? reverse transfer capacitance c rss ? 1.1 ? gate resistance r g ?? 3.5 ?? ? v ds = 0v, v gs = 0v, f = 1mhz total gate charge q g ?? 13.9 ?? nc v dd = 560v, i d = 5a, v gs = 10v gate-source charge q gs ? 1.9 ? gate-drain charge q gd ? 8.5 ? turn-on delay time t d(on) ? 8.5 ? ns v dd = 350v, v gs = 10v, r g = 4.7 ? , i d = 2.5a turn-on rise time t r ? 11.6 ? turn-off delay time t d(off) ? 24.5 ? turn-off fall time t f ?? 10 ?? body diode reverse recovery time t rr ? 212 ? ns i s = 5a, di/dt = 100a/ s body diode reverse recovery time (t j = +150c) t rr ?? 251 ?? ns body diode reverse recovery charge q rr ?? 1.8 ?? c body diode reverse recovery charge (t j = +150c) q rr ?? 2.3 ?? c notes: 5. device mounted on fr-4 substrate pc board, 2oz copper, with 1inch square copper pad layout. 6. uis in production with v dd = 50v, v gs = 10v, l = 60mh, t j = +25c. 7. short duration pulse test used to minimize self-heating effect 8. guaranteed by design. not subject to production testing
DMJ7N70SK3 document number: ds36907 rev. 3 - 2 3 of 6 www.diodes.com may 2014 ? diodes incorporated DMJ7N70SK3 new product v , drain-source voltage (v) figure 1 typical output characteristics ds i, d r ai n c u r r e n t (a) d 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0123 v= 3.5v gs 45678910 v= 4.0v gs v= 4.5v gs v= 5.0v gs v= 5.5v gs v = 25v gs v = 15v gs v= 10v gs v= 6.0v gs v= 8.0v gs v , gate-source voltage (v) gs figure 2 typical transfer characteristics i, d r ain c u r r en t (a) d 0 1 2 3 4 5 012345678910 v = 20v ds t = 150c a t = 125c a t = 85c a t = 25c a t = -55c a i , drain-source current (a) d figure 3 typical on-resistance vs. drain current and gate voltage r , d r ain-s o u r ce o n- r esistance ( ) ds(on) ? 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 012345 v = 10v gs v , gate-source voltage (v) gs figure 4 typical transfer characteristics r , d r ai n -s o u r c e o n - r esis t a n c e ( ) ds(on) ? 0 1 2 3 4 5 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 i= 2.5a d i , drain current (a) d figure 5 typical on-resistance vs. drain current and temperature r , d r ain-s o u r ce o n- r esistance ( ) ds(on) ? 0 1 2 3 4 5 012345 t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a v = 10v gs t , junction temperature ( c) figure 6 on-resistance variation with temperature j ? r , d r ain-s o u r c e on-resistance (normalized) ds(on) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 -50 -25 0 25 50 75 100 125 150 v= v i= 1a gs d 5.0 v=v i= 5a gs d 10
DMJ7N70SK3 document number: ds36907 rev. 3 - 2 4 of 6 www.diodes.com may 2014 ? diodes incorporated DMJ7N70SK3 new product t , junction temperature ( c) figure 7 on-resistance variation with temperature j ? r , d r ain-s o u r c e o n- r esis t an c e ( ) ds(on) ? 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 150 v=5.0v i= 1a gs d v=v i= 5a gs d 10 t , junction temperature ( c) figure 8 gate threshold variation vs. ambient temperature j ? v, g a t e t h r es h o ld v o l t a g e (v) gs(th) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 -50 -25 0 25 50 75 100 125 150 i= 1ma d i = 250a d v , source-drain voltage (v) sd figure 9 diode forward voltage vs. current i, s o u r c e c u r r e n t (a) s 0 1 2 3 4 5 0 0.3 0.6 0.9 1.2 1.5 t = 150c a t= 125c a t= 85c a t = -55c a t= 25c a v , drain-source voltage (v) ds figure 10 typical junction capacitance c , j u n c ti o n c a p a c itan c e (pf) t 1 10 100 1000 10000 0 5 10 15 20 25 30 35 40 c iss c oss c rss f = 1mhz q(nc) g , total gate charge figure 11 gate charge v g a t e t h r es h o ld v o l t a g e (v) gs 0 2 4 6 8 10 0 3 6 9 12 15 v = 560v i=a ds d 5 v , drain-source voltage (v) figure 12 soa, safe operation area ds i, d r ain c u r r en t (a) d r limited ds(on) t = 150c t = 25c v = 20v single pulse j(max) a gs dut on 1 * mrp board dc p = 10s w p = 1s w p = 100ms w p = 10ms w p = 1ms w p = 100s w 0.001 0.01 0.1 1 10 0.1 1 10 100 1000
DMJ7N70SK3 document number: ds36907 rev. 3 - 2 5 of 6 www.diodes.com may 2014 ? diodes incorporated DMJ7N70SK3 new product package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. t1, pulse duration time (sec) figure 13 transient thermal resistance r(t), t r a n sie n t t h e r mal r esis t a n c e r (t) = r(t) * r r = 67c/w duty cycle, d = t1/ t2 ?? ? ja ja ja d = 0.5 d = 0.7 d = 0.9 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 d = single pulse 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 to252 dim min max typ a 2.19 2.39 2.29 a1 0.00 0.13 0.08 a2 0.97 1.17 1.07 b 0.64 0.88 0.783 b2 0.76 1.14 0.95 b3 5.21 5.46 5.33 c2 0.45 0.58 0.531 d 6.00 6.20 6.10 d1 5.21 ? ? e ? ? 2.286 e 6.45 6.70 6.58 e1 4.32 ? ? h 9.40 10.41 9.91 l 1.40 1.78 1.59 l3 0.88 1.27 1.08 l4 0.64 1.02 0.83 a 0 10 ? all dimensions in mm dimensions value (in mm) z 11.6 x1 1.5 x2 7.0 y1 2.5 y2 7.0 c 6.9 e1 2.3 b3 e 2x b2 d l4 a c2 e a1 l l3 3x b a h a2 e1 x2 c z x1 y1 e1 y2
DMJ7N70SK3 document number: ds36907 rev. 3 - 2 6 of 6 www.diodes.com may 2014 ? diodes incorporated DMJ7N70SK3 new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when prope rly used in accordance with instructions for use provided in the labeling can be reasonably expected to re sult in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMJ7N70SK3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X