Part Number Hot Search : 
128K16 DDZX9699 PA3101D2 P6V2B 769LDG 2SA878 HT49R MPC55
Product Description
Full Text Search
 

To Download CJ2301-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m o s f e t rohs device page 1 rev :a features - p-channel 20-v(d-s) mosfet - t rench fet power mosfet . mechanical data - case: sot -23, molded plastic. - t erminals: solderable per mil-std-750, method 2026. circuit diagram CJ2301-HF d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -jtr12 comchip t echnology co., l td. s o t - 2 3 c o m c h i p s m d d i o d e s p e c i a l i s t halogen free - load switch for portable devices. g d s 3 1 2 0.1 18(3.00) 0.1 10(2.80) 0.055(1.40) 0.047(1.20) 0.079(2.00) 0.071(1.80) 0.041(1.05) 0.035(0.90) 0.020(0.50) 0.012(0.30) 0.006(0.150) 0.003(0.080) 0.100(2.55) 0.089(2.25) - dc/dc converter . maximum ratings and electrical characteristics (at t a=25 c unless otherwise noted) drain-source voltage gate-source voltage continuous drain current maximum power dissipation junction temperature range storage temperature range units symbol parameter v ds v gs i d p d r ja t j t stg v alue -20 8 -2.3 350 357 150 -55 to +150 v v a mw c/w c c thermal resistance from junction to ambient (t<5s) pulsed drain current i dm -10 continuous source-drain diode current i s -0.72 company reserves the right to improve product design , functions and reliability without notice. p-channel - w eight: 0.008 grams(approx.).
symbol parameter conditions min max units drain-source breakdown voltage 0.1 12 v gs =0v , i d =-250a zero gate voltage drain current forward transconductance (note a) reverse transfer capacitance input capacitance t urn-on delay time t urn-of f delay time rise time fall time v ds =v gs , i d =-250a v ds =-20v , v gs =0v v =-4.5v , gs i d =-2.8a v ds =-5v , i d =-2.8a v (br) dss i dss r ds(on) g fs c oss c rss td (on) t r t d(of f) t f -1 -20 -1 6.5 1 1 35 30 10 v ? s ns v ds =-10v , v gs =0v , f=1mh z c iss 405 page 2 rev :a qw -jtr12 comchip t echnology co., l td. m o s f e t c o m c h i p s m d d i o d e s p e c i a l i s t dynamic (note b) v =-2.5v , gs i d =-2.0a 0.142 output capacitance t yp 75 55 pf static electrical characteristics (at t a =25c unless otherwise noted) company reserves the right to improve product design , functions and reliability without notice. -0.4 gate threshold voltage -source v gs(th) gate leakage -source v ds =0v , v gs =8v i gss 100 na t otal gate charge gate-drain charge gate-soutce charge v ds =-10v , v gs =-2.5v , i d =-3a q g q gs q gd 5.5 0.7 1.3 nc drain-source on-state resistance (note a) a 0.090 0.1 10 v =-10v , v gs =-4.5v , ds i d =-3a 10 3.3 6 gate resistance f=1mhz r g 6.0 ? 20 60 50 20 v dd =-10v , v gen =-4.5v rg=1? r l =10? , i d =-1a body diode voltage continuous souce-drain diode current i sm v sd t c =25c i s -1.3 drain-source body diode characteristics pulse diode forward current (note a) -10 -0.8 a v -1.2 i s =-0.7a a. pulse test: pulse width <300s, duty cycle < 2% notes: b. guaranteed by design, not subject to production testing.
qw -jtr12 ra ting and characteristic cur ves ( CJ2301-HF ) comchip t echnology co., l td. page 3 rev :a m o s f e t c o m c h i p s m d d i o d e s p e c i a l i s t o n - r e s i s t a n c e , r d s ( o n ) ( m ? ) drain current, i d (a) fig.3 - r ds(on) i d drain to soruce v oltage, v ds (a) - 0 - 1 - 2 - 3 - 4 fig.1 - output characteristics - 0 - 4 - 1 0 - 2 t a=25c pulsed 0 1 5 0 6 0 3 0 9 0 1 2 0 - 0 - 8 - 6 - 1 0 - 1 4 - 2 - 6 - 8 v gs =-4.5v d r a i n c u r r e n t , i d ( a ) gate to source v oltage,v gs (v ) o n - r e s i s t a n c e , r d s ( o n ) ( m ? ) fig.4 - r ds(on) v gs fig.2 - t ransfer c haracteristi cs - 0 - 2 - 4 - 6 - 0 - 0 . 5 - 1 . 0 - 1 . 5 - 2 . 0 0 1 0 0 5 0 1 5 0 2 0 0 - 0 - 4 - 6 - 8 - 2 - 2 . 5 - 1 0 2 5 0 - 8 gate to source v oltage, v gs (v ) t a= 25 c pu lse d t a= 25 c p ul se d v gs =-2.5v s o u r c e c u r r e n t , i s ( a ) - 0 . 0 1 - 0 . 1 - 1 e - 3 - 1 - 0 . 2 source to drain v oltage, v sd (v ) - 0 . 4 fig.5 - i s v sd - 0 . 6 - 0 . 8 - 1 . 2 - 1 . 0 t a=25c pulsed - 4 - 1 2 d r a i n c u r r e n t , i d ( a ) v gs =-1.0v v gs =-1.5v v gs =-2.0v v gs =-4.0v ,-3.5v ,-3.0v ,-2.5v t a=25c pulsed i d =-3.6a company reserves the right to improve product design , functions and reliability without notice.
qw -jtr12 comchip t echnology co., l td. page 4 rev :a m o s f e t b c d d d 2 d 1 s o t - 2 3 s y m b o l a ( m m ) ( i n c h ) 2 . 1 4 2 0 . 0 3 9 4 . 0 0 0 . 1 0 1 . 5 0 + 0 . 1 0 5 4 . 4 0 1 . 0 1 3 . 0 0 1 . 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 7 8 2 . 0 0 . 0 5 9 0 . 0 0 4 + 7 . 0 0 8 0 . 0 7 9 0 . 5 1 2 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 0 . 0 0 4 1 5 8 0 . 1 5 8 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 3 . 5 0 0 . 0 5 0 . 1 3 8 0 . 0 0 2 s o t - 2 3 3 . 1 5 0 . 1 0 0 . 1 2 4 0 . 0 0 4 2 . 7 7 0 . 1 0 0 . 1 0 9 0 . 0 0 4 1 . 2 2 0 . 1 0 0 . 0 4 8 0 . 0 0 4 9 . 5 0 1 . 0 0 0 . 3 7 4 0 . 0 3 9 8 . 0 0 0 . 3 0 / + C 0 . 1 0 0 . 3 1 5 0 . 0 1 2 / + C 0 . 0 0 4 c o m c h i p s m d d i o d e s p e c i a l i s t reel t aping specification d f e b p 1 p 0 company reserves the right to improve product design , functions and reliability without notice. w
qw -jtr12 comchip t echnology co., l td. page 5 rev :a m o s f e t c o m c h i p s m d d i o d e s p e c i a l i s t marking code part number CJ2301-HF marking code s1 xx 3 1 2 suggested p ad layout a d c size (inch) 0.031 (mm) 0.80 0.80 2.02 0.031 0.080 sot -23 2.82 0.1 1 1 a b d e e standard packaging case t ype qty per reel (pcs) 3,000 sot -23 reel size (inch) 7 xx = product type marking code company reserves the right to improve product design , functions and reliability without notice. b 1.90 0.075 c


▲Up To Search▲   

 
Price & Availability of CJ2301-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X