npn silicon planar power transistor cfd2375 to-220fp fully isolated plastic package absolute maximum ratings description symbol collector base voltage v cbo collector emitter voltage v ceo emitter base voltage v ebo rms isolation voltage (for 1sec, r.h. ** v isol (a) <30%, t a = 25 o c) (b) collector current peak i cp collector current i c base current i b collector power dissipation @t c =25 o c p c @t a =25 o c junction temperature t j storage temperature range t stg ** rms isolation voltage: (a) 3500 v rms with package in clip mounting position (b) 1500 v rms with package in screw mounting position (for 1sec, r.h.<30%, t a =25 o c; pulse test: pulse width < 300 m m s, duty cycle < 2%) electrical characteristics (t a =25oc unless otherwise specified) description symbol test condition min typ max unit collector cut off current i cbo v cb = 80v, i e =0 100 m a collector cut off current i ceo v ce = 40v, i b =0 100 m a emitter cut off current i ebo v eb = 6v, i c =0 100 m a collector emitter voltage v ceo i c = 25ma, i b =0 60 v dc current gain h fe v ce = 4v, i c = 0.5a 500 1500 collector emitter saturation voltage v ce(sat) i c = 2a, i b = 0.05a 1 v transition frequency f t v ce =12v, i c = 0.2a 50 mhz f=10mhz h fe classification q : 500 - 1000 p : 800 - 1500 a a 2 w o c - 55 to +150 80 60 6 3500 1500 3 25 150 1 6 value w oc v v rms v rms a unit v v continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts16949 and iso 9001 certified company
cfd2375 to-220fp fully isolated plastic package to-220fp fully isolated plastic package to-220 fp tube packing to-220fp 200 pcs/polybag 50 pcs/tube 396 gm/200 pcs 135 gm/50 pcs 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 1k 1k 17" x 15" x 13.5" 19" x 19" x 19" 16k 10k 36 kgs 28 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail dim min max all diminsions in mm. a b c d e f g h j 9.96 2.60 4.50 3.10 7.90 16.87 0.45 2.56 2.34 k ? l ? m ? 10.36 3.00 4.90 3.30 8.20 17.27 0.50 2.96 2.74 3.08 30.05 0.80 pin configuration 1. base 2. collector 3. emitter 3 2 1 a d c e f k l m j j g 1 2 3 6.87 3 2 . 8 5 13.74 end pin tube thickness device name label 536.00 1.5 50 pcs./tube sr. qty. all dimensions in mm ammo pack size 20 tubes/ammo pack 1000 pcs./ammo pack label 5 3 8 . 0 0 7 5 . 0 9 2 . 0 continental device india limited data sheet page 2 of 3
notes cfd2375 to-220fp fully isolated plastic package cfd2375rev180302e disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3
|