Part Number Hot Search : 
M54685E T93C56 74HC53 PC184 SM5168CX SR170S MMBZ5 10X687M0
Product Description
Full Text Search
 

To Download C10508-01-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 www.hamamatsu.com apd module variable gain, stable detection even at high gain c10508-01 the c10508-01 consists of an apd, current-to-voltage converter, high-voltage power supply circuit as well as a microcontroller for compensating temperature with high stability on the basis of information received from the temperature sensor. the microcontroller contains coef cients according to the temperature characteristics of the apd. this allows highly stable apd gain over a wide temperature range even at high gain. the gain can be adjusted using a switch on the circuit board or commands from a pc. dc 10 100 1 k 10 k 100 k 1 m 10 m 100 m 1 g sensitivity (v/w) response speed (hz) 10 9 10 8 10 7 10 6 10 5 10 4 10 3 c12703-01 dc to 100 khz -1.5 10 8 v/w c10508-01 dc to 10 mhz 1.5 106 to 1.5 107 v/w c12703 series dc to 10 mhz 1.5 10 6 v/w c5658 50 khz to 1 ghz 2.5 10 5 v/w c12702 series 4 types available for different photosensitive areas and wavelengths 4 khz to 100 mhz -1 10 4 v/w gain temperature stability: 5 % or less (gain=250, ta=0 c to +40 c) adjustable gain the gain can be adjusted with a switch or commands sent from a pc. compact and lightweight easy handling: requires only a 5 v power supply. features apd evaluation optical power meters low-light-level detection applications block diagram sensitivity vs. response speed 5 v bnc connector microcontroller (temperature compensation circuit) voltage controller high voltage generator +200 v +5 v apd temperature sensor i/o high-speed current-to-voltage converter kaccc0360ea kaccb0355ea
2 apd module c10508-01 absolute maximum ratings (ta=25 c) parameter symbol value unit positive supply voltage vp +6 v negative supply voltage vn -6 v maximum incident light level - 10 mw operating temperature * topr 0 to +60 c storage temperature * tstg -20 to +70 c * no condensation note: exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. always be sure to use the product within the absolute maximum ratings. structure parameter symbol value unit built-in sensor - s12023-10a - photosensitive area a ? 1.0 mm window material - borosilicate glass - dimensions (w d h) - 60 60 22 mm weight - 37 g interface - conforms to rs-232c - electrical characteristics parameter symbol condition min. typ. max. unit supply voltage vs +5v +4.6 +5.0 +5.4 v -5v -4.6 -5.0 -5.4 v current consumption ic +5v - +50 +75 ma -5v - -15 -25 ma output inpedance zo -50- ? feedback resistance rf - 10 - k ? latter-stage ampli er gain - - 10 - times output polarity - positive polarity - electrical and optical characteristics (typ. ta=25 c, unless otherwise noted) parameter symbol condition min. typ. max. unit spectral response range ? 400 to 1000 nm peak sensitivity wagvelength ? p - 800 - nm photosensitivity s m=1, ? =800 nm - 0.5 - a/w cutoff frequency high fc m=10 to 250, -3 db 8 10 - mhz low -dc-- gain m adjustable by switch or serial communication - gain temperature stability - m=10 to 250 ta=0 to 40 c - - 5 % photoelectric conversion sensitivity - m=250, ? =800 nm 1.0 10 7 1.25 10 7 1.5 10 7 v/w noise equivalent power nep m=250, ? =800 nm - 0.02 0.04 pw/hz 1/2 minimum detection limit - m=250, ? =800 nm - 63 126 pw rms saturation incident light level - m=250, ? =800 nm - 0.24 - w
3 apd module c10508-01 spectral response frequency characteristics (typical example) temperature characteristics of gain response to step light (typ. ta=25 c, =800 nm, m=250) photosensitivity (a/w) 200 400 600 800 1000 300 500 700 900 1100 0 150 100 50 wavelength (nm) (typ. ta=25 c) relative sensitivity (db) dc 0.1 1 10 100 -40 -30 10 0 -20 -10 frequency (mhz) m=5 m10 gain variation (%) -10 0 20 40 60 10 30 50 -30 30 10 -10 20 0 -20 ambient temperature (c) typ. (typ. m=250 ) kaccb0184ea kaccc0399ea typ., ta=25 c, m=250, incident pulse width 1 s x axis 200 ns/div., y axis 100 mv/div. kaccb0183ea kaccb0185ea
4 apd module c10508-01 55 0.5 55 0.5 6 0 0.5 (5.6) apd photosensitive surface * rotary switch (4 ) 3.2 offset adjustment trimmer 1 3.1 8 1 2 3 4 5 6 7 8 9 0 6 16 35 0.5 60 0.5 (0.8) (2.8) (9) 19.6 power connector communication connector apd * * position accuracy of photosensitive area: 0.3 mm with respect to apd package center bnc connector for output signals power connector (cable included) molex: 5268-03a -5 v gnd +5 v communication connector (cable included) molex: 53047-0810 gnd dsr rts rxd cts dtr txd dcd dimensional outline (unit: mm, tolerance unless otherwise noted: 0.3) kacca0337ea
5 apd module c10508-01 communication with pc communication conditions baud rate : 9600 bps data bits : 8-bit parity : none stop bits : 1-bit flow control : none no. description 9# 8-7 command (2 bytes: us/ug/uw) 6-3 data (4 bytes: 0000 ? 9999) 2-1 terminator (2 bytes: carriage return + line feed) 987654321 # aa xxxx send command format (ascii code: 9 characters) command description #ug queries the current gain setting. the default gain is 10. #us sets the gain to use when the switch is set to 9. the setting range is 5 to 400. a value outside the range will result in error. at power-on, the gain is set to the same setting as switch position 8. #uw sets the gain to use when the switch is set to 8. the setting range is 5 to 400. a value outside the range will result in error. the value will be retained even after the power is turned off. commands gain adjustment method position function 0 not allowed 1 gain: 10 2 gain: 30 3 gain: 50 4 gain: 75 5 gain: 100 6 gain: 150 7 gain: 250 8 gain: user setting 9 pc control mode using the switch the gain can be adjusted with the rotary switch on the circuit board. the following table indicates the relationship between th e switch position and gain. using commands from a pc set the switch position to 9 to enable pc control mode. the gain can be set to an integer value between 5 and 400. note that the setting is cleared when the power is turned off. 1 2 3 4 5 6 7 8 9 0
6 apd module c10508-01 no. description 9 * (normal) or $ (error) 8-7 command (2 bytes: echo back) 6-3 data (4 bytes: 0000 ? 9999) 2-1 terminator (2 bytes: carriage return + line feed) 987654321 * or $ aa xxxx receive data format (ascii code: 9 characters) accessories power cable communication cable d-sub connector cd-rom (sample software, instruction manual) quick start guide fc fiber adapter a12855-01 sma fiber adapter a12855-02 options (sold separately) sample software a sample software program is contained in the supplied cd-rom. you can use it to control the c10508-01 from a pc. please use it to check the operation. sample software window
7 cat. no. kacc1217e01 feb. 2014 dn apd module c10508-01 www.hamamatsu.com hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184 u.s.a.: hamamatsu corporation: 360 foothill road, bridgewater, n.j. 08807, u.s.a., telephone: (1) 908-231-0960, fax: (1) 908-23 1-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 8152-375-0, fax: (49) 8152-265-8 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, telephone: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, united kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: torshamnsgatan 35 16440 kista, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-5 09-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1 int. 6, 20020 arese (milano), italy, telephone: (39) 02-93581733 , fax: (39) 02-93581741 china: hamamatsu photonics (china) co., ltd.: b1201, jiaming center, no.27 dongsanhuan beilu, chaoyang district, beijing 100020 , china, telephone: (86) 10-6586-6006, fax: (86) 10-6586-2866 product specifications are subject to change without prior notice due to improvements or other reasons. this document has been carefully prepared and the information contained is believed to be accurate. in rare cases, however, there may be inaccuracies such as text errors. before using these products, always contact us for the delivery specification sheet to check the latest specifications. type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(x)" which means preliminary specifications or a suffix "(z)" which means developmental specifications. the product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that one year period. however, even if within the warranty period we accept absolutely no liability for any loss caused by natural d isasters or improper product use. copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission. information described in this material is current as of february, 2014. related information precautions a notice www.hamamatsu.com/sp/ssd/doc_en.html


▲Up To Search▲   

 
Price & Availability of C10508-01-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X