Part Number Hot Search : 
SMAJ550 HCT2G C1213 045STRL 2SC3621 ESAC33C KBP206 33SPA080
Product Description
Full Text Search
 

To Download 3KP19A-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3kp-g series stand-off v oltage: 5.0 ~ 440v power dissipation: 3000 w atts rohs device 3000w t ransient v oltage suppressor qw -btv09 page 1 rev :b symbol parameter v alue unit peak power dissipation with a 10/1000 s waveform (note 1) 300 features -glass passivated chip. -low leakage. -uni and bidirection unit. -excellent clamping capability . -epoxy: ul 94v -0 rate flame retardant. -v ery fast response time. mechanical data -case: molded plastic r-6 -lead: solderable per mil-std-202, method 208 guranteed. -w eight: 2.1 grams d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) peak forward surge current, 8.3ms single half sine-wave unidirectional only (note 2) operating junction and storage temperature range p pp see next t able 3000 -55 to +150 w a a c nt oes: (1) non-repetitive current pulse, per fig.3 and derated above t a =25c per fig. 1. (2) measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. (3) v f <3.5v for devices of v br <200v and v f <5.0v for devices of v br >201v . i pp i fsm t j , t stg 1.0(25.4) min. 0.360(9.14) 0.340(8.64) 0.360(9.14) 0.340(8.64) 0.052(1.32) 0.048(1.22) 1.0(25.4) min. dia. dia. r-6 maximum instantaneous forward voltage at 100a for unidirectional only (note 3) 3.5 / 5.0 v v f maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derated current by 20%. -polarity: color band denotes cathode end except bipolar . 6.5 w power dissipation on infinite heatsink at t l =75c p d peak pulse current wih a 10/1000 s waveform (note 1) company reserves the right to improve product design , functions and reliability without notice.
page 2 qw -btv09 rev :b fig.1 pulse derating curve ambient t emperature, (c) fig.3 peak pulse power rating curve 0 . 1 p e a k p o w e r , ( k w ) pulse width, td ( s) 1 1 0 1 0 0 fig.4 steady state power curve derating 0 lead t emperature, (c) t l 4 6 8 fig.5 pulse w aveforem p e a k p u l s e c u r r e n t , ( % ) t ime, (ms) ra ting and characteristic (3kp-g series) 50 12 5 20 0 17 5 15 0 10 0 75 25 0 25 0 50 75 10 0 p e a k p u l s e d e r a t i n g i n % o f p e a k p o w e r o r c u r r e n t 0.1 10 1 10 00 0 10 0 10 00 0 50 12 5 20 0 17 5 15 0 10 0 75 25 2 0 0 1.0 4.0 50 10 0 3.0 2.0 peak value t r=10 s half value= i pp 2 t j = 25c td pluse width(td)is defined as the point where the peak current decays to 50% of i pp 10/1000 waveform as defined by r.e.a. 3000w t ransient v oltage suppressor company reserves the right to improve product design , functions and reliability without notice. 3 5 7 1 fig.2 max. non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 250 150 200 300 100 1 number of cycles at 60hz 10 8.3ms single half sine-wave t j = t j max. 100 s t e a d y s t a t e p o w e r d i s s i p a t i o n , ( w )
electrical characteristics (t a =25c unless otherwise noted) page 3 qw -btv09 rev :b 3000w t ransient v oltage suppressor company reserves the right to improve product design , functions and reliability without notice. min.(v) max.(v) part no. maximum clamping v oltage vc(v) it(ma) vbr (v) @ it breakdown v oltage w orking peak reverse v oltage v r wm (v) maximum reverse leakage at vr wm i r (ua) maximum reverse surge i pp (a) current uni bi marking code at ipp 3 k p 5 . 0 ( c ) a - g 6 . 4 0 7 . 0 0 5 0 5 0 0 0 5 . 0 9 . 2 3 2 6 . 0 9 3 k p 5 . 0 a 3 k p 5 . 0 c a 3 k p 6 . 0 ( c ) a - g 6 . 6 7 7 . 3 7 5 0 5 0 0 0 6 . 0 1 0 . 3 2 9 1 . 2 6 3 k p 6 . 0 a 3 k p 6 . 0 c a 3 k p 6 . 5 ( c ) a - g 7 . 2 2 7 . 9 8 5 0 2 0 0 0 6 . 5 1 1 . 2 2 6 7 . 8 6 3 k p 6 . 5 a 3 k p 6 . 5 c a 3 k p 7 . 0 ( c ) a - g 7 . 7 8 8 . 6 0 5 0 1 0 0 0 7 . 0 1 2 . 0 2 5 0 . 0 0 3 k p 7 . 0 a 3 k p 7 . 0 c a 3 k p 7 . 5 ( c ) a - g 8 . 3 3 9 . 2 1 5 2 5 0 7 . 5 1 2 . 9 2 3 2 . 5 6 3 k p 7 . 5 a 3 k p 7 . 5 c a 3 k p 8 . 0 ( c ) a - g 8 . 8 9 9 . 8 3 5 1 5 0 8 . 0 1 3 . 6 2 2 0 . 5 9 3 k p 8 . 0 a 3 k p 8 . 0 c a 3 k p 8 . 5 ( c ) a - g 9 . 4 4 1 0 . 4 5 5 0 8 . 5 1 4 . 4 2 0 8 . 3 3 3 k p 8 . 5 a 3 k p 8 . 5 c a 3 k p 9 . 0 ( c ) a - g 1 0 . 0 1 1 . 1 5 2 0 9 . 0 1 5 . 4 1 9 4 . 8 1 3 k p 9 . 0 a 3 k p 9 . 0 c a 3 k p 1 0 ( c ) a - g 1 1 . 1 1 2 . 3 5 1 5 1 0 . 0 1 7 . 0 1 7 6 . 4 7 3 k p 1 0 a 3 k p 1 0 c a 3 k p 1 1 ( c ) a - g 1 2 . 2 1 3 . 5 5 2 1 1 . 0 1 8 . 2 1 6 4 . 8 4 3 k p 1 1 a 3 k p 1 1 c a 3 k p 1 2 ( c ) a - g 1 3 . 3 1 4 . 7 5 2 1 2 . 0 1 9 . 9 1 5 0 . 7 5 3 k p 1 2 a 3 k p 1 2 c a 3 k p 1 3 ( c ) a - g 1 4 . 4 1 5 . 9 5 2 1 3 . 0 2 1 . 5 1 3 9 . 5 3 3 k p 1 3 a 3 k p 1 3 c a 3 k p 1 4 ( c ) a - g 1 5 . 6 1 7 . 2 5 2 1 4 . 0 2 3 . 2 1 2 9 . 3 1 3 k p 1 4 a 3 k p 1 4 c a 3 k p 1 5 ( c ) a - g 1 6 . 7 1 8 . 5 5 2 1 5 . 0 2 4 . 4 1 2 2 . 9 5 3 k p 1 5 a 3 k p 1 5 c a 3 k p 1 6 ( c ) a - g 1 7 . 8 1 9 . 7 5 2 1 6 . 0 2 6 . 0 1 1 5 . 3 8 3 k p 1 6 a 3 k p 1 6 c a 3 k p 1 7 ( c ) a - g 1 8 . 9 2 0 . 9 5 2 1 7 . 0 2 7 . 6 1 0 8 . 7 0 3 k p 1 7 a 3 k p 1 7 c a 3 k p 1 8 ( c ) a - g 2 0 . 0 2 2 . 1 5 2 1 8 . 0 1 0 2 . 7 4 2 9 . 2 3 k p 1 8 a 3 k p 1 8 c a 3 k p 1 9 ( c ) a - g 2 1 . 1 2 3 . 3 5 2 1 9 . 0 9 7 . 4 7 3 0 . 8 3 k p 1 9 a 3 k p 1 9 c a 3 k p 2 2 ( c ) a - g 2 4 . 4 2 6 . 9 5 2 2 2 . 0 8 4 . 5 1 3 5 . 5 3 k p 2 2 a 3 k p 2 2 c a 3 k p 2 4 ( c ) a - g 2 6 . 7 2 9 . 5 5 2 2 4 . 0 7 7 . 1 2 3 8 . 9 3 k p 2 4 a 3 k p 2 4 c a 3 k p 2 6 ( c ) a - g 2 8 . 9 3 1 . 9 5 2 2 6 . 0 7 1 . 2 6 4 2 . 1 3 k p 2 6 a 3 k p 2 6 c a 3 k p 2 8 ( c ) a - g 3 1 . 1 3 4 . 4 5 2 2 8 . 0 6 6 . 0 8 4 5 . 4 3 k p 2 8 a 3 k p 2 8 c a 3 k p 2 0 ( c ) a - g 2 2 . 2 2 4 . 5 5 2 2 0 . 0 9 2 . 5 9 3 2 . 4 3 k p 2 0 a 3 k p 2 0 c a 3 k p 3 0 ( c ) a - g 3 3 . 3 3 6 . 8 5 2 3 0 . 0 6 1 . 9 8 4 8 . 4 3 k p 3 0 a 3 k p 3 0 c a 3 k p 3 3 ( c ) a - g 3 6 . 7 4 0 . 6 3 3 . 0 5 6 . 2 9 5 3 . 3 3 k p 3 6 ( c ) a - g 4 0 . 0 4 4 . 2 3 6 . 0 5 1 . 6 4 5 8 . 1 3 k p 4 0 ( c ) a - g 4 4 . 4 4 9 . 1 4 0 . 0 4 6 . 5 1 6 4 . 5 3 k p 4 3 ( c ) a - g 4 3 . 0 4 7 . 8 4 3 . 0 4 3 . 2 3 6 9 . 4 5 2 5 2 5 2 5 2 5 2 5 2 5 2 5 2 3 k p 4 5 ( c ) a - g 4 5 . 0 5 0 . 0 5 5 . 3 7 2 . 7 4 1 . 2 7 3 k p 4 8 ( c ) a - g 4 8 . 0 5 3 . 3 5 8 . 9 7 7 . 4 3 8 . 7 6 3 k p 5 1 ( c ) a - g 5 1 . 0 5 6 . 7 6 2 . 7 8 2 . 4 3 6 . 4 1 3 k p 5 4 ( c ) a - g 5 4 . 0 6 0 . 0 6 6 . 3 8 7 . 1 3 4 . 4 4 3 k p 3 3 a 3 k p 3 6 a 3 k p 4 0 a 3 k p 4 3 a 3 k p 4 5 a 3 k p 4 8 a 3 k p 5 1 a 3 k p 5 4 a 3 k p 3 3 c a 3 k p 3 6 c a 3 k p 4 0 c a 3 k p 4 3 c a 3 k p 4 5 c a 3 k p 4 8 c a 3 k p 5 1 c a 3 k p 5 4 c a
page 4 qw -btv09 rev :b 3000w t ransient v oltage suppressor company reserves the right to improve product design , functions and reliability without notice. electrical characteristics (t a =25c unless otherwise noted) min.(v) max.(v) part no. maximum clamping v oltage vc(v) it(ma) vbr (v) @ it breakdown v oltage w orking peak reverse v oltage v r wm (v) maximum reverse leakage at vr wm i r (ua) maximum reverse surge i pp (a) current uni bi marking code at ipp 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 k p 5 8 ( c ) a - g 5 8 . 0 6 4 . 4 7 1 . 2 9 3 . 6 3 2 . 0 5 5 3 k p 6 0 ( c ) a - g 6 0 . 0 6 6 . 7 7 3 . 7 9 6 . 8 3 0 . 9 9 5 3 k p 6 4 ( c ) a - g 6 4 . 0 7 1 . 1 7 8 . 6 1 0 3 . 0 2 9 . 1 3 5 3 k p 7 0 ( c ) a - g 7 0 . 0 7 7 . 8 8 6 . 0 1 1 3 . 0 2 6 . 5 5 5 3 k p 7 5 ( c ) a - g 7 5 . 0 8 3 . 3 9 2 . 1 1 2 1 . 0 2 4 . 7 9 5 3 k p 7 8 ( c ) a - g 7 8 . 0 8 6 . 7 9 5 . 8 1 2 6 . 0 2 3 . 8 1 5 3 k p 8 5 ( c ) a - g 8 5 . 0 9 4 . 4 1 0 4 . 0 1 3 7 . 0 2 1 . 9 5 3 k p 9 0 ( c ) a - g 9 0 1 0 0 1 1 1 1 4 6 2 0 . 5 5 5 3 k p 1 0 0 ( c ) a - g 1 0 0 1 1 1 1 2 3 1 6 2 1 8 . 5 2 5 3 k p 1 1 0 ( c ) a - g 1 1 0 1 2 2 1 3 5 1 7 7 1 6 . 9 5 5 3 k p 1 2 0 ( c ) a - g 1 2 0 1 3 3 1 4 7 1 9 3 1 5 . 5 4 5 3 k p 1 3 0 ( c ) a - g 1 3 0 1 4 4 1 5 9 2 0 9 1 4 . 3 5 5 3 k p 1 5 0 ( c ) a - g 1 5 0 1 6 7 1 8 5 2 4 3 1 2 . 3 5 5 3 k p 8 0 ( c ) a - g 8 0 . 0 8 8 . 8 9 7 . 6 1 3 7 . 0 2 3 . 1 5 5 3 k p 1 4 0 ( c ) a - g 1 4 0 1 5 5 1 7 1 2 2 7 1 3 . 2 3 5 3 k p 1 6 0 ( c ) a - g 1 6 0 1 7 8 1 9 7 2 5 9 1 1 . 5 8 5 3 k p 2 5 0 ( c ) a - g 2 5 0 2 7 9 3 0 9 4 0 5 7 . 4 1 3 k p 3 0 0 ( c ) a - g 3 0 0 3 3 5 3 7 1 4 8 6 6 . 1 7 3 k p 3 5 0 ( c ) a - g 3 5 0 3 9 1 4 3 2 5 6 7 5 . 2 9 3 k p 4 0 0 ( c ) a - g 4 0 0 4 4 7 4 9 4 6 4 8 4 . 6 3 3 k p 4 4 0 ( c ) a - g 4 4 0 4 9 2 5 4 3 7 1 3 4 . 2 1 3 k p 1 7 0 ( c ) a - g 1 7 0 1 8 9 2 0 9 2 7 5 1 0 . 9 1 3 k p 1 8 0 ( c ) a - g 1 8 0 2 0 0 2 2 0 2 9 2 1 0 . 2 9 3 k p 1 9 0 ( c ) a - g 1 9 0 2 1 1 2 3 2 3 0 8 9 . 7 5 3 k p 2 0 0 ( c ) a - g 2 0 0 2 2 4 2 4 7 3 2 4 9 . 2 6 3 k p 2 1 0 ( c ) a - g 2 1 0 2 3 3 2 5 8 3 5 0 8 . 5 8 3 k p 2 2 0 ( c ) a - g 2 2 0 2 4 6 2 7 2 3 5 6 8 . 4 3 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 3 k p 5 8 a 3 k p 6 0 a 3 k p 6 4 a 3 k p 7 0 a 3 k p 7 5 a 3 k p 7 8 a 3 k p 8 5 a 3 k p 9 0 a 3 k p 1 0 0 a 3 k p 1 1 0 a 3 k p 1 2 0 a 3 k p 1 3 0 a 3 k p 1 5 0 a 3 k p 8 0 a 3 k p 1 4 0 a 3 k p 1 6 0 a 3 k p 2 5 0 a 3 k p 3 0 0 a 3 k p 3 5 0 a 3 k p 4 0 0 a 3 k p 4 4 0 a 3 k p 1 7 0 a 3 k p 1 8 0 a 3 k p 1 9 0 a 3 k p 2 0 0 a 3 k p 2 1 0 a 3 k p 2 2 0 a 3 k p 5 8 c a 3 k p 6 0 c a 3 k p 6 4 c a 3 k p 7 0 c a 3 k p 7 5 c a 3 k p 7 8 c a 3 k p 8 5 c a 3 k p 9 0 c a 3 k p 1 0 0 c a 3 k p 1 1 0 c a 3 k p 1 2 0 c a 3 k p 1 3 0 c a 3 k p 1 5 0 c a 3 k p 8 0 c a 3 k p 1 4 0 c a 3 k p 1 6 0 c a 3 k p 2 5 0 c a 3 k p 3 0 0 c a 3 k p 3 5 0 c a 3 k p 4 0 0 c a 3 k p 4 4 0 c a 3 k p 1 7 0 c a 3 k p 1 8 0 c a 3 k p 1 9 0 c a 3 k p 2 0 0 c a 3 k p 2 1 0 c a 3 k p 2 2 0 c a 1. suf fix 'a ' denotes 5% tolerance device. 2. add suf fix 'c 'or ' ca ' after part number to specify bi-directional devices. 3. for bi-directional devices having v r of 10 volts and under , the i r limit is double. notes:
page 5 qw -btv09 rev :b 3000w t ransient v oltage suppressor company reserves the right to improve product design , functions and reliability without notice. b t aping specification for axial lead diodes l 1 l 2 e a z t e 90 5 l h w d d d o d 1 w 0 l 1 0 . 0 3 9 ( m a x ) 1 . 0 0 ( m a x ) l 2 0 . 0 3 9 ( m a x ) 1 . 0 0 ( m a x ) b z t e 1 0 . 0 0 0 . 5 0 5 2 . 0 0 0 . 5 0 6 . 0 0 0 . 4 0 1 . 2 0 ( m a x ) 1 . 0 0 ( m a x ) 2 . 0 4 7 0 . 0 2 0 0 . 3 9 4 0 . 0 2 0 0 . 0 4 7 ( m a x ) 0 . 2 3 6 0 . 0 1 6 0 . 0 3 9 ( m a x ) a s y m b o l ( m m ) ( i n c h ) r - 6 l w h 7 5 . 0 0 2 . 9 5 3 1 4 5 . 0 0 5 . 7 0 9 2 6 0 . 0 0 1 0 . 2 3 6 d 3 3 0 . 0 0 1 3 . 0 0 0 d 1 d 0 8 5 . 7 0 0 . 3 0 3 . 3 7 4 0 . 0 1 2 1 6 . 6 0 0 . 4 0 0 . 6 5 4 0 . 0 1 6 w 0 7 2 . 0 0 3 . 0 0 2 . 8 3 5 0 . 1 1 8 ( i n c h ) ( m m ) r - 6 s y m b o l standard packaging c a s e t y p e r - 6 2 5 0 b o x ( p c s ) a m m o p a c k c a r t o n ( p c s ) 3 , 7 5 0


▲Up To Search▲   

 
Price & Availability of 3KP19A-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X