Part Number Hot Search : 
00080 74HC299 SMC13C CPC5603C MM3033E 00035 RN2909 PE9375
Product Description
Full Text Search
 

To Download 2SD2438 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification 1 silicon npn darlington power transistors 2SD2438 description ? ? with to-3pml package ? complement to type 2sb1587 applications ? audio, series regulator and general purpose pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 160 v v ceo collector-emitter voltage open base 150 v v ebo emitter-base voltage open collector 5 v i c collector current 8 a i b base current 1 a p c collector power dissipation t c =25 ?? 75 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pml) and symbol
inchange semiconductor product specification 2 silicon npn darlington power transistors 2SD2438 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =30ma; i b =0 150 v v cesat collector-emitter saturation voltage i c =6 a;i b =6m a 2.5 v v besat base-emitter saturation voltage i c =6 a;i b =6m a 3.0 v i cbo collector cut-off current v cb =160v; i e =0 100 | a i ebo emitter cut-off current v eb =5v; i c =0 100 | a h fe dc current gain i c =6a ; v ce =4v 5000 f t transition frequency i c =1a ; v ce =12v 80 mhz c ob output capacitance i e =0; v cb =10v;f=1mhz 85 pf switching times t on turn-on time 0.6 | s t s storage time 10.0 | s t f fall time i c =6a;r l =10 |? i b1 =-i b2 =6ma v cc =60v 0.9 | s ? h fe classifications o p y 5000-12000 6500-20000 15000-30000
inchange semiconductor product specification 3 silicon npn darlington power transistors 2SD2438 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SD2438

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X