Part Number Hot Search : 
MS274 TSTA7300 1755I SMC24 O2375A 226X0025 TSTA7300 LM317LS
Product Description
Full Text Search
 

To Download UT54ACS138E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 UT54ACS138E 3-line to 8-line decoders/demultiplexers july, 2013 datasheet www.aeroflex.com/logic features ? 0.6 ?? m ? crh cmos process - latchup immune ? high speed ? low power consumption ? wide power supply operating range of 3.0v to 5.5v ? available qml q or v processes ? 16-pin flatpack ? UT54ACS138E - smd - 5962-96544 description the UT54ACS138E is a 3-line to 8-line decoder/demultiplexer designed to be used in high-performance memory-decoding or data-routing applications requiring very short propagation delay times. the conditions at the binary select inputs and the three enable inputs select one of eight output lines. two active-low and one active-high enable inputs reduce th e need for external gates of inverters when expanding. a 24-line decoder can be implement- ed without external inverters a nd a 32-line decoder requires only one inverter. an enable input can be used as a data input for demultiplexing applications. the device is characterized over full military temperature range of -55 ? c to +125 ? c. function table pinout 16-lead flatpack top view 1 2 3 4 5 7 6 16 15 14 13 12 10 11 89 b c g2a g2b g1 y7 v ss a v dd y0 y1 y2 y3 y4 y5 y6 enable inputs select inputs output g1 g2a g2b c b a y0 y1 y2 y3 y4 y5 y6 y7 x x h x x x h h h h h h h h l x x x x x h h h h h h h h x h x x x x h h h h h h h h h l l l l l l h h h h h h h h l l l l h h l h h h h h h h l l l h l h h l h h h h h h l l l h h h h h l h h h h h l l h l l h h h h l h h h h l l h l h h h h h h l h h h l l h h l h h h h h h l h h l l h h h h h h h h h h l
2 logic symbol logic diagram (7) y7 (1) a (2) b (3) c (6) g1 (4) g2a (5) g2b 2 4 1 (9) y6 (10) y5 (11) y4 (12) y3 (13) y2 (14) y1 (15) y0 bin/oct en & 1 2 0 4 5 3 6 7 (7) y7 (1) a (2) b (3) c (6) g1 (4) g2a (5) g2b 2 4 1 (9) y6 (10) y5 (11) y4 (12) y3 (13) y2 (14) y1 (15) y0 dmux en & 1 2 0 4 5 3 6 7 g 0 7 --- note: 1. logic symbols in accordance with an si/ieee standard 91-1984 and iec publication 617-12. y0 y1 y2 y3 y4 y5 y6 y7 data select enable (15) (14) (13) (12) (11) (10) (9) (7) (3) (2) (1) a b c (6) (4) (5) g1 g2a g2b
3 a b c en y0 y1 y2 y3 y4 y5 y6 y7 h a b c en y0 y1 y2 y3 y4 y5 y6 y7 a b c en y0 y1 y2 y3 y4 y5 y6 y7 a b c en y0 y1 y2 y3 y4 y5 y6 y7 y0 y2 y31 expansion to 1-of-32 decoding
4 operational environment 1 notes: 1. logic will not latchup during radiation exposu re within the limits defined in the table. 2. device storage elements are immune to seu affects. absolute maximum ratings note: 1.stresses outside the listed abso lute maximum ratings may cause permanent damage to the device. this is a stress rating only, functional operation of the device at these or any other conditions beyond limits in dicated in the operational s ections is not reco mmended. exposure to absolute maxi mum rating conditions for extended periods may affect device reliability. 2. per mil-std-883, method 1012.1, section 3.4.1, p d = (t j(max) - t c(max) ) / ? jc recommended operating conditions parameter limit units total dose 1.0e6 rads(si) seu threshold 2 108 mev-cm 2 /mg sel threshold 120 mev-cm 2 /mg neutron fluence 1.0e14 n/cm 2 symbol parameter limit units v dd supply voltage -0.3 to 7.0 v v i/o voltage any pin -.3 to v dd +.3 v t stg storage temperature range -65 to +150 ? c t j maximum junction temperature +175 ? c t ls lead temperature (soldering 5 seconds) +300 ? c ? jc thermal resistance junction to case 15.0 ? c/w i i dc input current ? 10 ma p d 2 maximum power dissipation permitted @ tc=125 o c 3.3 w symbol parameter limit units v dd supply voltage 3.0 to 5.5 v v in input voltage any pin 0 to v dd v t c temperature range -55 to + 125 ? c
5 dc electrical characteristics (pre and post-radiation)* (v dd = 3.0v to 5.5v; v ss = 0v 6 , -55 ? c < t c < +125 ? c) ; unless otherwise noted, tc is pe r the temperature range ordered symbol description condition min max unit v il low-level input voltage 1 v dd from 3.0v to 5.5v 0.3 v dd v v ih high-level input voltage 1 v dd from 3.0v to 5.5v 0.7 v dd v i in input leakage current v in = v dd or v ss -1 1 ? a v ol low-level output voltage 3 i ol = 100 ? a v dd from 3.0v to 5.5v 0.25 v v oh high-level output voltage 3 i oh = -100 ? a v dd from 3.0v to 5.5v v dd -0.25 v i os1 short-circuit output current 2 ,4 v o = v dd and v ss v dd from 4.5v to 5.5v -200 200 ma i os2 short-circuit output current 2 ,4 v o = v dd and v ss v dd from 3.0v to 3.6v -100 100 ma i ol1 low level output current 8 (sink) v in = v dd or v ss v ol = 0.4v v dd from 4.5v to 5.5v 8 ma i ol2 low level output current 8 (sink) v in = v dd or v ss v ol = 0.4v v dd from 3.0v to 3.6v 6 ma i oh1 high level output current 8 (source) v in = v dd or v ss v oh = v dd -0.4v v dd from 4.5v to 5.5v -8 ma i oh2 high level output current 8 (source) v in = v dd or v ss v oh = v dd -0.4v v dd from 3.0v to 3.6v -6 ma p total1 power dissipation 7,8 c l = 50pf v dd = 4.5v to 5.5v 1.1 mw/ mhz p total2 power dissipation 7,8 c l = 50pf v dd = 3.0v to 3.6v 0.5 mw/ mhz i ddq quiescent supply current v in = v dd or v ss v dd from 3.6v to 5.5v 10 ? a
6 notes: * for devices procured with a total ionizing dose tolerance guar antee, the post-irrad iation performance is guaranteed at 25c p er mil-std-883 method 1019, condition a up to the maximum tid level procured. 1. functional tests are conducted in accordance with mil-std-883 with th e following input test conditions: v ih = v ih (min) + 20%, - 0%; v il = v il (max) + 0%, - 50%, as specified herein, for ttl, cmos, or schmitt compatible inputs. devices may be tested using any input voltage within the above specified range, but are guaranteed to v ih (min) and v il (max). 2. supplied as a design limit but not guaranteed or tested. 3. per mil-prf-38535, for current density ? 5.0e5 amps/cm 2 , the maximum product of load capac itance (per output buffer) times fre quency should no t exceed 3,765pf/ mhz. 4. not more than one output may be shorted at a time for maximum duration of one second. 5. capacitance measured for initial qualifica tion and when design changes may affect th e value. capacitance is measured between the designated terminal and v ss at frequency of 1mhz and a signal amplitude of 50 mv rms maximum. 6. maximum allowable relative shift equals 50mv. 7. power dissipation specifi ed per switching output. 8. parameter guaranteed by design an d characterization, but is not tested. ac electrical characteristics (pre and post-radiation)* (v dd = 3.0v to 5.5v; v ss = 0v 1 , -55 ? c < t c < +125 ? c); unless otherwise noted, tc is per the temperature range ordered notes: * for devices procured with a total ionizing dose tolerance guar antee, the post-irrad iation performance is guaranteed at 25c p er mil-std-883 method 1019, condition a up to the maximum tid level procured. 1. maximum allowable relative shift equals 50mv. c in input capacitance 5 ? = 1mhz v dd = 0v 15 pf c out output capacitance 5 ? = 1mhz v dd = 0v 15 pf symbol parameter condition v dd minimum maximum unit t plh1 binary select to y n c l = 50pf 3.0v to 3.6v 4 19 ns 4.5v to 5.5v 3 10 t phl1 binary select to y n c l = 50pf 3.0v to 3.6v 4 19 ns 4.5v to 5.5v 3 10 t plh2 enable to output y n c l = 50pf 3.0v to 3.6v 3 19 ns 4.5v to 5.5v 3 10 t phl2 enable to output y n c l = 50pf 3.0v to 3.6v 4 19 ns 4.5v to 5.5v 3 10
packaging figure 1. 16-lead flatpack
UT54ACS138E: smd drawing number: 96544 = UT54ACS138E device type: 02 = 1 rad(si)/sec package type: x = 16-lead ceramic botto m-brazed dual-in-line flatpack lead finish: (notes 1 & 2) a = solder c = gold x = optional 5962 ***** ** * * * * total dose: (notes 3 & 4) r = 1e5 rads(si) f = 3e5 rads(si) g = 5e5 rads(si) h = 1e6 rads(si) 03 = 50 to 300 rads(si)/sec class designator: q = qml class q v = qml class v notes: 1. lead finish (a,c, or x) must be specified. 2. if an ?x? is specified when or dering, part marking will match th e lead finish and will be either ?a? (solder) or ?c? (gold). 3. total dose radiation must be specified when ordering. qml q and qml v not available without radiation hardening. for protot ype inquiries, contact factory. 4. device type 02 is only offered with a tid tolerance guarantee of 3e5 rads(si) or 1e6 rads(si) and is tested in accordance wi th mil-std-883 test method 1019 condition a and section 3.11.2. device type 03 is only offered with a tid tolera nce guarantee of 1e5 rads(si), 3e5 rads(si) , and 5e5 rads(si), and is tested in accordance with mil-std-88 3 test method 1019 condition a.
9 colorado toll free: 800-645-8862 fax: 719-594-8468 se and mid-atlantic tel: 321-951-4164 fax: 321-951-4254 international tel: 805-778-9229 fax: 805-778-1980 west coast tel: 949-362-2260 fax: 949-362-2266 northeast tel: 603-888-3975 fax: 603-888-4585 central tel: 719-594-8017 fax: 719-594-8468 www.aeroflex.com info-ams@aeroflex.com our passion for performance is defined by three attributes represented by these three icons: solution-minded, performance-driven and customer-focused aeroflex colorado springs (aeroflex) reserves the right to make changes to any products and services herein at any time without notice. consult aeroflex or an authorized sales representative to verify that the information in this data sheet is current before using this product. aeroflex does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by aeroflex; nor does the purchase, lease, or use of a pr oduct or service from aeroflex convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual rights of aeroflex or of third parties. aeroflex colorado springs - datasheet definition advanced datasheet - product in development preliminary datasheet - shipping prototype datasheet - shipping qml & reduced hi-rel


▲Up To Search▲   

 
Price & Availability of UT54ACS138E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X