Part Number Hot Search : 
SI9990A 2151K KS624530 04030 PE4078 TLE8201R DRD601 001591
Product Description
Full Text Search
 

To Download UCD4049B-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd ucd4049b preliminary cmos ic www.unisonic.com.tw 1 of 5 copyright ? 2015 unisonic technologies co., ltd qw-r502-876.c cmos hex buffer/converters ? description the ucd4049b devices are inverting hex buffers, and feature logic-level conversion using only one supply voltage(v cc ).the input-signal high level(v ih ) can exceed the v cc supply voltage when these devices are used for logic- level conversions. these devices are intended for use as cmos to dtl/ttl converters and can drive directly two dtl/ttl loads. ? features * high sink current for driving 2 ttl loads * high-to-low level logic conversion * maximum input current of 1ua at 18v over full package temper- ature rage * 5v, 10v and 15v parametric ratings sop-16 tssop-16 ? ordering information ordering number package packing ucd4049bg-s16-r sop-16 tape reel ucd4049bg-p16-r tssop-16 tape reel ? marking
ucd4049b preliminary cmos ic unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-876.c ? pin configuration ? function table (each gate) input(a) output(g) h l l h ? logic diagram (positive logic)
ucd4049b preliminary cmos ic unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-876.c ? absolute maximum rating (t a =25c, unless otherwise specified) parameter symbol ratings unit supply voltage v cc -0.5 ~ 20 v input voltage v in -0.5~v cc +0.5 v output voltage v out -0.5~v cc +0.5 v storage temperature t stg -65~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? recommended operating conditions parameter symbol test conditions min typ max unit supply voltage v cc 3 15 v operating temprature t opr -40 125 c ? thermal data parameter symbol ratings unit junction to ambient sop-16 ja 73 c/w tssop-16 108 c/w ? electrical characteristics (t a =25 , unless otherwise specified) parameter symbol test conditions min typ max unit high-level input voltage v ih v cc =5v, v o =0.5v 4.0 v v cc =10v, v o =1.0v 8.0 v cc =15v, v o =1.5v 12.5 low-level input voltage v il v cc =5v, v o =4.5v 1.0 v v cc =10v, v o =9.0v 2.0 v cc =15v, v o =13.5v 2.5 high-level output voltage v oh v cc =5v, no load 4.95 5 v v cc =10v, no load 9.95 10 v cc =15v, no load 14.95 15 low-level output voltage v ol v cc =5v, no load 0 0.05 v v cc =10v, no load 0 0.05 v cc =15v, no load 0 0.05 high-level output current (note) i oh v cc =4.5v, v o =0.4v 2.6 5.2 ma v cc =5v, v o =4.6v -0.65 -1.2 v cc =5v, v o =2.5v -2.1 -3.9 v cc =10v, v o =9.5v -1.6 5 -3.0 v cc =15v, v o =13.5v -4.3 -8.0 low-level output current (note) i ol v cc =5v, v o =0.4v 3.2 6.4 v cc =10v, v o =0.5v 8.0 16.0 v cc =15v, v o =1.5v 24.0 48.0 input leakage current i i ( leak ) v cc =15v ,v in = v cc or gnd 0.1 a quiescent supply current i dd v cc =5v, v in = v cc or v ss , i out = 0 0.02 1 a v cc =10v, v in = v cc or v ss , i out = 0 0.02 2 v cc =15v, v in = v cc or v ss , i out = 0 0.02 4 v cc =20v, v in = v cc or v ss , i out = 0 0.04 20 note: i ol and i oh are tested one output at a time
ucd4049b preliminary cmos ic unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-876.c ? switching characteristics (t a =25 , input: t r =t f =20ns, c l =50pf, r l =200k ? , unless otherwise specified) parameter symbol test conditions min typ max unit propagation delay from input(a or b) to output(y) t plh v cc =5v 60 120 ns v cc =10v 32 65 v cc =15v 25 50 t phl v cc =5v 32 65 v cc =10v 20 40 v cc =15v 15 30 transition time t tlh v cc =5v 80 160 ns v cc =10v 40 80 v cc =15v 30 60 t thl v cc =5v 30 60 v cc =10v 20 40 v cc =15v 15 30 ? operating characteristics (t a =25 , unless otherwise specified) parameter symbol test conditions min typ max unit a verage input capacitance c in a ny input 15 22.5 pf
ucd4049b preliminary cmos ic unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-876.c ? test circuit and waveforms from output c l 50pf 50% 50% 50% 50% v cc 0v v oh v ol v v o r l 200k t plh t phl note: c l includes probe and jig capacitance. utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UCD4049B-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X