Part Number Hot Search : 
TW0236A 74ACT1 SFH934 BU4525AL TW0236A JQAM1 VCX04 NF1B1L
Product Description
Full Text Search
 

To Download TSM500N03CPROG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tsm 500n03 30v n-channel power mosfet 1/5 version: a14 to - 252 (dpak) key parameter performance parameter value unit v ds 30 v r ds(on) (max) v gs = 10v 50 m ? v gs = 4.5v 80 q g 4 nc application  portable application  dc to dc converter block diagram n-channel mosfet ordering information part no. package packing tsm500n03cp rog to-252 2.5kpcs / 13 reel note: g denotes for halogen- and antimony-free as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total b r + cl) and <1000ppm antimony compounds absolute maximum ratings (t c =25c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs 20 v continuous drain current t c =25c i d 12.5 a t c =100c 8 a pulsed drain current (note 1) i dm 40 a power dissipation @ t c =25 o c p d 12.5 w operating junction temperature t j 150 c storage temperature range t stg -55 to +150 c thermal performance parameter symbol limit unit thermal resistance - junction to case r ? jc 10 c/w thermal resistance - junction to ambient r ? ja 110 pin definition : 1. gate 2. drain 3. source
tsm 500n03 30v n-channel power mosfet 2/5 version: a14 electrical specifications (t c =25c unless otherwise noted) parameter conditions symbol min typ max unit static drain-source breakdown voltage v gs = 0v, i d = 250a bv dss 30 -- -- v drain-source on-state resistance v gs = 10v, i d = 8a r ds(on) -- 40 50 m ? v gs = 4.5v, i d = 8a -- 65 80 gate threshold voltage v ds = v gs , i d = 250a v gs(th) 1 1.7 3 v zero gate voltage drain current v ds = 30v, v gs = 0v i dss -- -- 1 a v ds = 24v, tc = 150c -- -- 25 gate body leakage v gs = 20v, v ds = 0v i gss -- -- 100 na dynamic total gate charge (note 2,3) v ds = 24v, i d = 10a, v gs = 4.5v q g -- 4 -- nc gate-source charge (note 2,3) q gs -- 1.6 -- gate-drain charge (note 2,3) q gd -- 2.4 -- input capacitance v ds = 25v, v gs = 0v, f = 1.0mhz c iss -- 270 -- pf output capacitance c oss -- 70 -- reverse transfer capacitance c rss -- 50 -- switching turn-on delay time (note 2,3) v dd = 15v, i d = 10a, v gs = 10v, r gen =3.3 ? t d(on) -- 7 -- ns turn-on rise time (note 2,3) t r -- 30 -- turn-off delay time (note 2,3) t d(off) -- 10 -- turn-off fall time (note 2,3) t f -- 3 -- source-drain diode ratings and characteristic diode-source forward voltage v gs = 0v, i s = 5a v sd -- -- 1.3 v reverse recovery time (note 2) v gs = 0v, i s = 10a di f /dt = 100a/s t rr -- 17 -- ns reverse recovery charge (note 2) q rr -- 10 -- nc note: 1. pulse width limited by safe operating area 2. pulse test: pulse width 300s, duty cycle 2% 3. switching time is essentially independent of ope rating temperature.
tsm 500n03 30v n-channel power mosfet 3/5 version: a14 electrical characteristics curves output characteristics capacitance drain-source on-resistance gate-source voltage vs. gate charge safe operation area thermal transient impedance
tsm 500n03 30v n-channel power mosfet 4/5 version: a14 to-252 mechanical drawing unit: millimeters marking diagram y = year code m = month code for halogen free product ( o =jan, p =feb, q =mar, r =apl, s =may, t =jun, u =jul, v =aug, w =sep, x =oct, y =nov, z =dec) l = lot code
tsm 500n03 30v n-channel power mosfet 5/5 version: a14 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TSM500N03CPROG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X