Part Number Hot Search : 
U3N50 S182K AD60305 RA23097 S74HC164 KNP200 2SC4102S PSCH50
Product Description
Full Text Search
 

To Download TPMI63 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  total power international, inc toll free: 877-646-0900(us) ph# (978)453-7272 www.total-power.com universal input ac-dc medical application open frame single output 63 watts internal switching power supplies TPMI63 series features: ? accommodate universal ac source s ? comp act 4?x2?x1?pcb format ? meet medical standard en 60601- 1/ ul 2601-1 ? emi meet en 55011 & fcc class b ? ce mar king complianc e specification input specification input voltage: range typ. 90-264vac. rating 100 to 240vac. input connector: v-m connector. input frequency: 47-63hz. inrush current: 12.0a rms cold start @230vac. input current: typ. 0.9a@115vac, 0.435 @230vac. dielectric withstand: meet iec 60601-1. emi: meet en 55011 & fcc class b. hold-up time: typ. 11.2ms @115vac, 72ms @ 230vac. earth leakage: less than 0.1ma @230vac. output specification output voltage: see ratings chart. output current: see ratings chart. output connector: v-m connector. output wattage: typ. 62 watts. line regulation: typ. 0.1%. load regulation: typ. 1.0%. noise & ripple: typ. 1.0% peak to peak. ovp: built-in at main output (latch). adjustability: factory set. overload protection (olp): fully protected against output s overload and short circuit. typ. olp set at 105-120% of rating output power. consult the factory for olp setting. general specification efficiency: typ. 80-89.5 %. (various with output voltage). switching frequency: 85khz. circuit topology: fixed frequency flyback circuit. transient response: output voltage returns in less than 0.5ms following a 50% load change. safety standard: meet medical standards ul 2601-1/ en 60601-1 class i. power density: 7.7watts / cubic inch. operating temperature: 0 to +50 c under forced air flow for full load. derate by 1.3w/c from 40c to 50c. storage temperature: -20 to +85c. temperature coefficient: typ. 0.04%/c. cooling: at least 5 cfm direct forward air flow is required to achieve full rating power. construction: 4?x2?x1? pcb format. note: due to requests in market and a dvances in technology, specifications s ubject to change without notification. for the details of safety approval, please consult the factory. total power international, inc.
total power international, inc toll free: 877-646-0900(us) ph# (978)453-7272 www.total-power.com output voltage/current ratings chart mechani cal dimensions: mm [inches] weight: 121g (4.27 oz.) single output main output model no. typ. volt. TPMI63-s1205 00 5 .00a 12.0v TPMI63-s1504 00 4 .00a 15.0v TPMI63-s2402 50 2 .50a 24.0v TPMI63-s4801 25 1 .25 a 4 8.0v symbol: ? ? ovp built-in. input & output connectors pin assignment ac inp ut single output assignment ac-l ac-n ac-g vo1 dc com cntr/pin# p1-l p1-n g p2 -1,2 p2 -3,4 mating connector: p1,2 molex # 5195 or 5239 series. total power international, inc.


▲Up To Search▲   

 
Price & Availability of TPMI63

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X