Part Number Hot Search : 
ON0751 S1201 AV1815 N60C3 47C62AN CDZFH36B 106KA NTE619
Product Description
Full Text Search
 

To Download TFS1575T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1575 t.doc version 2 . 0 15.06 .2009 vectron international filter specification tfs 1575t 1/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg rese rves the right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t measurement condition ambient tempera t ure: 23 c input po w e r level: 0 dbm terminating imp edance: * input: 50 ? || 0 pf output: 50 ? || 0 pf ch ara c teristic s remark: the minimum atten uation i n th e pa ss band is defined a s the in ser t ion lo ss a e . the nomina l fr e quency f n is fix ed at 1575 ,42 mh z w i thout any tolera nce or limit. the v a lues of absolute a tte nuati on a abs are guara n teed for the w hole operating tempe r a t ure range . the fre quency shift o f the filte r in the operatin g tempera t ure range i s in clud ed in the pr oduction tole rance sch eme. d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 1 , 3 d b m a x . 3 , 0 d b (refe rence level) nomi nal fre que nc y f n - 1 5 7 5 , 4 2 m h z passban d p b - f n 1 5 ,0 mhz pass ban d rip p l e 0 , 5 d b m a x . 2 , 0 d b pass ban d v a ria t ion 1 , 7 d b m a x . 3 , 0 d b a b s o l u te atte nu ation a abs 0 , 3 m h z ? 1 5 2 0 , 0 m h z 4 3 d b m i n . 4 0 d b 1 6 3 0 , 0 m h z ? 2 0 0 0 , 0 m h z 4 5 d b m i n . 4 0 d b grou p d e la y rip p le w i thin pb p - p 5 0 n s m a x . 1 0 0 n s phase rip p le w i t h in pb p - p 5 0 m a x . 1 0 0 retur n loss 1 5 d b m i n . 1 0 d b inpu t p o w e r le v e l - m a x . 2 0 * d b m opera t in g te mp erature ra nge otr - - 54 c . .. + 85 c storage te mper ature ra nge - - 54 c . .. + 85 c tem p erat ure co efficie n t of freq uenc y tc f ** - 4 6 p p m / k - *) thi s pow er lev e l is on ly allow ed for short term opera t ion (cy c le time 1 : 1000) , the max . inpu t power for con t inuou s o peration i s max . 10d bm only **) ? f(h z ) = t c f (pp m /k) x (t-t 0 ) x f to (mhz), f to : freque n c y at ro om tempera t ure ge ne ra te d: ch eck ed / a p p r o v ed : notice. no liability is assumed as a result of their use or application. no rights under an y patent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1575 t.doc version 2 . 0 15.06 .2009 vectron international filter specification tfs 1575t 2/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg rese rves the right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t f ilter ch aract eristic 225 495 765 10 35 1305 1575 184 5 21 1 5 2385 2655 292 5 -6 0 -5 4 -4 8 -4 2 -3 6 -3 0 -2 4 -1 8 -1 2 -6 0 f r eq u e n cy i n m h z m a g n it u d e in d b 1545 1551 1557 1563 1569 157 5 15 81 15 8 7 1593 1599 1605 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r e que nc y i n m h z m a g n it u d e in d b 1545 1551 1557 1563 1569 157 5 15 81 15 8 7 1593 1599 1605 0. 00 5 0. 02 0. 03 5 0. 05 0. 06 5 0. 08 0. 09 5 0. 11 0. 12 5 0. 14 0. 15 5 f r e que nc y i n m h z d e la y in s cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) 1 2 3 4 5 6 1, 2 m a x . 0, 6 0, 7 5 3, 0 + / - 0 , 1 5 0, 6 0, 3 0 x 0 , 3 0 13 6 4 d a t e c ode 1 gr ound 2 input 3 gr ound 4 gr ound 5 outpu t 6 gr ound g75t x25 date code: y e ar + w eek x 2008 a 2010 b 2011 ... 50 ? test circui t l1 sa w l 2 5 2 1, 3, 4, 6 notice. no liability is assumed as a result of their use or application. no rights under an y patent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1575 t.doc version 2 . 0 15.06 .2009 vectron international filter specification tfs 1575t 3/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg rese rves the right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t stability characteristics, rel i ability after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or g re specti vely , 1 octa ve per min, 10 c y cles per plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: three times max.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; 5. esd ansi/esd s20.2 0 -1999 , class 1a for hbm this filter is rohs compliant (2002/95/eg, 2 005/6 18/eg) packin g tape & reel: iec 286 ? 3, w i th exception of val ue for n a nd minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters per r eel: 9000 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff d i r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (all d i mensi o ns i n mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 f : 3,50 0,0 5 g(min) : 0,75 p2 : 2,00 0,0 5 p1 : 4,00 0,1 d1(min) : 1,50 a o : 3,25 0,1 bo : 3,25 0,1 ct : 5,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w1 : 8,4 + 1 ,5/- 0 w 2 (max ) : 14,4 n(min) : 50 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. notice. no liability is assumed as a result of their use or application. no rights under an y patent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1575 t.doc version 2 . 0 15.06 .2009 vectron international filter specification tfs 1575t 4/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg rese rves the right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s notice. no liability is assumed as a result of their use or application. no rights under an y patent accompan y the sale of any such product(s) o r info rmation.
filename: tfs 1575 t.doc version 2 . 0 15.06 .2009 vectron international filter specification tfs 1575t 5/5 vectron i n ter n at ional gm bh & c o . k g potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@v e c t ro n. co m vectron inter national gmbh & co . kg rese rves the right to ma ke c hanges to the p r oduct(s) and/o r information conta i ned herein w i tho u t histor y version reaso n o f cha n ges name date 1.0 - gen e ration of d e velopment specification strehl 07.02.2008 1.1 - add of t y pical values and filter characteristics pfeiffer 10.10.2008 2.0 - f t0 defined pfeiffer 15.06.2009 - group dela y ripple and phase rip p le added notice. no liability is assumed as a result of their use or application. no rights under an y patent accompan y the sale of any such product(s) o r info rmation.


▲Up To Search▲   

 
Price & Availability of TFS1575T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X