Part Number Hot Search : 
AN238 Y7C14 PM0027A TK65427 NTE2502 MAX893L CS5102A 74HC366
Product Description
Full Text Search
 

To Download TFS1516A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1516a.doc version 1.1 09.12.2009 vectron international filter specification tfs 1516a 1/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: * input: 253 ? || -0,40 pf output: 74 ? || -0,45 pf ch aracteristics remark: the nominal frequency f n is fix ed at 1516,0 mhz. the insertion loss a e is defined as loss v a lue determined at f n. reference lev e l for the relativ e attenuation a rel of the tfs 1516a is the insertion loss a e . all specified data are met w i thin t he operating temperature range. d a t a ty p. v a lue tolerance / limit insertion loss a e 2 , 1 d b m a x . 3 , 0 d b (reference level) nominal frequency f n - 1 5 1 6 , 0 m h z passband p b - f n 20,0 mhz pass band v a riation 1 , 2 d b m a x . 2 , 0 d b relativ e attenuation a rel 0 , 3 m h z . . . 8 6 0 m h z 6 4 d b m i n . 5 5 d b 8 6 0 m h z . . . 1 1 0 0 m h z 5 8 d b m i n . 4 6 d b 1 1 0 0 m h z . . . 1 4 2 3 , 9 m h z 5 0 d b m i n . 4 0 d b 1 6 0 8 , 4 m h z . . . 1 7 2 4 , 6 m h z 4 3 d b m i n . 3 3 d b 1 7 2 4 , 6 m h z . . . 2 0 0 0 m h z 4 7 d b m i n . 4 0 d b 2 0 0 0 m h z . . . 2 2 5 0 m h z 4 8 d b m i n . 3 6 d b 2 2 5 0 m h z . . . 6 0 0 0 m h z 5 0 d b m i n . 1 5 d b group delay ripple 1 4 9 7 , 4 m h z . . . 1 5 3 4 , 5 m h z 1 3 n s m a x . 1 5 n s input vsw r w i thin pb 1,5 : 1 max. 2,4 : 1 o u tput vswr w i thin pb 1,5 : 1 max. 2,4 : 1 permissible dc v o ltage max . 0 v operable temperature range - - 30 c ... + 80 c operating temperature range otr - - 20 c ... + 50 c storage temperature range - - 50 c ... +125 c temperature coefficient of frequency t c f ** - 44 p p m / k *) the terminating impedances depend on paras itics and q-v a lues of matching element s and the board used, and are to be understo od as reference v a lues only . should there be additional ques tions do not hesitate to ask for an applic ation note or contac t our design team. **) ? f(h z ) = tc f (ppm/k) x (t-t 0 ) x f to (mhz) ge ne ra te d: ch ecked / a p p r o v ed : notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 1516a.doc version 1.1 09.12.2009 vectron international filter specification tfs 1516a 2/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout f ilter ch aracteristic 8 607. 8 1207 . 6 180 7. 4 2407. 2 3007 3606 . 8 42 06. 6 4806. 4 5406. 2 600 6 -1 0 0 -9 0 -8 0 -7 0 -6 0 -5 0 -4 0 -3 0 -2 0 -1 0 0 f r eq u e n cy i n m h z m a g n it u d e in d b i n ser t i o n l o ss: - 2 . 34 d b 147 2 148 0 148 8 149 6 150 4 151 2 152 0 152 8 153 6 154 4 155 2 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r e q ue nc y i n m h z m a g ni t u de i n db 147 2 148 0 148 8 149 6 150 4 151 2 152 0 152 8 153 6 154 4 155 2 0. 01 8 0. 01 8 0. 01 6 0. 01 4 0. 02 0. 02 2 0. 02 4 0. 02 6 0. 02 8 0. 03 0. 03 2 0. 03 4 0. 03 6 0. 03 8 0. 04 f r e q ue nc y i n m h z d e l a y in s cons truc tion a nd pin c onne c t ion (all dimensions in mm) 150 ? / 150 ? t est circu i t 150 oh m 5 3 , 4,7, 8 6 2 l1 l2 c1 sa w l 2 l4 c2 1 150 ohm date code: y ear + w eek x 2009 a 2010 b 2011 ... 1 input 2 input 3 ground 4 ground 5 output 6 output 7 ground 8 ground g16a x50 notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 1516a.doc version 1.1 09.12.2009 vectron international filter specification tfs 1516a 3/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout stability characteristics, reliability after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: three times max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; 5. esd mil-std-883e using coupling netw o rk of iso 10605 and en 6100-4-2 hbm:250v; cdm:v; this filter is rohs compliant (2002/95/eg, 2005/618/eg) packin g tape & reel: iec 286 ? 3, w i th exception of value for n and minimum bending radius; tape ty pe ii, embossed carrier tape w i th top cover tape on the upper side; max. pieces of filters per reel: 9000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff di r e c t io n pi n m a r k e r ty p da t e c o d e ko t tape (al l di mensi ons i n mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 3,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 4,00 0,1 d1(min) : 1,50 a o : 3,25 0,1 bo : 3,25 0,1 ct : 5,5 0,1 a c n w 1 w 2 r eel (all d i men s io n s in mm) a : 330 w 1 : 8,4 + 1 ,5/-0 w 2 (max ) : 14,4 n(min) : 50 c : 13,0 +0,5/-0,2 the minimum bending radius is 45 mm. notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 1516a.doc version 1.1 09.12.2009 vectron international filter specification tfs 1516a 4/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.
filename: tfs 1516a.doc version 1.1 09.12.2009 vectron international filter specification tfs 1516a 5/5 vectron international gmbh & co. kg potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@v e ctro n.co m vectron international gmbh & co. kg reserves the right to ma ke changes to the product(s) and/or information contained herein w i thout history version reason of changes name date 1.0 - generation of development specification s. channaa 2 8 . 0 9 . 2 0 0 9 1.1 - add ty pical values and filter characteristic - generation of filter specification s. channaa 09.12.2009 notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information.


▲Up To Search▲   

 
Price & Availability of TFS1516A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X