Part Number Hot Search : 
00080 74HC299 SMC13C CPC5603C MM3033E 00035 RN2909 PE9375
Product Description
Full Text Search
 

To Download TFS150T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 150t.doc version 1.2 20.09.2005 vi telefilter filter specification tfs 150t 1/5 measurement condition ambient temperature: 23 c input pow er level: 0 dbm terminating impedance: * input: 55 ? || -21,9 pf output: 55 ? || -17,7 pf ch aracteristics remark: the reference lev e l for the relativ e attenuation a rel of the TFS150T is the minimum of the pass band attenuation a min . the minimum of the pass band attenuation a min is defined as the insertion loss a e . the reference frequency f c is the arithmetic mean v a lue of t he upper and low e r frequencies at the 3 db filter attenuation lev e l relativ e to the insertion loss a e . the temperature coefficient of frequency tc f is v a lid both for the reference frequency f c and the frequency response of the filter in the operating temperatur e range. the bandw idth shift of the filter in the operating tempera ture range is included in the production tolerance scheme. d a t a ty p. v a lue tolerance / limit insertion loss a e 2 4 , 1 d b m a x . 2 5 d b (reference level) nominal frequency f n - 1 5 0 , 0 m h z centre frequency f c 150,0 mhz 150,0 0,1 mhz passband pb - f n 8,05 mhz pass band ripple (p-p) 0 , 7 d b m a x . 1 , 0 d b bandw idth b w 3 d b 1 6 , 6 2 m h z m i n . 1 6 , 5 m h z 1 5 d b 1 7 , 1 1 m h z m a x . 1 7 , 2 m h z 4 5 d b 1 7 , 5 4 m h z m a x . 1 8 , 4 m h z relativ e attenuation a rel f c ? f c 8 , 2 5 mhz 2 , 5 d b m a x . 3 d b f c 8 , 6 0 m h z ? f c 8 , 8 0 mhz 2 0 d b m i n . 1 5 d b f c 8 , 8 0 m h z ? f c 9 , 2 0 mhz 3 5 d b m i n . 3 0 d b f c 9 , 2 0 m h z ? f c 1 0 mhz 4 8 d b m i n . 4 5 d b f c + 1 0 m h z ? f c + 4 0 0 mhz 5 3 d b m i n . 5 0 d b f c - 1 4 0 m h z ? f c - 1 0 mhz 5 5 d b m i n . 5 0 d b a b solute group delay w i thin pb 2 , 8 s m a x . 4 s group delay ripple w i thin pb (p-p) 8 0 n s m a x . 1 5 0 n s operating temperature range otr - - 25 c ... + 80c storage temperature range - - 40 c ... + 85c temperature coefficient of frequency t c f ** -87 ppm/k - *) the terminating impedances depend on paras itics and q-v a lues of matching element s and the board used, and are to be understo od as reference v a lues only . should there be additional ques tions do not hesitate to ask for an applic ation note or contac t our design team. **) ? f c (hz) = tc f (ppm/k) x (t - t a ) x f cat (mhz) ge ne ra te d: ch ecked / a p p r o v ed : tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 150t.doc version 1.2 20.09.2005 vi telefilter filter specification tfs 150t 2/5 f ilter ch aracteristic 13 1 1 34. 8 1 38. 6 14 2. 4 14 6. 2 150 153 . 8 157 . 6 161 . 4 1 65. 2 16 9 -8 0 -7 2 -6 4 -5 6 -4 8 -4 0 -3 2 -2 4 -1 6 -8 0 f r e q uency i n m h z m a gni t ude i n db 14 1 1 42. 8 1 44. 6 146 . 4 148 . 2 150 15 1. 8 15 3. 6 15 5. 4 15 7. 2 15 9 -1 0 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 f r equency i n m h z m a gni t ude i n db 14 1 1 42. 8 1 44. 6 146 . 4 148 . 2 150 15 1. 8 15 3. 6 15 5. 4 15 7. 2 15 9 2. 6 6 2. 7 8 2. 9 3. 0 2 3. 1 4 3. 2 6 3. 3 8 3. 5 3. 6 2 3. 7 4 3. 8 6 f r equency i n m h z d e la y in s cons truc tion a nd pin c onne c t ion (all dimensions in mm) d a te c o d e date code: y ear + w eek t 2005 u 2006 v 2007 ... 1 ground 2 input rf return 3 input 4 ground 9,10,11,12 ground 13 ground 14 output rf return 15 output 16 ground 21,22,23,24 ground tfs 150t t39 50 oh m t est circu i t sa w c l l 4 2 14 15 3 c l l 2 1, 4, 9, 10, 11, 12, 13, 16, 21, 22, 23, 24 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 150t.doc version 1.2 20.09.2005 vi telefilter filter specification tfs 150t 3/5 stability characteristics after the follow i ng tests the filter shall meet the w hole specification: 1. shock: 500g, 1 ms, half sine w a ve, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5g respec tively , 1 octave per min, 10 cy cles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cy cles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow ): reflow possible: tw ice max.; for temperature conditions, please refer to the attached "air re flow temperature conditions" on page 4; tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 150t.doc version 1.2 20.09.2005 vi telefilter filter specification tfs 150t 4/5 a i r re flow te mpe r a t ure c onditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c betw een 300 and 600 seconds > 150c betw een 240 and 500 seconds > 217c betw een 30 and 150 seconds peak temperature max. 260c time w i thin 5c of actual peak temperature betw een 10 and 30 seconds cool-dow n rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds chip-mount air reflow profile temperature / c max. 260c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.
filename: tfs 150t.doc version 1.2 20.09.2005 vi telefilter filter specification tfs 150t 5/5 history version reason of changes name date 1.0 - generation of development spec ification strehl 27.06.2005 1.1 - change remark of characteristics, pass band and limit for centre frequency strehl 10.08.2005 1.2 - terminating impedance, ty pical values, filter char acteristic and matching conf iguration added pfeiffer 20.09.2005 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.co m vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein w i thout notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFS150T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X