Part Number Hot Search : 
6AM14 G310VS TSOP1130 MC34676 SK3A5P0 SMB15 AD9652 G333J
Product Description
Full Text Search
 

To Download TFS1220E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1220e.doc version 1.0 17.10.2006 vi telefilter filter specification tfs 1220e 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information. measurement condition ambient temperature: 23 c input power level: 0 dbm terminating impedance: * input: 95  || -0.3 pf output: 95  || -0.3 pf characteristics remark: the reference level for the relative attenuation a rel of the tfs 1220 is the minimum of the pass band at tenuation a min . the minimum of the pass band attenuation a min is defined as the insertion loss a e . the centre frequency f c is the arithmetic mean value of the upper and lower frequencies at the 3 db filter attenuation level relative to the insertion loss a e . the nominal frequency f n is fixed at 1220,0 mhz without any tolerance. the given values for both the relative attenuation a rel and the group delay ripple have to be achieved at the frequencies given below even if the centre freq uency f c is shifted due to the temperature coefficient of frequency tc f in the operating temperature range and due to a pr oduction tolerance for the centre frequency f c . d a t a typ. value variation/ limitation insertion loss a e = a min 4,0 db max. 4,5 db (reference level) nominal frequency f n - 1220 mhz centre frequency f c 1220 mhz passband ripple ( p-p) within f n 100 khz 0,4 db max 1 db group delay ripple within f n 100 khz 43 ns max. 100 ns relative attenuation a rel f n ....... f n 0,1 mhz 0,4 db max. 1 db f n 4 mhz ....... f n 5 mhz 25 db min. 10 db f n 5 mhz ....... f n 6 mhz 28 db min. 12 db f n 6 mhz ....... f n 20 mhz 37 db min. 14 db f n + 20 mhz ....... f n + 180 mhz 35 db min. 30 db f n - 20 mhz ....... f n - 1150 mhz 45 db min. 30 db input power level max. 10 dbm temperature coefficient of frequency tc f ** -0,05 ppm/k2 frequency inversion temperature 40 c operating temperature range - 40 c ... + 85 c storage temperature range - 45 c ... + 90 c *) the terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values only. should there be addit ional questions do not hesitate to ask for an appli cation note or contact our design team. **) ? f c (hz) = tc f (ppm/k2) x (t - t a )2 x f cat (mhz) generated: checked / approved:
filename: tfs 1220e.doc version 1.0 17.10.2006 vi telefilter filter specification tfs 1220e 2/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information filter characteristic 1100 1150 1200 1250 1300 1350 -60 -50 -40 -30 -20 -10 0 frequency in mhz magnitude in db 1219 1219.5 1220 1220.5 1221 1221.5 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 frequency in mhz magnitude in db 1219 1219.5 1220 1220.5 1221 1221.5 0.25 0.3 0.35 0.4 0.45 0.5 delay in s construction and pin connection (all dimensions in mm) dat e code sq 3,81 + 0,2/-0,1 1 3 7 5 1,2 max. 0,6 1,78 0,1 1,78 2,54 120% % d 1 3 5 7 50  test circuit c20e u40 1 ground 2 input 3 ground 4 ground 5 ground 6 output 7 ground 8 ground date code: year + week u 2006 v 2007 w 2008 ... c1 l1 saw l2 c2 2 6 1, 3, 4, 5, 7, 8
filename: tfs 1220e.doc version 1.0 17.10.2006 vi telefilter filter specification tfs 1220e 3/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information stability characteristics, reliability after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respe ctively, 1 octave per min, 10 cycles per plan, 3 pl ans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 1 0 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: three ti mes max.; for temperature conditions refer to the attached " air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618 /eg) packing tape & reel: iec 286 ? 3, with exception of value f or n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader : min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 ao : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 reel (all dimensions in mm) a : 330 w1 : 12,4 +2/-0 w2(max) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2
filename: tfs 1220e.doc version 1.0 17.10.2006 vi telefilter filter specification tfs 1220e 4/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/ second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 1220e.doc version 1.0 17.10.2006 vi telefilter filter specification tfs 1220e 5/5 vi telefilter potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. n o rights under any patent accompany the sale of any such product(s) or information history version reason of changes name date 1.0 - generation of filter specification accord ing to customer specification noack 17.10.2006


▲Up To Search▲   

 
Price & Availability of TFS1220E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X