Part Number Hot Search : 
V300A48 G25AV HV37S HV37S HV37S B1125 M40Z111 N40999DE
Product Description
Full Text Search
 

To Download T2-1D4805EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  -2011-06-13- tumbler technologies + trumpower ? santa clara, ca ? 408-988-6616 ? sales@trumpower.com ? www.trumpower.com bottom view 0.80 (20.3) 0.60 (15.2) 1.25 (31.8) 0.10 (2.5) 24 0.08 (2.0) 1 13 0.15 min. (3.8) 12 pin size: 0.02 (0.5) dia. all dimensions in inches (mm) electrical specifications all specifications typical @+25c, nominal line, and full load unless otherwise noted. input specifications input voltage range................................................10% input filter............................................................pi filter output specifications voltage accuracy.............................................2%, max. voltage balance, balance load......................2%, max. line regulation.............................................0.5%, max. load regulation, fl-10%fl. ........................0.5%, max. ripple and noise, 20mhz bw................75 mvp-p, max. short circuit protection..................................continuous temperature coefficient..........................0.02%/c, max. general specifications efficiency.................................................60-75%, typ. isolation voltage, input to output...........6,000 vdc, min. isolation resistance, 500 vdc...............1,000 ?, min. isolation capacitance....................................60pf, typ. switching frequency............single output, 40 khz, typ. dual output, 300 khz, typ. operating temperature, no derating.......-25c to +90c storage temperature range..................-40c to +125c cooling............................................free air convection mtbf per mil-hdbk-217f @25c............3m hours, min. weight.........................................0.44 oz. (12.5 grams) case material....................non-conductive black plastic 1,2 10,11 12 13 15 23,24 pin connections dual single pin +v input no pin -v output +v output no pin -v input +v input common no pin -v output +v output -v input 0.40 (10.2) t2-eh series 6k vdc isolation, 1.5-3 watt trumpower dc/dc converters t 1.5w 1.5w 1.5w 1.5w 1.5w 1.5w 2w 2w 2w 2w 2w 2w 3w 3w 3w 3w 3w 3w 24 vdc in 48 vdc in 12 vdc in 5 vdc in output power model number 300 ma 125 ma 100 ma 150 ma 63 ma 50 ma 400 ma 167 ma 133 ma 200 ma 83 ma 67 ma 600 ma 250 ma 200 ma 300 ma 125 ma 100 ma 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc 5 vdc 12 vdc 15 vdc output current output voltage t2-1s0505eh t2-1s0512eh t2-1s0515eh t2-1d0505eh t2-1d0512eh t2-1d0515eh t2-2s0505eh t2-2s0512eh t2-2s0515eh t2-2d0505eh t2-2d0512eh t2-2d0515eh t2-3s0505eh t2-3s0512eh t2-3s0515eh t2-3d0505eh t2-3d0512eh t2-3d0515eh t2-1s1205eh t2-1s1212eh t2-1s1215eh t2-1d1205eh t2-1d1212eh t2-1d1215eh t2-2s1205eh t2-2s1212eh t2-2s1215eh t2-2d1205eh t2-2d1212eh t2-2d1215eh t2-3s1205eh t2-3s1212eh t2-3s1215eh t2-3d1205eh t2-3d1212eh t2-3d1215eh t2-1s2405eh t2-1s2412eh t2-1s2415eh t2-1d2405eh t2-1d2412eh t2-1d2415eh t2-2s2405eh t2-2s2412eh t2-2s2415eh t2-2d2405eh t2-2d2412eh t2-2d2415eh t2-3s2405eh t2-3s2412eh t2-3s2415eh t2-3d2405eh t2-3d2412eh t2-3d2415eh t2-1s4805eh t2-1s4812eh t2-1s4815eh T2-1D4805EH t2-1d4812eh t2-1d4815eh t2-2s4805eh t2-2s4812eh t2-2s4815eh t2-2d4805eh t2-2d4812eh t2-2d4815eh t2-3s4805eh t2-3s4812eh t2-3s4815eh t2-3d4805eh t2-3d4812eh t2-3d4815eh other input/output combinations available.


▲Up To Search▲   

 
Price & Availability of T2-1D4805EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X