Part Number Hot Search : 
44100 10TI7 2N6073A FL014 40N15 P3302 0100S 43200
Product Description
Full Text Search
 

To Download SMA3109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  62310am tk im tc-00002386 no. a1749-1/7 http://onsemi.com semiconductor components industries, llc, 2013 august, 2013 SMA3109 mmic ampli er, 3v, 16ma, 0.1 to 3.6ghz, mcph6 stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. features ? high gain : gp=23db typ. @1ghz ? wideband response : fu=3.6ghz ? low current : i cc =16ma typ. ? high output power : po(1db)=4dbm ? port impedance : input/output 50 speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit supply voltage v cc 5v circuit current i cc 25 ma allowable power dissipation p d 280 mw operating temperature topr --40 to +85 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7022a-018 ordering number : ena1749 product & package information ? package : mcph6 ? jeita, jedec : sc82, sc82a, sc88 ? minimum packing quantity : 3,000pcs/reel type of taping: tl marking 1 : vcc 2 : gnd 3 : out 4 : gnd 5 : gnd 6 : in mcph6 2.0 0.25 1.6 2.1 0.25 0.85 0.3 0.65 0.15 0 to 0.02 0.07 654 123 654 123 lf lot no. lot no. tl
SMA3109 no. a1749-2/5 recommended operating conditions at ta=25c parameter symbol conditions ratings unit min typ max supply voltage v cc 2.7 3 3.3 v operating ambient temperature topr --40 +25 +85 c electrical characteristics at ta=25c, v cc =3v, zs=z l =50 parameter symbol conditions ratings unit min typ max circuit current i cc 11.5 16.0 20.5 ma power gain gp f=1ghz 21.0 23.0 26.0 db f=2.2ghz 22.0 24.0 27.0 isolation isl f=1ghz 27.0 31.5 db f=2.2ghz 27.0 31.5 input return loss rlin f=1ghz 16.0 20.5 db f=2.2ghz 10.0 15.0 output return loss rlout f=1ghz 15.0 20.0 db f=2.2ghz 10.0 14.0 noise figure nf f=1ghz 4.3 5.0 db f=2.2ghz 4.3 5.0 gain 1db compression output power po(1db) f=1ghz 4.0 6.4 dbm f=2.2ghz 2.0 4.2 upper limit operating frequency fu 3db down below at gain at f =1ghz 3.6 ghz note) pay attention to handling since it is liable to be affected by static electricity due to the high frequency process adopt ed. test circuit 100pf 100pf 1000pf in v cc out 100nh 12 65 3 4 it15580 connect 2, 4 and 5 with gnd.
SMA3109 no. a1749-3/5 evaluation board in out c2 l1 c3 v cc c1 symbol value c1, c2 100pf c3 1000pf l1 100nh input return loss, rlin -- db freqency, f -- mhz rlin -- f gp -- f frequency, f -- mhz power gain , gp -- db circuit voltage, v cc -- v circuit current, i cc -- ma i cc -- v cc it15583 0 1000 2000 3000 4000 --25 --30 --10 0 --15 -- 5 --20 it15581 0 0 5 10 15 20 25 30 1234 it15582 0 5 10 15 20 25 35 30 1000 2000 3000 4000 3.3v 3.0v 2.7v 3.3v 3.0v 2.7v
SMA3109 no. a1749-4/5 isolation, isl -- db output level, pout -- dbm output return loss, rlout -- db freqency, f -- mhz input level, pin -- dbm freqency, f -- mhz rlout -- f isl -- f pout -- pin output level, pout -- dbm input level, pin -- dbm pout -- pin it15586 --40 --30 --20 --10 0 --50 -- 5 0 5 10 15 --10 --15 -- 5 0 5 10 15 --10 --15 v cc =3.0v f=1.0ghz it15584 0 --40 --10 --20 --30 --50 1000 2000 3000 4000 it15585 0 1000 2000 3000 4000 it15587 --40 --30 --20 --10 0 --50 v cc =3.0v f=2.2ghz 3.0v 3.0v 3.3v 2.7v 2.7v 3.3v --25 --30 --10 0 --15 -- 5 --20 s parameter s11 s22 50 25 10 --10 0 10 --25 --50 --100 --250 100 250 it15588 it15589 25 50 50 25 10 --10 0 10 --25 --50 --100 --250 100 250 25 50 3ghz 2ghz 1ghz 3ghz 2ghz 1ghz 250 100 100 250
SMA3109 ps no. a1749-5/5 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of SMA3109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X