Part Number Hot Search : 
SS26T3G 12CN10 2SC2681 MP45010 WP793YD PQ160 LT121 EKB12
Product Description
Full Text Search
 

To Download SM15KPA110AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.protekdevices.com page 1 description the sm15kpan series are high-powered surface mount transient voltage suppression components designed to protect equipment and systems from the damaging efects of high voltage spikes. the surface mount package confguraton provides a lower profle compared to legacy axial lead package confguratons. these devices provide 15,000 wats of peak pulse power dissipaton for an 10/1000s waveform. applicatons include ac and dc power line protecton, terrestrial base staton protecton as well as module lightning protecton. features ? rtca do-160g compliant product ? compatble with iec 61000-4-5 (surge): 48a, 8/20s - l3(line- ground), l4(line-line) & l1 (power) ? 15,000 wats peak pulse power per line (tp = 10/1000s) ? unidirectonal and bidirectonal confguratons ? easy mountng to printed circuit board ? available in multple voltages ? tclamping (0v to v (br) min) < 100ps, theoretcal for unidirectonal and 5ns for bidirectonal ? rohs complaint (exempton #7) mechanical characteristics ? approximate weight: 1.2 grams ? lead-free silver platng ? solder refow temperature: 240-250c ? flammability ratng ul 94v-0 ? marking: logo and marking code applications ? relay drives ? motor (start/stop) back emf protecton ? module lightning protecton ? secondary lightning protecton for ac/dc circuit diagrams unidirectonal bidirectonal surface mount rtca do-160g compliant product only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can 15k w surface mount power tvs component
www.protekdevices.com page 2 maximum ratings @ 25c unless otherwise specifed parameter symbol value units peak pulse power (tp = 10/1000s) - see figure 1 p pp 15,000 wats forward surge ratng i f 200 amps steady state power dissipaton p p 1.0 wats storage temperature t stg -55 to 150 c operatng temperature t l -55 to 150 c rtca do-160g compliant product electrical characteristics per line @ 25c unless otherwise specifed part number ( notes 1 - 2) marking code rated stand-off voltage v wm volts breakdown voltage maximum leakage current @v wm i d a maximum clamping voltage (fig. 2) @ 10/1000 s v c @ i pp temperature coefficient of v (br) q v (br) m v/c uni bi min v (br) volts @i t m a sm15kpa17an 17a 17c 17.0 18.9 50 5000 29.3v @ 512.0a 17 sm15kpa18an 18a 18c 18.0 20.0 50 5000 30.9v @ 485.0a 18 sm15kpa20an 20a 20c 20.0 22.2 20 1500 34.3v @ 437.0a 21 sm15kpa22an 22a 22c 22.0 24.4 10 500 37.1v @ 404.0a 24 sm15kpa24an 24a 24c 24.0 26.7 5 150 40.7v @ 369.0a 27 sm15kpa26an 26a 26c 26.0 28.9 5 50 44.0v @ 341.0a 29 sm15kpa28an 28a 28c 28.0 31.1 5 25 47.5v @ 316.0a 31 sm15kpa30an 30a 30c 30.0 33.3 5 15 50.7v @ 296.0a 34 sm15kpa33an 33a 33c 33.0 36.7 5 10 54.8v @ 274.0a 38 sm15kpa36an 36a 36c 36.0 40.0 5 10 59.7v @ 251.0a 41 sm15kpa40an 40a 40c 40.0 44.4 5 10 65.8v @ 228.0a 46 sm15kpa43an 43a 43c 43.0 47.8 5 10 69.7v @ 215.0a 50 sm15kpa45an 45a 45c 45.0 50.0 5 10 73.0v @ 205.0a 52 sm15kpa48an 48a 48c 48.0 53.3 5 10 77.7v @ 193.0a 56 sm15kpa51an 51a 51c 51.0 56.7 5 10 82.8v @ 181.0a 60 sm15kpa54an 54a 54c 54.0 60.0 5 10 87.5v @ 171.0a 63 sm15kpa58an 58a 58c 58.0 64.4 5 10 94.0v @ 160.0a 68 sm15kpa60an 60a 60c 60.0 66.7 5 10 97.3v @ 154.0a 71 sm15kpa64an 64a 64c 64.0 71.1 5 10 104.0v @ 144.0a 76 sm15kpa70an 70a 70c 70.0 77.8 5 10 114.0v @ 132.0a 83 sm15kpa75an 75a 75c 75.0 83.3 5 10 122.0v @ 123.0a 89 sm15kpa78an 78a 78c 78.0 86.7 5 10 126.0v @ 119.0a 93 sm15kpa85an 85a 85c 85.0 94.4 5 10 137.0v @ 109.0a 102 sm15kpa90an 90a 90c 90.0 100.0 5 10 146.0v @ 103.0a 109 sm15kpa100an a0a a0c 100.0 111.0 5 10 162.0v @ 93.0a 121 SM15KPA110AN a1a a1c 110.0 122.0 5 10 178.0v @ 84.0a 133 only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can typical device characteristics
www.protekdevices.com page 3 rtca do-160g compliant product electrical characteristics per line @ 25c unless otherwise specifed part number ( notes 1 - 2) marking code rated stand-off voltage v wm volts breakdown voltage maximum leakage current @v wm i d a maximum clamping voltage (fig. 2) @ 10/1000 s v c @ i pp temperature coefficient of v (br) q v (br) m v/c uni bi min v (br) volts @i t m a sm15kpa120an a2a a2c 120.0 133.0 5 10 193.0v @ 78.0a 145 sm15kpa130an a3a a3c 130.0 144.0 5 10 209.0v @ 72.0a 157 sm15kpa150an a5a a5c 150.0 167.0 5 10 243.0v @ 62.0a 183 sm15kpa160an a6a a6c 160.0 178.0 5 10 259.0v @ 58.0a 195 sm15kpa170an a7a a7c 170.0 189.0 5 10 275.0v @ 55.0a 207 sm15kpa180an a8a a8c 180.0 200.0 5 10 291.0v @ 52.0a 219 sm15kpa200an b0a b0c 200.0 222.0 5 10 322.0v @ 47.0a 243 sm15kpa220an b2a b2c 220.0 245.0 5 10 356.0v @ 42.0a 269 sm15kpa240an b4a b4c 240.0 267.0 5 10 388.0v @ 39.0a 293 sm15kpa260an b6a b6c 260.0 289.0 5 10 419.0v @ 36.0a 317 sm15kpa280an b8a b8c 280.0 311.0 5 10 452.0v @ 33.0a 342 sm15kpa480an d8a d8c 480.0 528.0 5 10 791.0v @ 18.9a 460 notes 1. part numbers shown are unidirectonal devices. add a c sufx to specify bidirectonal devices, such as sm15kpa20 can. 2. v f(max) = 15 volts @ 200a, 8.3ms(1/2 sine wave) - unidirectonal devices only . only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can typical device characteristics
www.protekdevices.com page 4 figure 1 peak pulse power vs pulse time t d - pulse duraton - s 15kw, 10/1000s waveform 0.1 1 10 100 1,000 10,000 100,000 p pp - peak pulse power - kilowats 1 10 100 1,000 peak pulse power 10/1000s figure 3 power derating curve t l - lead temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power figure 2 pulse waveform t f peak value i pp test waveform parameters t f = 10s t d = 1000s t d = t/(i pp /2) e -t 0 1 2 3 t - time - ms 0 50 100 i pp - peak pulse current - % of i pp rtca do-160g compliant product only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can typical device characteristics
www.protekdevices.com page 5 package outline dimensions dim millimeters inches min max min max a 5.15 5.50 0.197 0.217 b 8.10 8.25 0.319 0.325 c 1.40 1.55 0.055 0.061 d 2.45 2.65 0.096 0.104 e 10.25 11.05 0.405 0.435 g 0.70 0.80 0.026 0.034 j 5.08 5.59 0.200 0.220 k 11.75 12.62 0.463 0.497 m 0.42 0.58 0.017 0.023 n 3.15 3.45 0.124 0.136 a b a c d e n g j k m top view side view anode cathode rtca do-160g compliant product only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can smd-15 package information
www.protekdevices.com page 6 solder pad outline dimensions dim millimeters inches min max min max a 8.35 8.45 0.329 0.333 b 8.55 8.65 0.337 0.341 c 5.35 5.45 0.211 0.215 d 5.55 5.65 0.219 0.222 e 6.85 6.95 0.270 0.274 f 7.05 7.15 0.278 0.281 g 2.95 3.05 0.116 0.120 h 2.75 2.85 0.108 0.112 j 5.35 5.45 0.211 0.215 k 5.55 5.65 0.219 0.222 l 2.75 2.85 0.108 0.112 m 2.95 3.05 0.116 0.120 n 2.45 2.55 0.096 0.100 p 3.63 3.73 0.143 0.147 q 3.95 4.05 0.156 0.159 r 3.55 3.65 0.140 0.144 t 4.06 4.19 0.160 0.165 solder print outline dimensions dim millimeters inches min max min max a 5.75 5.85 0.226 0.23 b 4.15 4.25 0.163 0.167 c 4.95 5.05 0.195 0.199 d 1.55 1.65 0.061 0.065 e 4.15 4.25 0.163 0.167 f 1.55 1.65 0.061 0.065 g 2.65 2.75 0.104 0.108 h 4.05 4.15 0.159 0.163 j 4.05 4.15 0.159 0.163 suggested solder pad a b c d e f g h j k l m q r p t n a b c d e f j h g suggest solder print rtca do-160g compliant product only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can smd-15 package information
www.protekdevices.com page 7 contact us corporate headquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e-mail: asia sales: asiasales@protekdevices.com europe sales: europesales@protekdevices.com u.s. sales: ussales@protekdevices.com distributor sales: distysales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com protek devices (asia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 web www.protekdevices.com rtca do-160g compliant product only one name means protektion? 05417.r7 3/16 05417 sm15kpa17an - sm15kpa480can company information copyright ? protek devices 2014 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. company profile in business more than 20 years, protek devices? is a privately held semiconductor company. the company ofers a product line of overvoltage pro - tecton and overcurrent protecton components. these include transient voltage suppressor array (tvs arrays) avalanche breakdown diode, steering diode tvs array and electronics smd chip fuses. these components deliver circuit protecton in electronic systems from numerous overvoltage and overcurrent events. they include lightning; electrostatc discharge (esd); nuclear electromagnetc pulses (nemp); inductve switching; and electro - magnetc interference (emi) / radio frequency interference (rfi). protek devices also ofers high performance interface and linear products. they include analog switches; multplexers; led drivers; led wafer die for esd protecton; audio control ics; rf and related high frequency products.


▲Up To Search▲   

 
Price & Availability of SM15KPA110AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X