Part Number Hot Search : 
TBA120TN GXAM06 CP618 TW0326A X200SG MRSS29D 01210 TA203
Product Description
Full Text Search
 

To Download SIZ914DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SIZ914DT document number: 62905 s13-2181-rev. a, 14-oct-13 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com dual n-channel 30 v (d-s) mosfets features ? trenchfet ? gen iv power mosfets ? 100 % r g and uis tested ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? cpu core power ? computer/server peripherals ? synchronous buck converter ? pol ? telecom dc/dc notes: a. package limited b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. d. see solder profile ( www.vishay.com/doc?73257 ). the powerpair is a leadless package. the end of the lead terminal is exposed copper (not plated) as a result of the singulation pr ocess in manufacturing. a solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. e. rework conditions: manual soldering with a sol dering iron is not recommended for leadless components. f. maximum under steady state conditions is 62 c/w for channel-1 and 55 c/w for channel-2. g. t c = 25 c. product summary v ds (v) r ds(on) ( ? ) (max.) i d (a) g q g (typ.) channel-1 30 0.00640 at v gs = 10 v 16 a 7.2 nc 0.01000 at v gs = 4.5 v 16 a channel-2 30 0.00137 at v gs = 10 v 40 a 30.1 nc 0.00194 at v gs = 4.5 v 40 a orderin g information: SIZ914DT-t1-ge3 (lead (p b )-free and halogen-free) s 2 g 2 g 1 d 1 d 1 6 7 8 3 2 1 d 1 s 1 /d 2 5 mm 6 mm d 1 4 5 pin 1 powerpair ? 6 x 5 pin 9 d 1 s 2 n-channel 2 mosfet g 1 s 1 /d 2 g 2 schotty diode n-channel 1 mosfet absolute maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol channel-1 channel-2 unit drain-source voltage v ds 30 v gate-source voltage v gs + 20, - 16 continuous drain current (t j = 150 c) t c = 25 c i d 16 a 40 a a t c = 70 c 16 a 40 a t a = 25 c 16 a, b, c 40 a, b, c t a = 70 c 15.5 b, c 38.8 b, c pulsed drain current (t = 100 s) i dm 80 100 continuous source drain diode current t c = 25 c i s 19 28 t a = 25 c 3.25 b, c 4.3 b, c single pulse avalanche current l = 0.1 mh i as 10 20 single pulse avalanche energy e as 520 mj maximum power dissipation t c = 25 c p d 22.7 100 w t c = 70 c 14.5 64 t a = 25 c 3.9 b, c 5.2 b, c t a = 70 c 2.5 b, c 3.3 b, c operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) d, e 260 thermal resistance ratings parameter symbol channel-1 channel-2 unit typ. max. typ. max. maximum junction-to-ambient b, f t ? 10 s r thja 25 32 19 24 c/w maximum junction-to-case (drain) steady state r thjc 4.4 5.5 1 1.25
www.vishay.com 2 document number: 62905 s13-2181-rev. a, 14-oct-13 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com notes: a. guaranteed by design, not s ubject to production testing. b. pulse test; pulse width ? 300 s, duty cycle ? 2 %. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a ch-1 30 v v gs = 0 v, i d = 250 a ch-2 30 gate threshold voltage v gs(th) v ds = v gs , i d = 250 a ch-1 1.2 2.4 v v ds = v gs , i d = 250 a ch-2 1 2.4 gate source leakage i gss v ds = 0 v, v gs = 20 v, - 16 v ch-1 100 na ch-2 100 zero gate voltage drain current i dss v ds = 30 v, v gs = 0 v ch-1 1 a v ds = 30 v, v gs = 0 v ch-2 60 240 v ds = 30 v, v gs = 0 v, t j = 55 c ch-1 5 v ds = 30 v, v gs = 0 v, t j = 55 c ch-2 0.5 5 ma on-state drain current b i d(on) v ds ?? 5 v, v gs = 10 v ch-1 20 a v ds ?? 5 v, v gs = 10 v ch-2 25 drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 19 a ch-1 0.00530 0.00640 ? v gs = 10 v, i d = 20 a ch-2 0.00114 0.00137 v gs = 4.5 v, i d = 15 a ch-1 0.00800 0.01000 v gs = 4.5 v, i d = 20 a ch-2 0.00155 0.00194 forward transconductance b g fs v ds = 10 v, i d = 19 a ch-1 55 s v ds = 10 v, i d = 20 a ch-2 68 dynamic a input capacitance c iss channel-1 v ds = 15 v, v gs = 0 v, f = 1 mhz channel-2 v ds = 15 v, v gs = 0 v, f = 1 mhz ch-1 1208 pf ch-2 5603 output capacitance c oss ch-1 375 ch-2 2202 reverse transfer capacitance c rss ch-1 30 ch-2 168 c rss /c iss ratio ch-1 0.025 0.050 ch-2 0.032 0.064 total gate charge q g v ds = 15 v, v gs = 10 v, i d = 20 a ch-1 17 26 nc v ds = 15 v, v gs = 10 v, i d = 20 a ch-2 66 99 channel-1 v ds = 15 v, v gs = 4.5 v, i d = 20 a channel-2 v ds = 15 v, v gs = 4.5 v, i d = 20 a ch-1 7.2 11 ch-2 30.1 45.2 gate-source charge q gs ch-1 3.6 ch-2 10.9 gate-drain charge q gd ch-1 0.94 ch-2 3.8 output charge q oss v ds = 15 v, v gs = 0 v ch-1 10 ch-2 60 gate resistance r g f = 1 mhz ch-1 0.5 2.5 5 ? ch-2 0.2 1 2
document number: 62905 s13-2181-rev. a, 14-oct-13 www.vishay.com 3 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com notes: a. guaranteed by design, not subject to production testing. b. pulse test; pulse width ? 300 s, duty cycle ? 2 %. stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indi cated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended per iods may affect device reliability. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit dynamic a tu r n - o n d e l ay t i m e t d(on) channel-1 v dd = 15 v, r l = 1.5 ? i d ? 10 a, v gen = 4.5 v, r g = 1 ? channel-2 v dd = 15 v, r l = 1.5 ? i d ? 10 a, v gen = 4.5 v, r g = 1 ? ch-1 16 24 ns ch-2 40 60 rise time t r ch-1 11 20 ch-2 127 190 turn-off delay time t d(off) ch-1 15 23 ch-2 40 60 fall time t f ch-1 5 10 ch-2 19 29 tu r n - o n d e l ay t i m e t d(on) channel-1 v dd = 15 v, r l = 1.5 ? i d ? 10 a, v gen = 10 v, r g = 1 ? channel-2 v dd = 15 v, r l = 1.5 ? i d ? 10 a, v gen = 10 v, r g = 1 ? ch-1 10 20 ch-2 12 20 rise time t r ch-1 10 20 ch-2 30 45 turn-off delay time t d(off) ch-1 20 30 ch-2 35 53 fall time t f ch-1 5 10 ch-2 7 14 drain-source body diode characteristics continuous source-drain diode current i s t c = 25 c ch-1 40 a ch-2 40 pulse diode forward current (t = 100 s) i sm ch-1 80 ch-2 100 body diode voltage v sd i s = 10 a, v gs = 0 v ch-1 0.8 1.2 v i s = 2 a, v gs = 0 v ch-2 0.33 0.42 body diode reverse recovery time t rr channel-1 i f = 10 a, di/dt = 100 a/s, t j = 25 c channel-2 i f = 10 a, di/dt = 100 a/s, t j = 25 c ch-1 15 23 ns ch-2 62 93 body diode reverse recovery charge q rr ch-1 4 8 nc ch-2 96 144 reverse recovery fall time t a ch-1 9 ns ch-2 30.5 reverse recovery rise time t b ch-1 6 ch-2 31.5
www.vishay.com 4 document number: 62905 s13-2181-rev. a, 14-oct-13 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-1 typical characteristics (25 c, unless otherwise noted) output characteristics on-resistance vs. drain current gate charge 0 20 40 60 80 0 0.5 1 1.5 2 i d - drain current (a) v ds - drain-to-source voltage (v) v gs = 10 v thru 5 v v gs = 3 v v gs = 4 v 0.0000 0.0030 0.0060 0.0090 0.0120 0.0150 0 14 28 42 56 70 r ds(on) - on-resistance () i d - drain current (a) v gs = 4.5 v v gs = 10 v 0 2 4 6 8 10 0 5 10 15 20 v gs - gate-to-source voltage (v) q g - total gate charge (nc) v ds = 24 v v ds = 8 v v ds = 15 v i d = 19 a transfer characteristics capacitance on-resistance vs. junction temperature 0 1 2 3 4 5 0 0.6 1.2 1.8 2.4 3 i d - drain current (a) v gs - gate-to-source voltage (v) t c = 25 c t c = 125 c t c = - 55 c 0 270 540 810 1080 1350 0 5 10 15 20 c - capacitance (pf) v ds - drain-to-source voltage (v) c iss c oss c rss 0.7 0.95 1.2 1.45 1.7 - 50 - 25 0 25 50 75 100 125 150 r ds(on) - on-resistance (normalized) t j - junction temperature ( c) i d = 19 a v gs = 10 v v gs = 4.5 v
document number: 62905 s13-2181-rev. a, 14-oct-13 www.vishay.com 5 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-1 typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage threshold voltage 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s - source current (a) v sd - source-to-drain voltage (v) t j = 150 c t j = 25 c 0.9 1.2 1.5 1.8 2.1 - 50 - 25 0 25 50 75 100 125 150 v gs(th) (v) t j - temperature ( c) i d = 250 a on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0 0.005 0.01 0.015 0.02 0 2 4 6 8 10 r ds(on) - on-resistance () v gs - gate-to-source voltage (v) t j = 125 c t j = 25 c i d = 19 a 0 14 28 42 56 70 0.001 0.01 0.1 1 10 power (w) time (s) safe operating area, junction-to-ambient 0.01 0.1 1 10 100 0.1 1 10 100 i d - drain current (a) v ds - drain-to-source voltage (v) * v gs > minimum v gs at which r ds(on) is specified 100 ms limited by r ds(on) * 1 ms t a = 25 c single pulse bvdss limited 10 ms 100 s 1 s dc 10 s limited by i dm i d limited
www.vishay.com 6 document number: 62905 s13-2181-rev. a, 14-oct-13 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-1 typical characteristics (25 c, unless otherwise noted) * the power dissipation p d is based on t j(max.) = 150 c, using junction-to-case thermal resistanc e, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to deter mine the current rating, when this rating falls below the package limit. current derating* 0 13 26 39 52 0 25 50 75 100 125 150 i d - drain current (a) t c - case temperature ( c) power, junction-to-case 0 6 12 18 24 30 0 25 50 75 100 125 150 power (w) t c - case temperature ( c) power, junction-to-ambient 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 power (w) t a - ambient temperature ( c)
document number: 62905 s13-2181-rev. a, 14-oct-13 www.vishay.com 7 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-1 typical characteristics (25 c, unless otherwise noted) normalized thermal transient impedance, junction-to-ambient 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized effective transient thermal impedance square wave pulse duration (s) duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse normalized thermal transient impedance, junction-to-case 0.1 1 0.0001 0.001 0.01 0.1 normalized effective transient thermal impedance square wave pulse duration (s) duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse
www.vishay.com 8 document number: 62905 s13-2181-rev. a, 14-oct-13 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-2 typical characteristics (25 c, unless otherwise noted) output characteristics on-resistance vs. drain current gate charge 0 20 40 60 80 0 0.5 1 1.5 2 i d - drain current (a) v ds - drain-to-source voltage (v) v gs = 3 v v gs = 10 v thru 4 v 0 0.0005 0.001 0.0015 0.002 0.0025 0 15 30 45 60 r ds(on) - on-resistance () i d - drain current (a) v gs = 4.5 v v gs = 10 v 0 2 4 6 8 10 0 14 28 42 56 70 v gs - gate-to-source voltage (v) q g - total gate charge (nc) v ds = 24 v v ds = 8 v, 15 v i d = 20 a transfer characteristics capacitance on-resistance vs. junction temperature 0 1 2 3 4 5 0 0.6 1.2 1.8 2.4 3 i d - drain current (a) v gs - gate-to-source voltage (v) t c = 25 c t c = 125 c t c = - 55 c 0 2000 4000 6000 8000 0 6 12 18 24 30 c - capacitance (pf) v ds - drain-to-source voltage (v) c iss c oss c rss 0.65 0.9 1.15 1.4 1.65 - 50 - 25 0 25 50 75 100 125 150 r ds(on) - on-resistance (normalized) t j - junction temperature ( c) i d = 20a v gs = 10 v v gs = 4.5 v v
document number: 62905 s13-2181-rev. a, 14-oct-13 www.vishay.com 9 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-2 typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage reverse current (schottky) 0.1 1 10 100 0 0.18 0.36 0.54 0.72 0.9 i s - source current (a) v sd - source-to-drain voltage (v) t j = 150 c t j = 25 c 10 -1 10 -2 10 -3 10 -4 10 -5 10 -6 10 -7 - 50 - 25 0 25 50 75 100 125 150 i r - reverse (a) t j - temperature ( c) v ds = 10 v, 20 v v ds = 30 v on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.000 0.001 0.002 0.003 0.004 0.005 0 2 4 6 8 10 r ds(on) - on-resistance ( ) v gs - gate-to-source voltage (v) t j = 125 c t j = 25 c i d = 20 a 0 20 40 60 80 100 0.001 0.01 0.1 1 10 100 1000 power (w) time (s) safe operating area, junction-to-ambient 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 i d - drain current (a) v ds - drain-to-source voltage (v) * v gs > minimum v gs at which r ds(on) is specified i dm limited 100 ms limited by r ds(on) * 1 ms t a = 25 c single pulse bvdss limited 10 ms 100 s 10 s, 1 s dc i d limited
www.vishay.com 10 document number: 62905 s13-2181-rev. a, 14-oct-13 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-2 typical characteristics (25 c, unless otherwise noted) * the power dissipation p d is based on t j(max.) = 150 c, using junction-to-case thermal resistanc e, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to deter mine the current rating, when this rating falls below the package limit. current derating* 0 60 120 180 240 0 25 50 75 100 125 150 i d - drain current (a) t c - case temperature ( c) power, junction-to-case 0 30 60 90 120 0 25 50 75 100 125 150 power (w) t c - case temperature ( c) power, junction-to-ambient 0.0 0.7 1.4 2.1 2.8 0 25 50 75 100 125 150 power (w) t a - ambient temperature ( c)
document number: 62905 s13-2181-rev. a, 14-oct-13 www.vishay.com 11 vishay siliconix SIZ914DT this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com channel-2 typical characteristics (25 c, unless otherwise noted) vishay siliconix maintains worldwide manufacturing capability. pr oducts may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?62905 . normalized thermal transient impedance, junction-to-ambient 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized effective transient thermal impedance square wave pulse duration (s) duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse t 1 t 2 notes: p dm 1. duty cycle, d = 2. per unit base = r thja =55 c/w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. surface mounted normalized thermal transient impedance, junction-to-case 0.1 1 0.0001 0.001 0.01 0.1 normalized effective transient thermal impedance square wave pulse duration (s) duty cycle = 0.5 0.2 0.1 single pulse 0.05 0.02
package information www.vishay.com vishay siliconix revision: 22-dec-14 1 document number: 63656 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 powerpair ? 6 x 5 case outline millimeters inches dim. min. nom. max. min. nom. max. a 0.70 0.75 0.80 0.028 0.030 0.032 a1 0.00 - 0.10 0.000 - 0.004 a3 0.15 0.20 0.25 0.006 0.007 0.009 b 0.43 0.51 0.61 0.017 0.020 0.024 b1 0.25 bsc 0.010 bsc d 4.90 5.00 5.10 0.192 0.196 0.200 d1 3.75 3.80 3.85 0.148 0.150 0.152 e 5.90 6.00 6.10 0.232 0.236 0.240 e1 option aa (for w/b) 2.62 2.67 2.72 0.103 0.105 0.107 e1 option ab (for bwl) 2.42 2.47 2.52 0.095 0.097 0.099 e2 0.87 0.92 0.97 0.034 0.036 0.038 e 1.27 bsc 0.050 bsc k option aa (for w/b) 0.45 typ. 0.018 typ. k option ab (for bwl) 0.65 typ. 0.025 typ. k1 0.66 typ. 0.025 typ. l 0.33 0.43 0.53 0.013 0.017 0.020 l3 0.23 bsc 0.009 bsc z 0.34 bsc 0.013 bsc ecn: t14-0782-rev. c, 22-dec-14 dwg: 6005 a1 b1 f f e pin 1 pin 2 pin 3 pin 4 pin 8 pin 7 pin 6 pin 5 a e2 e e1 k z l d1 b k1 back s ide view 0.10 c d1 d a 0.08 c pin # 1 ident (optional) 0.10 c 2x c a3 l3 top s ide view 0.10 c 2x pin 8 pin 7 pin 6 pin 5 pin 1 pin 2 pin 3 pin 4
pad pattern www.vishay.com vishay siliconix revision: 16-feb-15 1 document number: 67480 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended minimum pad for powerpair ? 6 x 5 note ? linear dimensions are in black, the same information is provided in ordinate dimensions which are in blue. 2.835 (0.112) 2.12 (0.083) 0.55 (0.022) 1.21 (0.048) 2.13 (0.084) 2.835 (0.112) 1.27 (0.050) 0.66 (0.026) 0.61 (0.024) 1.905 (0.075) 0.53 (0.021) 0.44 (0.017) 0.92 (0.036) 0.66 (0.026) 0.45 (0.018) 0.53 (0.021) 2.67 (0.105) 0.28 (0.011) dimen s ion s in millimeter s (inch) pin 1 (0, 0) 4 (0.157) 4 (0.157)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of SIZ914DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X