Part Number Hot Search : 
SR30150 SG330 SG330 SG330 70512 09500 DTA115UE 70512
Product Description
Full Text Search
 

To Download RS301111J00P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  389 solderable with auto dipping and available in a wide variety super slide tm standard type rs 1 product line number of resistor elements travel mm products no. lever types length of lever l1mm total resistancek ? resistance taper detent mounting plate minimum order unitpcs. japan export drawing no. single-unit dual-unit 30 45 20 30 RS301111J00P rs201111j011 rs30111aj01r rs301111j00r rs30111aj01k rs301111a01g rs301111c01l rs30111ac00v rs45111aba02 rs30112ac00j rs30112aja02 j -1 5 a c b c j -1 5 10 10 50 10 15 a 1b without without 700 2,800 600 2,400 1, 3 0 0 1, 3 0 0 600 2,400 2 1 3 2 3 4 5 6 7 8 9 with without without with with 1b 15 a 1b 3b insulated lever number of resistor elements travel mm products no. lever types length of lever l1mm total resistancek ? resistance taper detent mounting plate minimum order unitpcs. japan export drawing no. single-unit dual-unit 15 20 30 45 60 45 60 rs15111a900b rs30111a9012 rs3011114a02 rs30111a602n rs45111a900f rs4511119a04 rs6011ya600m rs6011y19004 rs6011y1600q rs451121400a rs45112a400g rs60112a600n rs60112a600u 9 -1 4 6 9 -1 6 9 -1 6 4 6 10 10 15 10 15 10 15 20 15 20 10 20 15 a 1b without with 700 2,800 600 2,400 1, 3 0 0 1, 3 0 0 900 900 1,15 0 1,15 0 900 900 10 rs20111a9a03 11 12 13 14 15 16 17 18 19 20 21 22 without with without with without with 1b 15 a 15 a metal lever other varieties are also available. refer to "other specifications" (p.395). note refer to p.395 for other specifcations. efer to p.396 for confguration details. refer to p.397 for ordering products not listed. refer to p.426 for soldering conditions. typical specifications items specifications total resistance tolerance 20% maximum operating voltage please see p.395 operating force 0.3 to 2.5n operating life 15,000 cycles operating temperature range ?25 to 70 rotary potentiometers slide potentiometers mixer general-use
390 super slide tm standard type rs 1 dimensions unit:mm 3 1 3.75 35 2 3-?1.5 hole 2 5 1 1 5 30 c0.5 1 7 3.5 0.4 2-m2 41 45 8 1 mounting surface 2 5 1 1 5 30 c0.5 1 7 3.5 0.4 2-m2 41 45 8 1 mounting surface no. 2 3.75 12 3 3-?1.5 hole 25 c0.5 1 20 5 1 1 5 0.4 3.5 7 2-m2 8 31 35 2 1 mounting surface 1 3 style pc board mounting hole dimensions viewed from mounting side 3 1 3.75 35 22.5 (12.5) 10 2 3-?1.5 hole 2-?2 hole packing specifications tray travelmm number of resister elements number of packagespcs. export package measurements mm 1 case /japan 1 case /export packing 15 , 2 0 single-unit 700 2,800 378518422 30 single-unit/ dual-unit 600 2,400 45 single-unit 1, 3 0 0 1, 3 0 0 373529273 dual-unit 1,15 0 1,15 0 60 single-unit/ dual-unit 900 900 the length of leverl 1 can be customized. refer to p.396 for details. rotary potentiometers slide potentiometers general-use mixer
391 dimensions unit:mm no. style pc board mounting hole dimensions viewed from mounting side 6 (1) 1.8 2 1 (r0.3) 10 1.2 5 6.6 5 4 30 1 7 3.5 0.4 41 45 8 1 2-m2 mounting surface 22.5 (12.5) 3.75 35 12 3 10 3-?1.5 hole 2-?2 hole 7 32.5 (17.5) 3.75 50 12 3 15 3-?1.5 hole 2-?2 hole 2 (1) 10 8 6.6 6 45 1 7 3.5 0.4 56 60 8 1 2-m2 mounting surface 8 (1) 1.8 2 1 (r0.3) 10 1.2 5 6.6 5 4 30 0.6 7 3.5 0.4 41 45 9 1 2-m2 mounting surface 22.5 (12.5) 2.5 7.5 40 1' 1 2 3' 3 10 6-?1.1 hole 2-?2 hole 2' 1.8 1.2 5 1 (1) 5 4 2 30 (r0.3) 6.6 1 7 10 3.5 0.4 2-m2 41 45 8 1 mounting surface 5 3 1 3.75 35 2 3-?1.5 hole the length of leverl 1 can be customized. refer to p.396 for details. 2 10 (2) 5 6.6 30 c1 1 7 3.5 0.4 2-m2 41 45 8 1 mounting surface 4 3 1 3.75 35 2 3-?1.5 hole rs1super slide tm standard type rotary potentiometers slide potentiometers mixer general-use
392 9 2 1 1 5 5 30 0.6 7 3.5 0.4 41 45 9 mounting surface 1 2-m2 c0.5 22.5 (12.5) 2.5 7.5 40 1 2 1' 2' 3' 3 10 6-?1.1 hole 2-?2 hole dimensions unit:mm 3.75 35 12 3 3-?1.5 hole (12.5) 3.75 35 10 1 2 3 22.5 3-?1.5 hole 2-?2 hole (7) 3.75 20 5.5 1 2 3 12.5 3-?1.5 hole 2-?2 hole (1) 6.6 10 15 2 1.2 8.5 5 4 3 3 30 0.4 1 7 41 45 8 2-m2 1 3.5 mounting surface (1) 6.6 4-r0.3max. 10 2 1.2 5 5 4 30 0.4 1 7 41 45 8 2-m2 1 3.5 mounting surface (1) 6.6 4-r0.3max. 10 2 1.2 5 5 4 15 0.4 1 7 26 30 8 2-m2 1 3.5 mounting surface no. 10 12 3 1 2 3.75 25 3-?1.5 hole 12.5 5 (7.5) 2-?2 hole 8 2-m2 2 1.2 1 1 3.5 7 4-r0.3 max. 5 4 35 31 20 6.6 (1) 10 5 0.4 mounting surface 11 13 style pc board mounting hole dimensions viewed from mounting side the length of leverl 1 can be customized. refer to p.396 for details. super slide tm standard type rs 1 rotary potentiometers slide potentiometers general-use mixer
393 dimensions unit:mm        3nby 
   .       mounting surface 6.6 4-r0.3max. 10 2 1.2 5 5 4 60 3.5 7 (1) 0.4 2-m2 9 75 71 1 0.6 mounting surface 3.75 50 3 12 3-?1.5 hole 32.5 15 (17.5) 3.75 50 3 1 2 2-?2 hole 3-?1.5 hole 6.6 4-r0.3max. 10 2 1.2 5 5 4 45 3.5 7 0.4 2-m2 8 60 56 1 (1) 1 mounting surface     ?ipmf ?ipmf 
 - -   -  7.5 2.5 70 6-?1.1 hole 3l ll 1 2 no. 15 16 17 18 style pc board mounting hole dimensions viewed from mounting side 6.6 4-r0.3max. 10 2 1.2 5 5 4 45 3.5 7 0.4 2-m2 8 60 56 1 (1) 1 mounting surface the length of leverl 1 can be customized. refer to p.396 for details. (12.5) 3.75 35 10 1 2 3 22.5 3-?1.5 hole 2-?2 hole (1) 6.6 4-r0.3max. 10 2 1.2 15 5 4 30 0.4 1 7 41 45 8 2-m2 1 3.5 mounting surface 14 rs1super slide tm standard type l: lug terminal l: lug terminal rotary potentiometers slide potentiometers mixer general-use
394 (1) 15 2 1.2 6.6 10 3.5 7 4 5 4-r0.3max. 60 2-m2 0.6 71 75 9 0.4 1 mounting surface l l l 3 1 2 70 7.5 2.5 6-?1.1 hole 19 dimensions unit:mm mounting surface mounting surface 3' 1' 2' 3 12 55 32.5 7.5 2.5 6-?1.1 hole 15 (17.5) 2-?2 hole 3' 1' 2' 3 12 70 47.5 (25) 22.5 7.5 2.5 6-?1.1 hole 2-?2 hole no. 20 21 22 style pc board mounting hole dimensions viewed from mounting side 3' 1' 2' 3 1 2 55 7.5 2.5 6-?1.1 hole mounting surface the length of leverl 1 can be customized. refer to p.396 for details. super slide tm standard type rs 1 l:lug terminal rotary potentiometers slide potentiometers general-use mixer
395 marked are specifications recommended by alps. note single-unit single-unitwith lug terminalrs6011y only dual-unit l ll 3 12 1 l : -vhufsnjobm 3 2 in addition to the products listed, we can accommodate the follow specifications. resistance taper 1b 4b 10 a 15 a refer to p.397 for ordering products not listed. travel distance variety rated power maximum operating voltage resistance taper t r a v e l m m 15 20 30 45 60 totalresistancek ? 10 20 50 100 200 total resistance variety dc10v dcis also available.tapped types are not available note terminal layout / circuit diagram viewed from mounting side travel single-unit dual-unit 1b 4b, 10a, 15a 1b, 3b 4b, 10a, 15a 15 m m 0.05w 0.025w 0.025w 0.012w 20mm 0 .1w 0.05w 0.05w 0.025w 30mm 0.2w 0 .1w 0 .1w 0.05w 45mm 0.25w 0 .12 5 w 0 .12 5 w 0.06w 60mm 0.2w 0 .1w 0.2w 0 .1w travel single-unit dual-unit 1b 4b, 10a, 15a 1b, 3b 4b, 10a, 15a 15 m m 10 0 v a c , 10 v d c 50v ac, 10v dc 10 0 v a c , 10 v d c 50v ac, 10v dc 20mm 200v ac, 10v dc 150v ac, 10v dc 30mm 200v ac, 10v dc 150v ac, 10v dc 45mm 60mm 3b super slide tm (standard type) / other specifications rotary potentiometers slide potentiometers mixer general-use
396 in addition to the products listed, we can accommodate the follow specifications. t=1.2 t=1.2 t =1. 2 t=2 t=2 t=1.2 lever types metal lever code dimensions 9-2 6 4 insulated lever configuration b (1) 6.6 l 1 5 r0.3 l 1 6.6 (1) 5 r0.3 max. r0.3 max. 4 5 4 10 6.6 (1) 5 (r0.3) l 1 3 3 5 8.5 0.5 (1) 4 10 6.6 (1) l 1 9-1 insulated lever code dimensions j-1 c c0.5 l 1 1 5 1 6.6 (2) 5 c1 l 1 (1) 5 4 2 6.6 1 5 1.8 1.2 (r0.3) l 1 a 6.6 (1) 1.6 25? 4.9 6 30? 45? l 1 l 1 10 l 1 5 l 1 15 20 t=2 l 1 15 20 l 1 10 15 l 1 10 15 dust cover available tap available only the center- positioned corresponding specifications unit:mm unit:mm marked are specifications recommended by alps. note super slide tm (standard type) / other specifications l 1 10 15 l 1 5 rotary potentiometers slide potentiometers general-use mixer
397 when ordering product varieties that are not listed, specify referring to the examples below. length of operation unit if the length is less than 10 mm, add a "0" before the number. e.x., 5 mm length= "05" code p0 p1 mounting plate without with sample part number insulated lever metal lever code configuration length j1 0a 0c 0b j-1 a c b 5 10 15 10 15 10 15 code configuration length 91 92 04 06 9 -1 9-2 4 6 10 5 15 20 15 20 1 y j 1 6 s r 0 1 1 0 c 5 0 p 0 b 0 1 3 mounting plate resistance taper lever type / length of levermm specify the travel distance from the below codes. travel mm code travel mm code 15 15 45 45 30 30 20 20 60 60 code c0 c1 detent without center detent number of resistor elements single dual 1enter "y" for 60 mm travel 2 code total resistance k? code total resistance k? 10 4 10 0 10 3 10 203 20 204 200 503 50 total resistance marked are specifications recommended by alps. note code a b resistance taper 15 a 1b d 10 a w 4b v 3b super slide tm (standard type) / ordering products not listed 100 90 80 70 60 50 40 30 20 10 0 100908070605040302010 rotation travel ( % ) term."1" term."3" output volt.across term.1-2 input volt. across term. 1-3 g 100 ( % ) d(10a) a(15a) j j b(1b) w(4b) v(vol.control)(3b) rotary potentiometers slide potentiometers mixer general-use
type standard type master type series super slide tm slim slide tm slim4 compact reflow type k fader rs 1 rs h rs08u rs k single-unit/dual-unit single-unit/dual-unit single-unit single-unit/dual-unit photo travelmm 15, 20, 30, 45, 60 15, 20, 30 8 60, 100 direction of lever vertical horizontal vertical horizontal vertical lever material metal / resin resin metal operating temperature range ?25 to +70 ?10 to +70 ?10 to +60 operating life 15,000 cycles 10,000 cycles 100,000 cycles (standard) 300,000 cycles cp available for automotive use ` ` ` ` life cycle (availability) electrical performance total resistance k ? 10, 20, 50, 100, 200 5, 10, 20, 50, 100, 200, 250 10 10, 50, 100(standerd) 1 0 c p resistance taper 10a, 15a, 1b, 3b, 4b 15a, 1b, 3b 1b 15a, 1b rated power please see p.395 please see p.402 0.025w 0.25w insulation resistance 100m min. 250v dc dual-unit 100m min. 250v dc 100m min. 100v dc 100m min. 250v dc voltage proof 300v ac for 1 minute dual-unit 300v ac for 1 minute 100v ac for 1 minute 250v ac for 1 minute center-taps without / with without mechanical performance operating force 0.3 to 2.5n 0.6 n 0.170.15n please see p.408 center detent without / with without stopper strength 50n 30n 5n 100n lever push-pull strength 50n 30n 5n 100n lever wobblemm both sides 22l 20 1.6 max. ` 22l 25 detent slip-out force operating force 0.2 to 2n operating force 0.3 n ` ` lever deviationmm one side 0.5 max. ` ` ` 0.5 max. terminal style insertion reflow leadstandard connectorcp page 389 398 404 405 slide potentiometers soldering conditions ???????????????????????????????????????????? 426 potentiometer cautions ????????????????????????????????????????????????????? 427 potentiometers measurement and test methods ???????????????????????????????????????? 429 potentiometers resistance taper ???????????????????????????????????????????????? 431 387 list of varieties slide potentiometers 1. l in the lever wobble column of the above table indicates the length of lever. 2. rs indicates travel. 3. indicates applicability to some products in the series. notes +0.5 ? 0.4 +0.5 ? 0.25 rotary potentiometers slide potentiometers mixer general-use
426 reference for manual soldering example of reflow soldering condition reference for dip soldering 300 200 100 a b c time (s) g max. f max. h max. e max. room temperature temperature (?c ) pre-heating d series tip temperature duration of soldering time no. of solders rs 1, rs h, rs08u, rs k standard , rs n, rs n11s, rs6011 p, rs n1 m, rsa0k1 v motor terminal 350 max. 3s max. 1 time series preheating dip soldering number of soldering soldering surface temperature heating time soldering temperature soldering time rs 1, rs h, rs n, rs n11s, rs6011 p, rs n1 m 10 0 m a x . 1 min. max. 260 5s max. 1 time series a b c d e f g h no. of reflows rs08u 250 200 15 0 15 0 2 min. 3s 40s 4 min. 1 time 1. when using an infrared reflow oven, solder may sometimes not be ap plied. be sure to use a hot air reflow oven or a type that uses infrared rays in combination with hot air. 2. the temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air reflow method. the temperature of the pc board and the surface tem perature of the potentiometer may vary greatly depending on the pc board material, its size and thickness. ensure that the surfa ce temperature of the potentiometer does not rise to 250c or greater. 3. conditions vary to some extent depending on the type of reflow bath used. be sure to give due consideration to this prior to use. notes temperature profile slide potentiometers / soldering conditions rotary potentiometers slide potentiometers mixer general-use


▲Up To Search▲   

 
Price & Availability of RS301111J00P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X