Part Number Hot Search : 
FP9266 SL1014 MV5026A TC75S 09MUQ 2N431K 2N6786 SK541100
Product Description
Full Text Search
 

To Download RN47A5JE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RN47A5JE 2014-03-01 1 toshiba transistor silicon npn pnp epitaxial type (pct process) (bias resi stor built-in transistor) RN47A5JE switching, inverter circuit, interface circuit and driver circuit applications ? two devices are incorporated into an extreme-super-mini (5 pin) package. ? incorporating a bias resistor into a transistor reduces parts count. reducing the parts count enables t he manufacture of ever more compact equipment and lowers assembly cost. equivalent circuit and bias resistor values q1 q2 q1 r1: 47 k , r2: 47 k q2 r1: 4.7 k , r2: 10 k q1: rn1104f q2: rn2116f marking equivalent circuit (top view) unit: mm 1.emitter1 2.base1 3.emitter2 4.collector2 5.collector1 base2 (e1) (b1) (e2) (c2) (c1) (b2) jedec D jeita D toshiba 2-2p1e weight: 0.003g (typ.) r1 r2 b c e r1 r2 b c e 2 5 4 5 3 1 2 5 4 123 q1 q2 start of commercial production 2001-11
RN47A5JE 2014-03-01 2 absolute maximum ratings (ta = 25c) (q1) characteristics symbol rating unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 10 v collector current i c 100 ma absolute maximum ratings (ta = 25c) (q2) characteristics symbol rating unit collector-base voltage v cbo ?50 v collector-emitter voltage v ceo ?50 v emitter-base voltage v ebo ?7 v collector current i c ?100 ma absolute maximum ratings (ta = 25c) (q1, q2 common) characteristics symbol rating unit collector power dissipation p c (note 1) 100 mw junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 1: total rating
RN47A5JE 2014-03-01 3 electrical characteristics (ta = 25c) (q1) characteristics symbol test condition min typ. max unit i cbo v cb = 50 v, i e = 0 ? ? 100 collector cut-off current i ceo v ce = 50 v, i b = 0 ? ? 500 na emitter cut-off current i ebo v eb = 10 v, i c = 0 0.082 ? 0.15 ma dc current gain h fe v ce = 5 v, i c = 10 ma 80 ? ? collector-emitter saturation voltage v ce (sat) i c = 5 ma, i b = 0.25 ma ? 0.1 0.3 v input voltage (on) v i (on) v ce = 0.2 v, i c = 5 ma 1.5 ? 5.0 v input voltage (off) v i (off) v ce = 5 v, i c = 0.1 ma 1.0 ? 1.5 v transition frequency f t v ce = 10 v, i c = 5 ma ? 250 ? mhz collector output capacitance c ob v cb = 10 v, i e = 0, f = 1 mhz ? 3 ? pf input resistor r1 ? 32.9 47 61.1 k resistor ratio r1/r2 ? 0.8 1.0 1.2 electrical characteristics (ta = 25c) (q2) characteristics symbol test condition min typ. max unit i cbo v cb = ?50 v, i e = 0 ? ? ?100 collector cut-off current i ceo v ce = ?50 v, i b = 0 ? ? ? 500 na emitter cut-off current i ebo v eb = ?7 v, i c = 0 ?0.36 ? ? 0.68 ma dc current gain h fe v ce = ?5 v, i c = ?10 ma 50 ? ? collector-emitter saturation voltage v ce (sat) i c = ?5 ma, i b = ?0.25 ma ? ?0.1 ? 0.3 v input voltage (on) v i (on) v ce = ?0.2 v, i c = ?5 ma ?0.7 ? ? 2.5 v input voltage (off) v i (off) v ce = ?5 v, i c = ?0.1 ma ?0.3 ? ? 1.1 v transition frequency f t v ce = ?10 v, i c = ?5 ma ? 200 ? mhz collector output capacitance c ob v cb = ?10 v, i e = 0, f = 1 mhz ? 3 ? pf input resistor r1 ? 3.29 4.7 6.11 k resistor ratio r1/r2 ? ? 0.47 ?
RN47A5JE 2014-03-01 4 q1
RN47A5JE 2014-03-01 5 q2
RN47A5JE 2014-03-01 6 q1, q2 common ambient temperature ta ( c) p c* ? ta collector power dissipation p c (mw) 0 175 125 150 75 100 0 75 25 100 50 125 25 50 *total rating.
RN47A5JE 2014-03-01 7 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability wh atsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of RN47A5JE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X