Part Number Hot Search : 
CMD6392 SF2089C LB8659FN D620CT SD125 CEPF630 X222M U9280
Product Description
Full Text Search
 

To Download RGB-CONTROLLER-303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hebei i.t. (shanghai) co., ltd. www.ledz.com 1/3 led specification part no./ ?? rgb controller-303 user manual the remote controller is ttt a full color multifunctional rgb led controller based on pwm technology and is dedicated to control entire rgb color changes of led lights with 4 wires(common anode),such as rgb led strip, led module, led spot lights, led wall-washer, led under water lamp and other led lights. it can be controlled both by remote controller and pressing buttons on the body panel .it has the characteristics of a high receiver sensitivity and excellent anti-interference ability. meanwhile, its slim and delicate shape enables a no sweat installation and a simple operation. 1. specifications working temperature :-20 60 supply voltage: dc 5 24v product size: l210*w40*h30mm package size: l295*w45*h35mm changing mode: 29 modes remote distance: 100m color depth: max.256 level per rgb. bright adjust: 8 levels speed adjust: 8 levels net weigh: 175g gross weight: 205g output: three cmos drain-open output max output current: 8a per channel 2. features 1)controlled both by remote controller and pressing buttons on the body panel, reliable control distance can reach as far as 100m without restriction of direction and obstacle. 2) input voltage range: dc 5 24v 3) 3-channel rgb full color control, max output current 8a per channel. 4) 29 modes of changing, such as static, gradual, jumpy etc., with color depth max 256 levels per rgb. 5) speed and brightness of each mode is adjustable separately from 1-8 levels. 6) can rest at current color and color depth. 7) can restore to default settings by pressing reset butto 3. control method body panel remote control controlled both by remote controller and pressing buttons on the body panel, function of each as below:
hebei i.t. (shanghai) co., ltd. www.ledz.com 2/3 led specification button on/off : turn on/off the controller. button pause : keep current status, press it again, will continue to change. button mode+/m+ : enter the next mode. button mode -/m - : return to the previous mode. button speed/s : speed up/down color changing. (1 8 levels) button bright/b : adjust led brightness levels. (1 8 levels) button reset : restore to default status if press this button over 3 seconds. 3. pattern table 4. safety information 1. please don t install this controller in lightening, intense magnetic, humid and high-voltage fields. to reduce the risk of component damage and fire caused by short circuit, make sure correct connection and no 2. short circuit before power on. 3. check if the voltage and power adapter suit the controller and if anode or cathode definition is the same as the controller s. 4. if device has been damaged during transport, don t take any action without contacting your supplier. if being used properly in accordance with the instruction, and quality problems occur, please contact local supplier too, we provide free repair or replacement services. 5. conjunction sketch map before installation and use, we strongly recommend you to read through this manual carefully. for update information, please consult with your supplier. no. status no. status 1static red 16white stroboscopic 2static green 173color gradual changes 3static blue 187color gradual changes 4static yellow 19red,green gradual changes 5static purple 20green,blue gradual changes 6static cyan 21red,blue gradual changes 7static white 22red gradual bright&fade 83color jumpy changes 23green gradual bright&fade 97color jumpy changes 24blue gradual bright&fade 10red stroboscopic 25yellow gradual bright&fade 11green stroboscopic 26purple gradual bright&fade 12blue stroboscopic 27cyan gradual bright&fade 13yellow stroboscopic 28white gradual bright&fade 14purple stroboscopic 29mode cycle 15cyan stroboscopic brt,speed(dynamic) is valid


▲Up To Search▲   

 
Price & Availability of RGB-CONTROLLER-303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X