Part Number Hot Search : 
STAC9460 103VDY7X 1318119 ECWB205T 1206573 MAX9382 NCP2809 S5498LF
Product Description
Full Text Search
 

To Download MILF200WCWC1-U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  para light electronics co., ltd tel 886-2-2225-3733 fax 886-2-2225-4800 mail:para@para.com.tw website: http://www.para.com.tw 200w high bay light product data sheet model number : MILF200WCWC1-U rev.: a /1 producer: zhuangwei auditing: shenyongjie approval: drawing no. : ds-80-13-xxxx date : 2013-9-12 page : 1
200w high bay light MILF200WCWC1-U rev.: a /1 product features and overview l 28pcs led integrated light source/ high efficiency led module/ 85lm/w. l ceramic circuit board and aluminum die casting heat sink base with a cooling fan l low noise cooling fan, noise level(thd)43.3~47.3db(a) l instant on/off l does not produce ultra violet (uv) light or ir l environmentally friendly C no mercury or other hazardous materials & fully recyclable l universal ac input /full range, 100~277v l thermal protection system l short circuit / over current / over voltage / over temperature protection l glass cover l ip41 design for indoor l rohs, ce l ul/cul e353926 drawing no. : ds-80-13-xxxx date : 2013-9-12 page : 2
200w high bay light MILF200WCWC1-U rev.: a /1 photo dimensions unit mm(inch) tolerance 10mm drawing no. : ds-80-13-xxxx date : 2013-9-12 page : 3 reflector option 480mm(18.9 " ) 470 mm (18.5 " ) 580mm(22.8 " ) 470 mm (18.5 " ) 215mm(8.5") shell color: black or white
200w high bay light MILF200WCWC1-U rev.: a /1 electrical characteristics input voltage range 100~277v power consumption 200w 10% input frequency 50/60hz led type cree(xml) led quantity 28pcs color temperature 5500~7500 k operating temp -25~50 (-13~122 H ) pfc >0.9 color rendering index >70 ip ip41 life >35,000h optical characteristics *specifications are subject to change without notice reflector aluminum(al) polycarbonate(pc) model number ath0-10530-z048 ath0-10830-z122 photo weight 5.44kg(12.0lb) 5.49kg(12.1lb) luminous efficacy 80lm/w 75lm/w luminous flux ( 10%lm) 16,000lm 15,000lm drawing no. : ds-80-13-xxxx date : 2013-9-12 page : 4
200w high bay light MILF200WCWC1-U rev.: a /1 light intensity distribution (unit: cd) al reflector pc reflector wire box drawing no. : ds-80-13-xxxx date : 2013-9-12 page : 5
200w high bay light MILF200WCWC1-U rev.: a /1 packaging method drawing no. : ds-80-13-xxxx date : 2013-9-12 page : 6 carton size mm(inch) 395(15.4 ") x290(11.4 ") x 290(11.4 ") 1box 1pcs weight (kg/lb):5.68(12.5) reflector al: ath0-10530-z048 carton size mm(inch) 550(21.7 ") x540(21.3 ") x 440(17.3 ") 1box 5pcs weight (kg/lb):6.14(13.5) reflector pc: ath0-10830-z122 carton size mm(inch) 550(21.7 ") x540(21.3 ") x 440(17.3 ") 1box 3pcs weight (kg/lb):6.14(13.5)


▲Up To Search▲   

 
Price & Availability of MILF200WCWC1-U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X