Part Number Hot Search : 
FSL9130R PS222 2022AF LM8460 SMCJ28 MAX5184 TU0AD3 2050CT
Product Description
Full Text Search
 

To Download MBRS15100CT-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - ideal for automated placement - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 45 60 100 150 v v rms 31 42 70 105 v v dc 45 60 100 150 v i f(av) a i rrm 1a - 0.75 0.92 0.95 0.57 0.65 0.82 0.92 0.84 - - - 0.72 - - - 15 10 dv/dt v/ s t j o c t stg o c document number: ds_d1408040 version: a14 mbrs 15150ct to-263ab (d 2 pak) storage temperature range - 55 to +150 - 55 to +150 maximum reverse current @ rated vr t j =25 o c t j =125 o c i r 0.1 note 1: tp = 2.0 s, 1.0khz note 2: pulse test with pw=300 s, 1% duty cycle 0.5 typical thermal resistance r jc r ja 2 50 o c/w voltage rate of change (rated v r ) 10000 operating junction temperature range ma 5 i fsm 150 a peak repetitive reverse surge current (note 1) maximum instantaneous forward voltage (note 2) i f = 7.5 a, t j =25 o c i f = 7.5 a, t j =125 o c i f = 15 a, t j =25 o c i f = 15 a, t j =125 o c v f peak repetitive forward current (rated vr, square wave, 20khz) i frm 15 a v peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 15 marking code mbrs 1545ct mbrs 1560ct mbrs 15100ct maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol mbrs 1545 ct-y mbrs 1560 ct-y mbrs 15100 ct-y mbrs 15150 ct-y unit - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mechanical data case: to-263ab (d 2 pak) polarity: as marked weight: 1.37 g (approximately) mbrs1545ct-y thru mbrs15150ct-y dual common cathode schottk y rectifier features - moisture sensitivity level: level 1, per j-std-020 taiwan semiconductor
part no. part no. mbrs1560ct-y mbrs1560ct-y (t a =25 o c unless otherwise noted) document number: ds_d1408040 version: a14 800 / 13" paper reel packing green compound description ratings and characteristics curves mbrs1560ct-y rn rn mbrs1560ct-y rng d 2 pak c0 d 2 pak rn g note 1: "xx" defines voltage from 45v (mbrs1545ct-y) to 150v (mbrs15150ct-y) example preferred p/n packing code packing code suffix 50 / tube mbrs1545ct-y thru mbrs15150ct-y taiwan semiconductor ordering information packing code packing code suffix package mbrs15xxct-y (note 1) rn g 0 5 10 15 20 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 50 100 150 200 250 300 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave 0.001 0.01 0.1 1 10 100 0 20406080100 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg 45v 60v - 150v t j =75 o c t j =125 o c t j =25 o c 0.1 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg pulse width=300 s 1% duty cycle 45v 60v 100v - 150v t j =125 o c t j =25 o c
min max min max a - 10.5 - 0.413 b 14.60 15.88 0.575 0.625 c 2.41 2.67 0.095 0.105 d 0.68 0.94 0.027 0.037 e 2.29 2.79 0.090 0.110 f 4.44 4.70 0.175 0.185 g 1.14 1.40 0.045 0.055 h 1.14 1.40 0.045 0.055 i 8.25 9.25 0.325 0.364 j 0.36 0.53 0.014 0.021 k 2.03 2.79 0.080 0.110 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1408040 version: a14 0.327 0.043 0.138 0.665 0.374 0.098 f9.5 g2.5 marking diagram c1.1 d3.5 e 16.9 suggested pad layout symbol unit (mm) a 10.8 b8.3 unit (inch) 0.425 mbrs1545ct-y thru mbrs15150ct-y taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) to-263ab (d 2 pak) 10 100 1000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg 45v 60v 100v-150v f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance a ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1408040 version: a14 mbrs1545ct-y thru mbrs15150ct-y taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of MBRS15100CT-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X