surface mount zener diodes * 500 mw power dissipation *ideal for surface mountted application *case : sod-123 molded plastic mechanical data: features: *zener breakdown voltage range 2.4v to 51v *terminals: solderable per mil-std-202, method 208 *polarity: cathode indicated by polarity band *marking: marking code (see table on page 2) *weigh: 0.01grams(approx) sod-123 1 2 maximum ratings and electrical characteristics characteristics symbol unit thermal resistance junction to ambient air forward voltage @ if=10ma junction and storage temperature range v c/w notes: 1. device mounted on ceramic pcb; 7.6mm 9.4mm 0.87mm with pad areas 25mm c (1) (1) value 5000 305 0.9 mw (ta=25 c unless otherwise noted) equivalent circuit diagram 1 2 cathode anode - - - - t o t a l p o w e r d i s s i p a t i o n o n f r - 5 b o a r d 2 *pb-free package is available , o 0 0 0.1 0.3 0.4 0.5 0.6 25 50 75 100 125 150 0.2 ratings and characteristic curves p , p o w e r d i s s i p a t i o n ( w ) d t , a m b i e n t t e m p e r a t u r e ( c ) f i g . 1 p o w e r d i s s p a t i o n v s a m b i e n t t e m p e r a u t e a leshan radio company, ltd. lbzt52c2v4t1g series rev.o 1/3 s-lbzt52c2v4t1g series r p vf t ,t stg j ja d -55 to +150 *s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable.
z e n e r v o l t a g e r a n g e m a x i m u m z e n e r m a x i m u m r e v e r s e typical temperature v z @ i @ z t z z t @ z t z z k @ i z k r r @ i m v / c z t i d e v i c e d e v i c e m a r k i n g n o m ( v ) m i n ( v ) m a x ( v ) m a m a u a v m i n m a x m a lb z t 5 2 c 2 v 4 w x 2 . 4 2 . 2 2 . 6 5 1 0 0 6 0 0 1 . 0 5 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 2 v 7 w 1 2 . 7 2 . 5 2 . 9 5 1 0 0 6 0 0 1 . 0 2 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 3 v 0 w 2 3 . 0 2 . 8 3 . 2 5 9 5 6 0 0 1 . 0 1 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 3 v 3 w 3 3 . 3 3 . 1 3 . 5 5 9 5 6 0 0 1 . 0 5 . 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 3 v 6 w 4 3 . 6 3 . 4 3 . 8 5 9 0 6 0 0 1 . 0 5 . 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 3 v 9 w 5 3 . 9 3 . 7 4 . 1 5 9 0 6 0 0 1 . 0 3 . 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 4 v 3 w 6 4 . 3 4 . 0 4 . 6 5 9 0 6 0 0 1 . 0 3 . 0 1 . 0 - 3 . 5 0 5 lb z t 5 2 c 4 v 7 w 7 4 . 7 4 . 4 5 . 0 5 8 0 5 0 0 1 . 0 3 . 0 2 . 0 - 3 . 5 0 . 2 5 lb z t 5 2 c 5 v 1 w 8 5 . 1 4 . 8 5 . 4 5 6 0 4 8 0 1 . 0 2 . 0 2 . 0 - 2 . 7 1 . 2 5 lb z t 5 2 c 5 v 6 w 9 5 . 6 5 . 2 6 . 0 5 4 0 4 0 0 1 . 0 1 . 0 2 . 0 - 2 . 0 2 . 5 5 lb z t 5 2 c 6 v 2 w a 6 . 2 5 . 8 6 . 6 5 1 0 1 5 0 1 . 0 3 . 0 4 . 0 0 . 4 3 . 7 5 lb z t 5 2 c 6 v 8 w b 6 . 8 6 . 4 7 . 2 5 1 5 8 0 1 . 0 2 . 0 4 . 0 1 . 2 4 . 5 5 lb z t 5 2 c 7 v 5 w c 7 . 5 7 . 0 7 . 9 5 1 5 8 0 1 . 0 1 . 0 5 . 0 2 . 5 5 . 3 5 lb z t 5 2 c 8 v 2 w d 8 . 2 7 . 7 8 . 7 5 1 5 8 0 1 . 0 0 . 7 5 . 0 3 . 2 6 . 2 5 lb z t 5 2 c 9 v 1 w e 9 . 1 8 . 5 9 . 6 5 1 5 1 0 0 1 . 0 0 . 5 6 . 0 3 . 8 7 . 0 5 lb z t 5 2 c 1 0 w f 1 0 9 . 4 1 0 . 6 5 2 0 1 5 0 1 . 0 0 . 2 7 . 0 4 . 5 8 . 0 5 lb z t 5 2 c 1 1 w g 1 1 1 0 . 4 1 1 . 6 5 2 0 1 5 0 1 . 0 0 . 1 8 . 0 5 . 4 9 . 0 5 lb z t 5 2 c 1 2 w h 1 2 1 1 . 4 1 2 . 7 5 2 5 1 5 0 1 . 0 0 . 1 8 . 0 6 . 0 1 0 . 0 5 lb z t 5 2 c 1 3 w i 1 3 1 2 . 4 1 4 . 1 5 3 0 1 7 0 1 . 0 0 . 1 8 . 0 7 . 0 1 1 . 0 5 lb z t 5 2 c 1 5 w j 1 5 1 3 . 8 1 5 . 8 5 3 0 2 0 0 1 . 0 0 . 1 1 0 . 5 9 . 2 1 3 . 0 5 lb z t 5 2 c 1 6 w k 1 6 1 5 . 3 1 7 . 1 5 4 0 2 0 0 1 . 0 0 . 1 1 1 . 2 1 0 . 4 1 4 . 0 5 lb z t 5 2 c 1 8 w l 1 8 1 6 . 8 1 9 . 1 5 4 5 2 2 5 1 . 0 0 . 1 1 2 . 6 1 2 . 4 1 6 . 0 5 lb z t 5 2 c 2 0 w m 2 0 1 8 . 8 2 1 . 2 5 5 5 2 2 5 1 . 0 0 . 1 1 4 . 0 1 4 . 4 1 8 . 0 5 lb z t 5 2 c 2 2 w n 2 2 2 0 . 8 2 3 . 3 5 5 5 2 5 0 1 . 0 0 . 1 1 5 . 4 1 6 . 4 2 0 . 0 5 lb z t 5 2 c 2 4 w o 2 4 2 2 . 8 2 5 . 6 5 7 0 2 5 0 1 . 0 0 . 1 1 6 . 8 1 8 . 4 2 2 . 0 5 lb z t 5 2 c 2 7 w p 2 7 2 5 . 1 2 8 . 9 2 8 0 3 0 0 0 . 5 0 . 1 1 8 . 9 2 1 . 4 2 5 . 3 2 lb z t 5 2 c 3 0 w q 3 0 2 8 . 0 3 2 2 8 0 3 0 0 0 . 5 0 . 1 2 1 . 0 2 4 . 4 2 9 . 4 2 lb z t 5 2 c 3 3 w r 3 3 3 1 . 0 3 5 2 8 0 3 2 5 0 . 5 0 . 1 2 3 . 1 2 7 . 4 3 3 . 4 2 lb z t 5 2 c 3 6 w s 3 6 3 4 . 0 3 8 2 9 0 3 5 0 0 . 5 0 . 1 2 5 . 2 3 0 . 4 3 7 . 4 2 lb z t 5 2 c 3 9 w t 3 9 3 7 . 0 4 1 2 1 3 0 3 5 0 0 . 5 0 . 1 2 7 . 3 3 3 . 4 4 1 . 2 2 lb z t 5 2 c 4 3 w u 4 3 4 0 . 0 4 6 2 1 0 0 7 0 0 1 . 0 0 . 1 3 2 1 0 . 0 1 2 . 0 5 lb z t 5 2 c 4 7 w v 4 7 4 4 . 0 5 0 2 1 0 0 7 5 0 1 . 0 0 . 1 3 5 1 0 . 0 1 2 . 0 5 lb z t 5 2 c 5 1 w w 5 1 4 8 . 0 5 4 2 1 0 0 7 5 0 1 . 0 0 . 1 3 8 1 0 . 0 1 2 . 0 5 i i ( 2 ) z t i m p e d a n c e ( 3 ) ( 1 ) i z k c u r r e n t i @ v t e s t c u r r e n t z t c n o t e : 1 . t e s t e d w i t h p u l s e s , p e r i o d = 5 m s , p u l s e w i d t h = 3 0 0 u s . 2 . w h e n p r o v i d e d , o t h e r w i s e , p a r t s a r e p r o v i d e d w i t h d a t e c o d e o n l y , a n d t y p e n u m b e r i d e n t i f i c a t i o n s a p p e a r s o n r e e l o n l y . 3 . f = 1 k h z . e l e c t r i c a l c h a r a c t e r i s t i c s ( t = 2 5 c u n l e s s o t h e r w i s e n o t e d , v = 0 . 9 v m a x @ i = 1 0 m a ) a f f leshan radio company, ltd. lbzt52c2v4t1g series,s-lbzt52c2v4t1g series coefficient rev.o 2/3
sod?123 style 1: pin 1. cathode 2. anode 1.22 0.048 0.91 0.036 2.36 0.093 4.19 0.165 mm inches scale 10:1 soldering footprint* notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. aaaa aaaa aaaa e b d a l c 1 2 a1 dim min nom max millimeters inches a 0.94 1.17 1.35 0.037 a1 0.00 0.05 0.10 0.000 b 0.51 0.61 0.71 0.020 c 1.60 0.15 0.055 d 1.40 1.80 e 2.54 2.69 2.84 0.100 ??? 3.68 0.140 l 0.25 3.86 0.010 h e 0.046 0.002 0.024 0.063 0.106 0.145 0.053 0.004 0.028 0.071 0.112 0.152 min nom max 3.56 h e ??? ??? ??? 0.006 ??? ??? ??? ??? leshan radio company, ltd. rev.o 3/3 lbzt52c2v4t1g series,s-lbzt52c2v4t1g series
|