Part Number Hot Search : 
2SK1436 STC8550 6S65P CS6420 DAP222 NDUCTOR PT50M SEL1722Y
Product Description
Full Text Search
 

To Download LA73076V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  90507 ti im b8-8590 no.a0911-1/7 http://onsemi.com semiconductor components industries, llc, 2013 july, 2013 LA73076V overview the LA73076V is a low voltage drive (2.7v to 3.6v) video driver developed for portable appliances including digital video cameras, digital still cameras and cell phones. it in corporates a minus-voltage generator that allows the LA73076V to generate its output with the pedestal voltage se t to 0v, so that no output coupling capacitor is required. this enables substantial reduction in m ounting space without concerned about v-sag. features ? output coupling capacity not required ? low-voltage drive (v cc = 2.7v to 3.6v) ? ? v-sag ? sextic lpf incorpor ated (fc = 10mhz) ? 6db amplifier ? current drain of 0 a in the standby mode ? output drive capable of covering maximum 75 output, one channel specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max 4.0 v allowable power dissipation pd max ta 80 c, *mounted on a specified board 220 mw operating temperature topr -20 to +80 c storage temperature tstg -55 to +150 c *: mounted on a spec ified board: 114.3mm 76.1mm 1.6mm, glass epoxy ordering number : ena0911 monolithic linear ic video driver for dvc/dsc, cell phone stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended oper ating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty.
LA73076V no.a0911-2/7 recommended operating conditions at ta = 25 c parameter symbol conditions ratings unit recommended operating supply voltage v cc std 3.1 v operating supply voltage range v cc range 2.7 to 3.6 v electrical characteristics at ta = 25 c, v cc = 3.1v ratings parameter symbol conditions min typ max unit current dissipation part current dissipation 1 (non-signal active mode) i cc 2pin = low, input = white50% 25 37 44 ma current dissipation 2 (non-signal active mode) i cc 2 2pin = low, input = no signal 10.0 14 17.5 ma current dissipation 3 (standby mode) i cc -stby 2pin = high 0 5.0 a control terminal part stand-by control pin h voltage (set = standby mode) v th-stby-h 2 pin voltage range at which i cc 5 a v cc -0.5 v cc v stand-by control pin l voltage (set = active mode) v th-stby-l 2 pin voltage range at which i cc 5 a gnd 0.5 v output control pin h voltage range (set=mix_out) v out _ m voltage in which only output of mix is selected 2.2 v cc v output control pin m voltage range (set=y,c_out) v out _ yc voltage in which output of y and c is selected 1.5 1.7 v output control pin l voltage range (set=all_out) v out _ all voltage in which all outputs are selected gnd 0.5 v sw, mute control pin voltage range (set=mute mode) v sw _ mute as for this voltage, sw selects mute v cc -0.5 v cc v sw, through control pin voltage range (set=through mode) v sw _ thr as for this voltage, sw selects through gnd 0.5 v y-in voltage gain v gainy 100% white v yin = 1vp-p 5.7 6.2 6.7 db v f7.2y f = 100khz/7.2mhz -1.0 0 +1.0 db freq. characteristics v f20y f = 100khz/20mhz -30 db allowable sync input level v in-sync v yin = black burst, output r conditions mix_out: 150 , y_out: 150 200 mvp-p c-in voltage gain v gainc v cin = 350mvp-p 5.7 6.2 6.7 db freq. characteristics v f20c f = 4mhz/20mhz -25 db package dimensions unit : mm (typ) 3178b sanyo : ssop16(225mil) 5.2 4.4 6.4 0.22 0.65 (0.33) 18 9 16 0.5 0.15 1.5max 0.1 (1.3)
LA73076V no.a0911-3/7 pin assignment, pin function diagram and block diagram v cc 2.2 f 4.7 f 75 dr reg 1 f 0v 0v 3 c-in 2 14 mix-out 13 v cc _nvg 15 y-out 12 -v cc clamp 75 75 0.1 f 4.7 f 0.1 f dr dr nd 11 p-sav-ctl c-out y-in gnd clk-out 7 16 s-ctl v cc _a 1 f rip-fil c-mute-ctl 10 8 9 a -gnd negative voltage generator lpf sw 6db 6db 6db 5 6 4 1 h mix y c { out l(gnd) { { { m(open) { { pin1 pin2 h(open) * l control lpf v cc from dac from dac (note 2) position the decoupling capacitor of v cc -gnd as near as possible to this ic. (note 5) use the input capacity value within a range of 0.1 f to 1 f while checking the sag condition of the output waveform. (note 4) for these two capacities; temperature characteristic b rank (10%) electrostatic tolerance k rank(10%) and withstand voltage of 6.3v or more are recommended. (note 6) as the minus power supply in this ic generates the clock fo r charge pump power supply by extracting the sink component of the input video signal (synchronous is olation) and by detecting its fall, the por tion around the v-syncrhonization of this i c output may be reduced when the pseudo v signal without cut-in pul se is inserted as in the case of certain analog vcr special play (search). on the contrary, there is no problem when the pseudo v signal has the cut-in pulse. pay due attention on this fact during use. (note 1) the wiring from mix-out(13pin), y_out(pin15) to 75 must be as shortened as possible. (note 3) the wiring from c-out (3pin), c-in(5pin), y-in (7pin) to 75 must be as shortened as possible. v cc mute dc tdk c1608 jb oj 475k tdk c1608 jb 1c 475k tdk c1608 jb 1c 225k tdk c1608 jb 1c 105k tdk c1608 jb 1c 105k tdk c1608 jb 1c 104k tdk c1608 jb 1c 104k h l(open) mute through c(pin3) pin4 active (input signal) signal on no signal off standby off
LA73076V no.a0911-4/7 pin functions pin no symbol voltage description equivalent circuit 1 s-ctl v cc or open or 0v output select pin out control of pin1 mix yc l(gnd) 0v to 0.5v ? { { { m(open) open or 1.6v 0.1v ? { { h(v cc ) 2.2v to v cc ? { 2 p-sav- ctl v cc or 0v power save mode select pin control of pin2 mode l(gnd) 0v to 0.5v ? active h(v cc ) open or v cc 0.5v ? standby 3 c-out 1.55v video output terminal (push-pull output low-impedance) 4 c-mute- ctl v cc or 0v mute select pin control of pin out l(gnd) 0v to 0.5v or open ? through h(v cc ) v cc 0.5v ? pin4: h mute continued on next page. a-gnd s-ctl 14 v cc _a 40k 5k 2.4v ref 1.6v buf 1.6v 1 16 a-gnd v cc _a p-sav-ctl 4k 50k 50k 50k 14 2 16 1.55v 700mvp-p + - 250 a _gnd v cc _a c-out 50k 50k 49k 14 3 16 a -gnd v cc _a 10k 40k 1.2v c-mute-ctl 14 4 16
LA73076V no.a0911-5/7 continued from preceding page. pin no symbol voltage description equivalent circuit 5 c-in 1.55v video input terminal (input high-impedance) 6 rip-fil 1.2v 7 y-in 1.1v video input terminal (sync-chip clamp (input high-impedance)) 8 gnd 0v continued on next page. 1.55v 700mvp-p a -gnd c-in v cc _a 10k 1.55v 10k 14 5 16 1k 8k v cc _a a -gnd rip-fil 14 6 16 1.1v 1vp-p v cc _a a -gnd y-in 1k 200 1k 200 2k power on reset 14 7 16
LA73076V no.a0911-6/7 continued from preceding page. pin no symbol voltage description equivalent circuit 9 clk-out v cc 0v 10 nd +0.5v -2.5v (-v cc ) 11 -v cc 0v -2.2v (-v cc ) pin 9: clock output terminal pin 10: the terminal which transmits an electric charge pin 11: -v cc 12 v cc _nvg 2.7v to 3.6v 13 15 mix-out y-out 0v video output terminal (push-pull output low-impedance) 14 v cc _a 2.7v to 3.6v analog v cc 16 a-gnd 0v analog gnd 9pin 10pin 3v 2v 1v 0v -1v -2v -3v v cc =3.1v 11pin v cc _nvg gnd clk-out 50k 50k 50k 2.4v 12 9 8 + - 250 -v cc v cc _a 13pin: mix-out 15pin: y-out a_ gnd 50k 50k 49 14 16 11 50k v cc _nvg nd -v cc gnd 12 8 11 10 2vp-p --0.6v 1.4v 0v (mix-out: burst be absent)
LA73076V no.a0911-7/7 test circuit diagram ps 3 13 15 5 14 lpf (7mhz) 16 7 clamp lpf (7mhz) 2 4 1 v cc_a c-in a _gnd y-in p-sav-ctl gnd v cc_nvg rip-fil clk-out nd -v cc c-mute-ctl s-ctl y-out c-out mix-out 8 mute dc 10 9 6 11 12 sg 75 sg 75 1 75 4.7 75 m 75 m 75 im v cc vm 4.7 f vm vm vm 0.1 on no signal off standby off on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc mak es no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability ar ising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequentia l or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s techn ical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorize d for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other appli cation in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of persona l injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture o fthe part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner.


▲Up To Search▲   

 
Price & Availability of LA73076V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X