Part Number Hot Search : 
TB656 GBJ10005 TDA6060G 4HC54 0US60 KRC840U LX100 LN2003A
Product Description
Full Text Search
 

To Download HEF4043B-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the hef4043b is a quad r/s latch with 3- state outputs with a common output enable input (oe). each latch has an active high set in put (1s to 4s), an active high reset input (1r to 4r) and an active high 3-state output (1q to 4q). when oe is high, the latch output (nq) is determined by the nr and ns inputs as shown in ta b l e 3 . when oe is low, the latch outputs are in the high impedance off-state. oe does not affect the state of the latch. the high impedance off-state feature allows common bussing of the outputs. it operates over a recommended v dd power supply range of 3 v to 15 v referenced to v ss (usually ground). unused inputs must be connected to v dd , v ss , or another input. 2. features and benefits ? fully static operation ? 5 v, 10 v, and 15 v parametric ratings ? standardized symmetrical output characteristics ? specified from ? 40 ? c to +85 ? c ? complies with jedec standard jesd 13-b 3. applications ? four-bit storage with output enable 4. ordering information hef4043b quad r/s latch with 3-state outputs rev. 10 ? 18 november 2011 product data sheet table 1. ordering information all types operate from ? 40 ? c to +85 ? c. type number package name description version hef4043bp dip16 plastic dual in-line package; 16 leads (300 mil) sot38-4 hef4043bt so16 plastic small outline package ; 16 leads; body width 3.9 mm sot109-1
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 2 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 5. functional diagram 6. pinning information 6.1 pinning fig 1. functional diagram fig 2. logic diagram for one latch 001aae616 1s 3-state outputs 4 3 2 1r 1q 2s6 7 9 2r 2q 3s12 11 10 3r 3q 4s14 15 1 4r 4q 5 oe 001aae618 nr oe ns nq to other latches fig 3. pin configuration hef4043b 4q v dd 1q 4r 1r 4s 1s n.c. oe 3s 2s 3r 2r 3q v ss 2q 001aae617 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 3 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high impedance state. 8. limiting values [1] for dip16 package: p tot derates linearly with 12 mw/k above 70 ? c. [2] for so16 package: p tot derates linearly wi th 8 mw/k above 70 ? c. table 2. pin description symbol pin description 1q to 4q 2, 9, 10, 1 3-state buffered latch output 1r to 4r 3, 7, 11, 15 reset input (active high) 1s to 4s 4, 6, 12, 14 set input (active high) oe 5 common output enable input v ss 8 ground supply voltage n.c. 13 not connected v dd 16 supply voltage table 3. function table [1] inputs output oe ns nr nq lxxz hl hl hhxh hl l latched table 4. limiting values in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit v dd supply voltage ? 0.5 +18 v i ik input clamping current v i < ? 0.5 v or v i >v dd + 0.5 v - ? 10 ma v i input voltage ? 0.5 v dd + 0.5 v i ok output clamping current v o < ? 0.5 v or v o >v dd + 0.5 v - ? 10 ma i i/o input/output current - ? 10 ma i dd supply current - 50 ma t stg storage temperature ? 65 +150 ?c t amb ambient temperature ? 40 +85 ?c p tot total power dissipation t amb ? 40 ? c to +85 ?c dip16 package [1] -7 5 0m w so16 package [2] -5 0 0m w p power dissipation per output - 100 mw
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 4 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 9. recommended operating conditions 10. static characteristics table 5. recommended operating conditions symbol parameter conditions min typ max unit v dd supply voltage 3 - 15 v v i input voltage 0 - v dd v t amb ambient temperature in free air ? 40 - +85 ?c ? t/? v input transition rise and fall rate v dd = 5 v - - 3.75 ? s/v v dd = 10 v - - 0.5 ? s/v v dd = 15 v - - 0.08 ? s/v table 6. static characteristics v ss = 0 v; v i = v ss or v dd unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 ?c t amb = 25 ?c t amb = 85 ?c unit min max min max min max v ih high-level input voltage ?i o ? < 1 ? a 5 v 3.5 - 3.5 - 3.5 - v 10 v 7.0 - 7.0 - 7.0 - v 15 v 11.0 - 11.0 - 11.0 - v v il low-level input voltage ?i o ? < 1 ? a 5 v - 1.5 - 1.5 - 1.5 v 10 v - 3.0 - 3.0 - 3.0 v 15 v - 4.0 - 4.0 - 4.0 v v oh high-level output voltage ?i o ? < 1 ? a 5 v 4.95 - 4.95 - 4.95 - v 10 v 9.95 - 9.95 - 9.95 - v 15 v 14.95 - 14.95 - 14.95 - v v ol low-level output voltage ?i o ? < 1 ? a 5 v - 0.05 - 0.05 - 0.05 v 10 v - 0.05 - 0.05 - 0.05 v 15 v - 0.05 - 0.05 - 0.05 v i oh high-level output current v o = 2.5 v 5 v - ? 1.7 - ? 1.4 - ? 1.1 ma v o = 4.6 v 5 v - ? 0.52 - ? 0.44 - ? 0.36 ma v o = 9.5 v 10 v - ? 1.3 - ? 1.1 - ? 0.9 ma v o = 13.5 v 15 v - ? 3.6 - ? 3.0 - ? 2.4 ma i ol low-level output current v o = 0.4 v 5 v 0.52 - 0.44 - 0.36 - ma v o = 0.5 v 10 v 1.3 - 1.1 - 0.9 - ma v o = 1.5 v 15 v 3.6 - 3.0 - 2.4 - ma i i input leakage current 15 v - ? 0.3 - ? 0.3 - ? 1.0 ? a i oz off-state output current nq output high; returned to v dd 15 v - 1.6 - 1.6 - 12.0 ? a nq output low; returned to v ss 15 v - 1.6 - 1.6 - 12.0 ? a
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 5 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 11. dynamic characteristics [1] the typical values of the propagation delay and transition times are calculated from the extrapolation formulas shown (c l in pf). [2] t t is the same as t thl and t tlh . i dd supply current i o = 0 a 5 v - 20 - 20 - 150 ? a 10 v - 40 - 40 - 300 ? a 15 v - 80 - 80 - 600 ? a c i input capacitance - - - 7.5 - - pf table 6. static characteristics ?continued v ss = 0 v; v i = v ss or v dd unless otherwise specified. symbol parameter conditions v dd t amb = ? 40 ?c t amb = 25 ?c t amb = 85 ?c unit min max min max min max table 7. dynamic characteristics v ss = 0 v; t amb = 25 ? c; for waveforms and test circuit see section 12 ; unless otherwise specified. symbol parameter conditions v dd extrapolation formula min typ max unit t phl high to low propagation delay nr ?? nq; see figure 4 5 v [1] 63 ns + (0.55 ns/pf)c l -90180ns 10 v 24 ns + (0.23 ns/pf)c l -3570ns 15 v 17 ns + (0.16 ns/pf)c l -2550ns t plh low to high propagation delay ns ?? nq; see figure 4 5 v [1] 38 ns + (0.55 ns/pf)c l -65135ns 10 v 14 ns + (0.23 ns/pf)c l -2550ns 15 v 7 ns + (0.16 ns/pf)c l -1535ns t t transition time nq output; see figure 4 5 v [1] [2] 10 ns + (1.00 ns/pf)c l -60120ns 10 v 9 ns + (0.42 ns/pf)c l -3060ns 15 v 6 ns + (0.28 ns/pf)c l -2040ns t phz high to off-state propagation delay oe ?? nq; see figure 5 5 v - 45 90 ns 10 v - 20 35 ns 15 v - 10 25 ns t plz low to off-state propagation delay oe ?? nq; see figure 5 5 v - 50 100 ns 10 v - 20 40 ns 15 v - 10 25 ns t pzh off-state to high propagation delay oe ?? nq; see figure 5 5 v - 25 50 ns 10 v - 15 30 ns 15 v - 10 25 ns t pzl off-state to low propagation delay oe ?? nq; see figure 5 5 v - 40 80 ns 10 v - 20 45 ns 15 v - 15 35 ns t w pulse width ns input high; minimum width; see figure 4 5 v 30 15 - ns 10 v 20 10 - ns 15 v 16 8 - ns nr input high; minimum width; see figure 4 5 v 30 15 - ns 10 v 20 10 - ns 15 v 16 8 - ns
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 6 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 12. waveforms table 8. dynamic power dissipation p d p d can be calculated from the formulas shown. v ss = 0 v; t r = t f ? 20 ns; t amb = 25 ? c. symbol parameter v dd typical formula for p d ( ? w) where: p d dynamic power dissipation 5 v p d = 1100 ? f i + ? (f o ? c l ) ? v dd 2 f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v dd = supply voltage in v; ? (f o ? c l ) = sum of the outputs. 10 v p d = 4400 ? f i + ? (f o ? c l ) ? v dd 2 15 v p d = 11400 ? f i + ? (f o ? c l ) ? v dd 2 t r and t f are the input rise and fall times. logic levels: v ol and v oh are typical output voltage levels that occur with the output load. transition times: transition time (t t ) = high low (t thl ) or low high (t tlh ) transition times. measurement points are given in table 9 and test data is given in table 10 . fig 4. input minimum set (ns) and reset (nr) pulse widths, inputs ns or nr to latch output (nq) propagation delay and nq transition time 001aai286 input nr output nq t phl t plh 0 v v i v m v oh v ol t thl t tlh input ns 0 v v i v m v m t w t w 10 % 10 % 90 % 90 % t r t f
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 7 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs measurement points are given in table 9 . fig 5. output enable (oe) to la tch output (nq) enable time (t pzl and t pzh ) and disable time (t plz and t phz ) 001aag355 t plz t phz outputs off outputs on outputs on output low-to-off off-to-low output high-to-off off-to-high oe input v dd v dd v ss v ss v dd v ss t pzl t pzh v y v y v x v x table 9. measurement points supply voltage input output v dd v i v m v m v x v y 5 v to 15 v v dd or 0 v 0.5v dd 0.5v dd 0.1v dd 0.9v dd
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 8 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs a. input waveform b. test circuit test and measurement data is given in ta b l e 1 0 . definitions test circuit: dut = device under test. r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. fig 6. test circuit for measuring switching times v m v m t w t w 10 % 90 % 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % 90 % 10 % t f t r t r t f 001aaj781 001aaj915 v ext v dd v i v o dut c l r t r l g table 10. test data supply voltage input load v ext v i t r , t f c l r l t plh , t phl t plz , t pzl t phz , t pzh 5 v to 15 v v dd ? 20 ns 50 pf 1 k ? open v dd gnd
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 9 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 13. package outline fig 7. package outline sot38-4 (dip16) references outline version european projection issue date iec jedec jeita sot38-4 95-01-14 03-02-13 m h c (e ) 1 m e a l seating plane a 1 w m b 1 b 2 e d a 2 z 16 1 9 8 e pin 1 index b 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. unit a max. 12 b 1 (1) (1) (1) b 2 cd e e m z h l mm dimensions (inch dimensions are derived from the original mm dimensions) a min. a max. b max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 0.76 4.2 0.51 3.2 inches 0.068 0.051 0.021 0.015 0.014 0.009 1.25 0.85 0.049 0.033 0.77 0.73 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.03 0.17 0.02 0.13 dip16: plastic dual in-line package; 16 leads (300 mil) sot38-4
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 10 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs fig 8. package outline sot109-1 (so16) x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 11 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 14. revision history table 11. revision history document id release date data sheet status change notice supersedes hef4043b v.10 20111118 product data sheet - hef4043b v.9 modifications: ? table 6 : i oh minimum values changed to maximum hef4043b v.9 20091216 product data sheet - hef4043b v.8 hef4043b v.8 20091127 product data sheet - hef4043b v.7 hef4043b v.7 20090710 product data sheet - hef4043b v.6 hef4043b v.6 20081111 product data sheet - hef4043b v.5 hef4043b v.5 20080729 product data sheet - hef4043b v.4 hef4043b v.4 20080710 product data sheet - hef4043b_cnv v.3 hef4043b_cnv v.3 19950101 product specification - hef4043b_cnv v.2 hef4043b_cnv v.2 19950101 product specification - -
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 12 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
hef4043b all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 10 ? 18 november 2011 13 of 14 nxp semiconductors hef4043b quad r/s latch with 3-state outputs non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors hef4043b quad r/s latch with 3-state outputs ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 18 november 2011 document identifier: hef4043b please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 1 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 12 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 13 16 contact information. . . . . . . . . . . . . . . . . . . . . 13 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14


▲Up To Search▲   

 
Price & Availability of HEF4043B-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X