|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
tm FDB86135 n-channel powertrench ? mosfet ?2011 fairchild semiconductor corporation FDB86135 rev. c www.fairchildsemi.com 1 june 2011 FDB86135 n-channel powertrench ? mosfet 100v, 176a, 3.5m features ?max r ds(on) = 3.5m at v gs = 10v, i d = 75a ? fast switching speed ? low gate charge ? high performance trench tec hnology for extremely low r ds(on) ? high power and current handling capability ? rohs compliant general description this n-channel mosfet is produced using fairchild semiconductor?s advanced powert rench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance. applications ? dc-dc primary bridge ? dc-dc synchronous rectification ? hot swap d g s d 2 -pak fdb series g s d mosfet maximum ratings t c = 25 o c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter ratings units v dss drain to source voltage 100 v v gss gate to source voltage 20 v i d drain curren - continuous (silicon limited) t c = 25 o c 176 a - continuous( package limited) t c = 25 o c 120 - continuous t c = 25 o c(note 1a) 75 - pulsed 704 a e as single pulsed avalanche energy (note 3) 658 mj p d power dissipation - t c = 25 o c (note 1a) 227 w - t a = 25 o c (note 1b) 2.4 w/ o c t j , t stg operating and storage temperature range -55 to +175 o c symbol parameter ratings units r jc thermal resistance, junction to case (note 1) 0.66 o c/w r ja thermal resistance, junction to ambient (note 1a) 62.5 device marking device package reel size tape width quantity FDB86135 FDB86135 d2-pak 330mm 24mm 800
FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 2 electrical characteristics t c = 25 o c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics symbol parameter test conditions min. typ. max. units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0v, t c = 25 o c 100 - - v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 o c - 0.07 - v/ o c i dss zero gate voltage drain current v ds = 80v, v gs = 0v - - 1 a i gss gate to body leakage current v gs = 20v, v ds = 0v - - 100 na v gs(th) gate threshold voltage v gs = v ds , i d = 250 a2.0-4.0v r ds(on) static drain to source on resistance v gs = 10v, i d = 75a - 3.0 3.5 m g fs forward transconductance v ds = 10v, i d = 75a - 167 - s c iss input capacitance v ds = 25v, v gs = 0v f = 1mhz - 5485 7295 pf c oss output capacitance - 2430 3230 pf c rss reverse transfer capacitance - 210 - pf q g(tot) total gate charge at 10v v ds = 80v, i d = 75a v gs = 10v - 89 116 nc q gs gate to source gate charge - 24 - nc q gs2 gate charge threshold to plateau - 8 - nc q gd gate to drain ?miller? charge - 25 - nc t d(on) turn-on delay time v dd = 50v, i d = 75a v gs = 10v, r gen = 4.7 -2254ns t r turn-on rise time - 54 118 ns t d(off) turn-off delay time - 37 84 ns t f turn-off fall time - 11 32 ns v sd drain to source diode forward voltage v gs = 0v, i sd = 75a (note 2) - - 1.25 v t rr reverse recovery time v gs = 0v, i sd = 75a, v dd = 80v di f /dt = 100a/ s -72-ns q rr reverse recovery charge - 129 - nc notes: 1. r ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0 %. 3. starting t j = 25 c, l = 1 mh, i as = 36.3 a, v dd = 100 v, v gs = 10 v. 40 c/w when mounted on a 1 in 2 pad of 2 oz copper a) 62.5 c/w when mounted on a minimum pad of 2 oz copper b) FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 3 typical performance characteristics figure 1. on-region characteristics figure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate vo ltage variation vs. source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 0.02 0.1 1 10 2 10 100 600 *notes: 1. 250 s pulse test 2. t c = 25 o c v gs = 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v i d , drain current[a] v ds , drain-source voltage[v] 23456 1 10 100 300 -55 o c 150 o c *notes: 1. v ds = 10v 2. 250 s pulse test 25 o c i d , drain current[a] v gs , gate-source voltage[v] 0.2 0.4 0.6 0.8 1.0 1.2 1 10 100 500 *notes: 1. v gs = 0v 2. 250 s pulse test 150 o c i s , reverse drain current [a] v sd , body diode forward voltage [v] 25 o c 0 60 120 180 240 300 360 0.0025 0.0030 0.0035 0.0040 *note: t c = 25 o c v gs = 20v v gs = 10v r ds(on) [ ], drain-source on-resistance i d , drain current [a] 0306090 0 2 4 6 8 10 *note: i d = 75a v ds = 20v v ds = 50v v ds = 80v v gs , gate-source voltage [v] q g , total gate charge [nc] 0.1 110 30 100 5000 10000 c oss c iss c iss = c gs + c gd ( c ds = shorted ) c oss = c ds + c gd c rss = c gd *note: 1. v gs = 0v 2. f = 1mhz c rss capacitances [pf] v ds , drain-source voltage [v] FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 4 typical performanc e characteristics figure 7. breakdown voltage variation figure 8. on-resistance variation vs. temperature vs. temperature figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 11. unclamped inductive switching capability -100 -50 0 50 100 150 200 0.6 0.9 1.2 1.5 1.8 2.1 *notes: 1. v gs = 10v 2. i d = 75a r ds(on) , [normalized] drain-source on-resistance t j , junction temperature [ o c ] -100 -50 0 50 100 150 200 0.90 0.95 1.00 1.05 1.10 *notes: 1. v gs = 0v 2. i d = 10ma bv dss , [normalized] drain-source breakdown voltage t j , junction temperature [ o c ] 0.1 1 10 100 300 0.1 1 10 100 1000 3000 1ms 100 s 10ms 100ms i d , drain current [a] v ds , drain-source voltage [v] operation in this area is limited by r ds(on) *notes: 1. t c = 25 o c 2. t j = 175 o c 3. single pulse dc 25 50 75 100 125 150 175 0 50 100 150 200 i d , drain current [a] t c , case temperature [ o c ] limited by package 0.01 0.1 1 10 100 1000 1 10 100 starting t j = 150 o c starting t j = 25 o c i as , avalanche current (a) t av , time in avalanche (ms) if r = 0 t av = (l) ( i as ) / ( 1.3*rated bv dss -v dd ) if r = 0 t av = (l/r)in [( i as *r ) / ( 1.3*rated bv dss -v dd ) +1 ] FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 5 typical performance characteristics figure 12 . transient thermal response curve 10 -5 10 -4 10 -3 10 -2 10 -1 110 0.001 0.01 0.1 1 3 0.01 0.1 0.2 0.05 0.02 *notes: 1. z jc (t) = 0.66 o c/w max. 2. d uty factor, d = t 1 /t 2 3. t jm - t c = p dm * z jc (t) 0.5 single pulse thermal response [ z jc ] rectangular pulse duration [sec] t 1 p dm t 2 FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 6 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 7 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period -------------------------- FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 8 mechanical dimensions d2-pak land pattern recommendation detail a, rotated 90 scale: 2x 2 seating plane 3 4 gage plane 1 2 1 4 3 see detail a 10.67 9.65 1.68 1.00 9.65 8.38 1.78 max 1.78 1.14 0.99 0.51 5.08 (2.12) 6.22 min 6.86 min 15.88 14.61 1.65 1.14 4.83 4.06 0.74 0.33 8 0 8 0 2.79 1.78 (5.38) 0.25 max 0.25 0.25 a b m m -a- -b- 0.10 b notes: unless otherwise specified a) all dimensions are in millimeters. b) reference jedec, to-263, variation ab. c) dimensioning and tolerancing per ansi y14.5m - 1994. d) location of the pin hole may vary (lower left corner, lower center and center of the package). e) landpattern recommendation per ipc to254p1524x482-3n f) filename: to263a02rev6 12.70 9.45 3.80 1.05 (6.40) 10.00 unless noted, all dims typical 5.08 dimensions in millimeters FDB86135 n-channel powertrench ? mosfet FDB86135 rev. c www.fairchildsemi.com 9 anti-counterfeiting policy fairchild semiconductor corporation?s anti-c ounterfeiting policy. fairchild?s anti-count erfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manuf actures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadv ertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of producti on and manufacturing delays. fairchild is taki ng strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. product s customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality sta ndards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchil d will not provide any warranty coverage or other assistance for pa rts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. ? trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devic es or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a sign ificant injury of the user. 2. a critical component in any com ponent of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms accupower? auto-spm? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optihit? optologic ? optoplanar ? ? pdp spm? power-spm? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? the right technology for your success? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? xs? tm ? tm tm datasheet identification product status definition advance information for mative / in design datasheet contains the design specifications for product developm ent. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification n eeded full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i54 |
Price & Availability of FDB86135 |