Part Number Hot Search : 
0J226 SPB02N60 TBU608G LC822152 EPR1511S 1609040 2SC52 MBJ5333
Product Description
Full Text Search
 

To Download DSL03-24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.protekdevices.com page 1 description the DSL03-24 provides esd, eft and surge protecton for high-speed data interfaces. the transient voltage array, steering diode combinaton device meets iec 61000-4-2 (esd), iec 61000-4-4 (eft) and iec 61000-4-5 (surge) require - ments. available in the space-saving sot-23-6 package confguraton, this device is ofered in 24 volts with a peak pulse power ratng of 500 wats for and 8/20s waveshape. features ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? compatble with iec 61000-4-5 (surge): 24a, 8/20s - level 2(line- gnd) & level 3(line-line0 ? 500 wats peak pulse power per line(tp = 8/20s) ? esd protecton > 25 kilovolts ? protecton for 2 lines ? low capacitance: < 5pf ? rohs compliant ? reach compliant mechanical characteristics ? molded jedec sot-23-6 package ? approximate weight: 16 milligrams ? lead-free nickel paladium gold platng ? solder refow temperature - 260-270c ? flammability ratng ul 94v-0 ? 8mm tape and reel per eia standard 481 applications ? xdsl ? portable electronics ? smart phones pin configuration sot-23-6 package 1 6 5 2 3 4 i/o 1 gnd i/o 2 ref ref ref only one name means protektion? 05438.r2 6/15 05438 DSL03-24 ultra low capacitance steering diode/tvs array
www.protekdevices.com page 2 maximum ratings @ 25c unless otherwise specifed parameter symbol value units peak pulse power (tp = 8/20s) - see figure 1 p pp 500 wats operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse current (tp = 8/20s) - note 1 i pp 15 amps notes 1. across tvs only - pin 2 to pin 5. electrical characteristics per line @ 25c unless otherwise specifed part number (n ote 1) device marking rated stand-off voltage v wm volts minimum breakdown voltage @ 1 m a v (br) volts maximum clamping voltage (fig. 2) @ i p = 1a v c volts typical clamping voltage (fig. 2) @ 8/20 s v c @ i pp maximum leakage current @v wm i d a typical capacitance @0v, 1mh z c p f maximum capacitance @0v, 1mh z c p f DSL03-24 324 24.0 26.0 38.0 55.0v @ 15.0a 0.1 1.4 5.0 notes 1. all measurements made between i/o1 and i/o2. figure 1 peak pulse power vs pulse time t d - pulse duraton - s 500w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - wats 10 100 1,000 10,000 only one name means protektion? 05438.r2 6/15 05438 DSL03-24 typical device characteristics
www.protekdevices.com page 3 test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) figure 2 pulse wave form t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120 peak pulse power 8/20s average power figure 3 power derating curve t a - ambient temperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % of rated power only one name means protektion? 05438.r2 6/15 05438 DSL03-24 typical device characteristics
www.protekdevices.com page 4 figure 4 maximum current vs pulse duration pulse duraton - seconds 1.e-06 1.e-05 1.e-04 1.e-03 100 maximum current - amps 10 1 figure 5 normalized capacitance vs v d 0 5 10 15 20 25 v d - volts 0 0.4 0.8 1.2 capacitance normalized to v d = 1 v only one name means protektion? 05438.r2 6/15 05438 DSL03-24 typical device characteristics
www.protekdevices.com page 5 dsl0324 vdsl driver r p v cc r b1 r p v ee r b2 feedback r t mov1 mov2 to rj11 connector the DSL03-24 is used to protect a vdsl driver outputs. the current limitng resistors (rp), typically around 1 ohm, limit the peak current seen by the driver. low volt - age varistors mov1 and mov2, with a typical working voltage of less than 20v, limit the current in the line side of the transformer by limitng the voltage across it. in applicatons sensitve to very low levels of leakage current, optonal bias resistors rb1 and rb2 can be used. both resistors would be required for dual supply applica - tons. only rb1 is requried for single supply applicatons. in this case, the anodes of the diode array should be connected to ground. circuit board recommendations circuit board layout is critcal for electromagnetc compatbility protecton. the following guidelines are recommended: ? the protecton device should be placed near the input terminals or connectors, the device will divert the transient current immediately before it can be coupled into the nearby traces. ? the path length between the tvs device and the protected line should be minimized. ? all conductve loops including power and ground loops should be minimized. ? the transient current return path to ground should be kept as short as possible to reduce parasitc inductance. ? ground planes should be used whenever possible. for multlayer pcbs, use ground vias. from ic to next connecton p1 figure 5 vdsl driver protection figure 6 connecting a differential signal only one name means protektion? 05438.r2 6/15 05438 DSL03-24 application information
www.protekdevices.com page 6 outline dimensions dim millimeters inches min max min max a 2.80 3.05 0.110 0.120 b 1.50 1.75 0.059 0.070 c 0.90 1.30 0.036 0.051 d 0.30 0.40 0.012 0.016 e 0.85 1.05 0.033 0.040 g 0.90 1.45 0.036 0.057 j 0.09 0.20 0.003 0.008 k 2.60 3.00 0.102 0.118 l 0.0 0.15 0.0 0.006 m 0.30 0.60 0.012 0.024 notes 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. pad layout dimensions dim millimeters inches nominal nominal a 0.70 0.028 b 1.90 0.074 c 0.95 0.037 d 2.40 0.094 e 1.00 0.039 notes 1. controlling dimension: inches. d e k 4 5 6 3 2 1 a g c l b m 0 - 8 j d c b a e only one name means protektion? 05438.r2 6/15 05438 DSL03-24 sot-23-6 package information
www.protekdevices.com page 7 specifications reel dia. tape width a0 b0 k0 d e f w p0 p2 p tmax 178mm (7) 8mm 3.20 0.10 3.20 0.10 1.65 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 notes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. marking on part - marking code (see page 2) and pin one defned by dot on package. ordering information base part number leadfree suffix tape suffix qty/reel reel size tube qty DSL03-24 n/a -t7 3,000 7 n/a this device is only available in a lead-free confguraton. t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t only one name means protektion? 05438.r2 6/15 05438 DSL03-24 tape and reel
www.protekdevices.com page 8 contact us corporate headquarters 2929 south fair lane tempe, arizona 85282 usa by telephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e-mail: asia sales: asiasales@protekdevices.com europe sales: europesales@protekdevices.com u.s. sales: ussales@protekdevices.com distributor sales: distysales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com protek devices (asia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 web www.protekdevices.com only one name means protektion? 05438.r2 6/15 05438 DSL03-24 company information copyright ? protek devices 2014 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. company profile in business more than 20 years, protek devices? is a privately held semiconductor company. the company ofers a product line of overvoltage pro - tecton and overcurrent protecton components. these include transient voltage suppressor array (tvs arrays) avalanche breakdown diode, steering diode tvs array and electronics smd chip fuses. these components deliver circuit protecton in electronic systems from numerous overvoltage and overcurrent events. they include lightning; electrostatc discharge (esd); nuclear electromagnetc pulses (nemp); inductve switching; and electro - magnetc interference (emi) / radio frequency interference (rfi). protek devices also ofers high performance interface and linear products. they include analog switches; multplexers; led drivers; led wafer die for esd protecton; audio control ics; rf and related high frequency products.


▲Up To Search▲   

 
Price & Availability of DSL03-24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X