Part Number Hot Search : 
TGS2313 MAX4658 NL8060 ZM4736 LM2901D BCM5238 M5291 SDM0565R
Product Description
Full Text Search
 

To Download DB201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DB201 thru db207 single phase glass passivated bridge rectifiers voltage range - 50 to 1000 volts current - 2.0 ampere case : molded plastic body terminals : plated leads solderable per mil-std-750, method 2026 polarity : polarity symbols marked on case mounting position : any weight :0.02 ounce, 0.4 grams features mechanical data maximum ratings and electrical characteristics -55 to +150 -55 to +150 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 mdd DB201 2.0 ratings at 25 * ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load, for capacitive load derate current by 20%. volts volts volts symbols units amps amps volts v rrm v rms v dc i f(av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current at t a =40 ??c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage drop per birdge element at 2.0a maximum dc reverse current t a =25 ??c at rated dc blocking voltage t a =125 ??c operating temperature range storage temperature range t j t stg i r v f a m 1.1 mdd db202 mdd db203 mdd db204 mdd db205 mdd db206 mdd db207 60 10 500 a m mdd catalog number c c dimensions in inches and (millimeters) db 0.255(6.5) 0.245(6.2) + 0.350(8.9) 0.300(7.6) 0.335(8.51) 0.325(8.10) 0.185(4.69) 0.150(3.81) 0.060 (1.5) 0.205(5.2) 0.195(5.0) 0.135(3.4) 0.115(2.9) 0.020(.51) 0.016(.41) the plastic package carries underwriters laboratory flammability classification 94v-0 ideal for printed circuit boards low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 c/10 seconds,5 lbs. (2.3kg) tension notes: 1.measured at 1.0 mhz and applied reverse voltage of 4.0 volts. 2.unit mounted on p.c. board with 0.51 ? x 0.51 ? (13x13mm) copper pads.
ratings and characteristic curves DB201 thru db207 2.5 2.0 1.5 1.0 0.5 0 20 40 60 80 100 120 140 150 60 50 40 30 20 10 0 0 20 40 60 80 100 120 140 1 10 100 reverse voltage.(v) fig. 3-typical reverse characteristics per bridge element number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- maximun derating curve for output rectified current average forward current(a) instantaneous reverse current( * a) capacitance.(pf) peak forward current.(a) percent of rated peak reverse voltage .(%) single phase half wave 60hz resistive or inductive load 1 100 0.01 0.1 1 100 10 1.0 .10 .01 100 10 1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 0 1 0.1 0.01 forward voltage,(v) fig. 4-typical forward characteristics per bridge elemnt instantaneous reverse current.(a) ambient temperature, c 0.6''(1.5mm) copper pauls .51''x.51'' (13mmx13mm) 2 4 6 10 20 40 60 tj=25 * single sine-wave (jedec method) fig. 3-typical junction capacitance per bridge element t j =125 * t j =25 * t j =25 * pulse width:300 * s 1% duty cycle t j =25 * f=1.0mh z visg=50mv p-p the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of DB201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X