commercial grade ( general ( u p to 50v ) ) c0402 [ eia cc01005 ] l 0.40mm +/-0.02mm w 0.20mm +/-0.02mm t 0.20mm +/-0.02mm b 0.07mm min. g 0.14mm min. x5r ( -55 to 85 de g c +/-15% ) 1a ( 10vdc ) 6.8nf m ( +/-20% ) 10% max. 10gohm min. not a pp licable all s p ecifications are sub j ect to chan g e without notice. september 27, 2013 C0402X5R1A682M020BC tdk item descri p tion : c0402x5r1a682mt**** cap. vs. freq. characteristic 1 10 100 0.001 0.01 0.1 1 10 100 1000 frequency/mhz cap./nf |z|, esr vs. freq. characteristics 0.01 0.1 1 10 100 1000 10000 100000 1000000 0.001 0.01 0.1 1 10 100 1000 frequency/mhz |z|, esr/ohm |z| esr dc bias characteristic -60 -50 -40 -30 -20 -10 0 024681 01 2 dc bias/v cap. change/% temperature characteristic -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 -80 -60 -40 -20 0 20 40 60 80 100 temperature/degc cap. change/% temp.chara. tcbias(1/2rated) ripple temperature rise characteristic 0 1 2 3 4 5 6 7 8 9 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 current/arms temperature rise/degc 100khz 500khz 1mhz application & main feature series dimensions tem p erature c haracteristic rated volta g e c a p acitance c a p acitance tolerance dissi p ation facto r insulation resitance a e c - q 2 00 characterization sheet ( multilayer ceramic chip capacitors )
|