Part Number Hot Search : 
LBS15401 120EI MC1558SG 39162 MB89538H EN8935A SM7745 EFM201A
Product Description
Full Text Search
 

To Download BAV99-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d ty p e d i o d e s f e a tu r e s s m a l l p l a s t i c s m d p a c k a g e . h i g h s w i t c h i n g s p e d : m a x . 4 n s . r e p e t i t i v e p e a k f o r w a r d c u r r e n t : m a x . 4 5 0 m a . e l e c t r i c a l c h a r a c t e r i s ti c s t a = 2 5 i f v m 5 1 7 a m 1 = i f v m 5 5 8 a m 0 1 = i f v 1 a m 0 5 = i f v 5 2 . 1 a m 0 5 1 = v r 1 v 5 7 = v r =2 5 v ; t j = 1 5 0 3 0 a v r =7 5 v ; t j = 1 5 0 5 0 c e c n a t i c a p a c e d o i d d v r f p 5 . 1 z h m 1 = f , v 0 = t e m i t y r e v o c e r e s r e v e r r r w h e n s w i t c h e d f r o m i f = 1 0 m a t o i r = 1 0 m a ; r l = 1 0 0 ; m e a s u r e d a t i r = 1 m a 4 n s f o r w a r d r e c o v e r y v o l t a g e v f r i f v 5 7 . 1 s n 0 2 = r t , a m 0 1 = v f i r f o r w a r d v o l t a g e r e v e r s e c u r r e n t a b s o l u t e m a x i m u m r a t i n g s t a = 2 5 t i n u g n i t a r l o b m y s r e t e m a r a p v e g a t l o v e s r e v e r k a e p e v i t i t e p e r r r m 8 5 v v e g a t l o v e s r e v e r s u o u n i t n o c r 7 5 v c o n t i n u o u s f o r w a r d c u r r e n t ( s i n g l e d i o d e l o a d e d * ) --------------------------- - - - - - - ( d o u b l e d i o d e l o a d e d * ) i f 2 1 5 1 2 5 m a i t n e r r u c d r a w r o f k a e p e v i t i t e p e r f r m 4 5 0 m a non - r e p e t i t i v e p e a k f o r w a r d c u r r e n t t j = 2 5 t = 1 s 4 t = 1 m s 1 t = 1 s 0 . 5 p * n o i t a p i s s i d r e w o p d 2 5 0 m w t h e r m a l r e s i s t a n c e f r o m j u n c t i o n t o t i e - p o i n t r t h j - t p 3 6 0 k / w t h e r m a l r e s i s t a n c e f r o m j u n c t i o n t o a m b i e n t * r t h j - a 5 0 0 k / w t e r u t a r e p m e t n o i t c n u j j 1 5 0 t e g n a r e r u t a r e p m e t e g a r o t s s t g - 6 5 t o + 1 5 0 * d e v i c e m o u n t e d o n a n f r 4 p r i n t e d - c i r c u i t b o a r d . i f s m a switching diodes 1 2 3 paramet er sym bol test conditions ma x unit mark ing mar king a7* ba v9 9 (kav99) w w w . k e x i n . c o m . c n 1 0.4 +0.1 -0.1 2.9 +0.2 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.2 2.8 +0.2 -0.1 +0.2 -0.1 1 2 3 unit: mm sot-23-3 1 . 6 0.4 0.15 +0.02 -0.02 0.55 0-0.1 0.68 +0.1 -0.1 1.1 +0.2 -0.1
s m d ty p e dio d e s t y p i c a l ch a r a c t e r i s ti c s device mounted on an fr4 printed-circuit board. fig.2 maximum permissibl e continuous forward current as a function of ambient temperature. 0 0 2 0 300 0 100 200 100 i f (ma) t ( c) amb o single diode loaded double diode loaded (1) t j = 150 c; typical values. (2) t j = 25 c; typical values. (3) t j = 25 c; maximum values. fig.3 forward current as a function of forward voltage. handbook, halfpage 2 0 300 i f (ma) 0 100 200 1 v f (v) (1) (3) (2) fig.4 maximum permissible non-repetitive peak forward current as a function of pulse duration. based on square wave currents. t j = 25 c prior to surge. handbook, full pagewidth 10 t p (s) 1 i fsm (a) 10 2 10 ?1 10 4 10 2 10 3 10 1 w w w . k e x i n . c o m . c n 2 ba v9 9 (kav99)
s m d ty p e dio d e s fig.5 reverse current as a function of junction temperature. 10 5 10 4 10 200 0 100 t ( c) j o i r (na) 10 3 10 2 75 v 25 v typ max v = 75 v r typ fig.6 diode capacitance as a function of reverse voltage; typical values. f = 1 mhz; t j = 25 c. handbook, halfpage 6 1 8 0 12 4 0.8 0.6 0 0.4 0.2 v r (v) c d (pf) w w w . k e x i n . c o m . c n 3 ba v9 9 (kav99)


▲Up To Search▲   

 
Price & Availability of BAV99-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X