Part Number Hot Search : 
25D431K 34071 4CV68BE 1N5364A UM3865P LT3083T N4754 RGE600
Product Description
Full Text Search
 

To Download AUIRF9Z34N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220ab AUIRF9Z34N 
features  advanced planar technology  p-channel mosfet  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified* s d g absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. v (br)dss -55v r ds(on) max. 0.10 i d -19a parameter units i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t c = 25c power dissipation w linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy (thermally limited)  mj i ar avalanche current a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds (1.6mm from case ) mounting torque, 6-32 or m3 screw thermal resistance parameter typ. max. units r jc junction-to-case  ??? 2.2 r cs case-to-sink, flat, greased surface 0.50 ??? c/w r ja junction-to-ambient ??? 62 -5.0 6.8 180 -10 68 0.45 20 max. -19 -14 -68 -55 to + 175 300 10 lbf  in (1.1n  m) 2014-8-11 1 www.kersemi.com

s d g s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage -55 ??? ??? v v (br)dss / t j breakdown voltage temp. coefficient ??? 0.05 ??? v/c r ds(on) static drain-to-source on-resistance ??? ??? 0.10 v gs(th) gate threshold voltage -2.0 ??? -4.0 v gfs forward transconductance 4.2 ??? ??? s i dss drain-to-source leakage current ??? ??? -25 a ??? ??? -250 i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units q g total gate charge ??? ??? 35 q gs gate-to-source charge ??? ??? 79 nc q gd gate-to-drain ("miller") charge ??? ??? 16 t d(on) turn-on delay time ??? 13 ??? t r rise time ??? 55 ??? t d(off) turn-off delay time ??? 30 ??? ns t f fall time ??? 41 ??? l d internal drain inductance ??? 4.5 ??? between lead, nh 6mm (0.25in.) l s internal source inductance ??? 7.5 ??? from package and center of die contact c iss input capacitance ??? 620 ??? c oss output capacitance ??? 280 ??? pf c rss reverse transfer capacitance ??? 140 ??? diode characteristics parameter min. typ. max. units i s continuous source current ??? ??? -19 (body diode) a i sm pulsed source current ??? ??? -68 (body diode)  v sd diode forward voltage ??? ??? -1.6 v t rr reverse recovery time ??? 54 82 ns q rr reverse recovery charge ??? 110 160 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) v ds = -25v ? = 1.0mhz, see fig. 5 t j = 25c, i f = -10a di/dt = 100a/ s  conditions v gs = 0v, i d = -250 a reference to 25c, i d = -1ma v gs = -10v, i d = -10a  v ds = v gs , i d = -250 a v ds = -55v, v gs = 0v v ds = -44v, v gs = 0v, t j = 150c mosfet symbol v dd = -28v i d = -10a r g = 13 t j = 25c, i s = -10a, v gs = 0v  showing the integral reverse p-n junction diode. conditions r d = 2.6 , see fig. 10  v gs = 0v conditions v ds = -25v, i d = -10a i d = -10a v ds = -44v v gs = 20v v gs = -20v v gs = -10v, see fig. 6 & 13  2014-8-11 2 www.kersemi.com
qualification information ? to-220 n/a qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level. charged device model class c5 (+/- 2000v) ??? aec-q101-005 moisture sensitivity level rohs compliant yes esd machine model class m3 (+/- 250v) ??? aec-q101-002 human body model class h1b (+/- 800v) ??? aec-q101-001 
2014-8-11 3 www.kersemi.com
 .$/0 1#2$!   23!0 ! '    23!0 ! '  
 23!2'  1 10 100 0.1 1 10 100 d ds 20 s pulse width t = 25c c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) vgs top - 15v - 10v - 8.0v - 7.0v - 6.0v - 5.5v - 5.0v bottom - 4.5v -4.5v 1 10 100 0.1 1 10 100 d ds a -i , drain-to-source current (a) -v , drain-to-source voltage (v) vgs top - 15v - 10v - 8.0v - 7.0v - 6.0v - 5.5v - 5.0v bottom - 4.5v -4.5v 20 s pulse width t = 175c c 1 10 100 45678910 t = 25c j gs d a -i , drain-to-source current (a) -v , gate-to-source voltage (v) v = -25v 20 s pulse width ds t = 175c j 0.0 0.5 1.0 1.5 2.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) a v = -10v gs i = -17a d 
2014-8-11 4 www.kersemi.com
  4&$ $50!,
   23!6' ,1# 65 1,   23!'!1# 5 1,  23!5  71, 0 4 8 12 16 20 0 10203040 g gs a -v , gate-to-source voltage (v) q , total gate charge (nc) for test circuit see figure 13 i = -10a v = -44v v = -28v d ds ds 0.1 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t = 25c j v = 0v gs sd sd a -i , reverse drain current (a) -v , source-to-drain voltage (v) t = 175c j 1 10 100 1000 1 10 100 operation in this area limited by r ds(on) 10ms a -i , drain current (a) -v , drain-to-source voltage (v) ds d 10 s 100 s 1ms t = 25c t = 175c single pulse c j 0 200 400 600 800 1000 1200 1 10 100 c, capacitance (pf) a ds -v , drain-to-source voltage (v) v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 
2014-8-11 5 www.kersemi.com
  5 ,2$2'    5 ,2$8-$   4&$ $%-22 $$!9: '  4&$ $' 1# '2$!  4  /4  1    0.1 %   4  4    89% + - v ds 90% 10% v gs t d(on) t r t d(off) t f 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 5 10 15 20 t , case temperature ( c) i , drain current (a) c d 
2014-8-11 6 www.kersemi.com

 6' ,2'  
 ;6' ,8-$   4&$ $
- %,3 1#'  q g q gs q gd v g charge ()1 d.u.t. v ds i d i g -3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   <$! -8-$   <$! -2'  t p v ( br ) dss i as r g i as 0.01 t p d.u.t l v ds v dd driver a 15v -20v 0 100 200 300 400 500 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) i top -4.2a -7.2a bottom -10a d 
2014-8-11 7 www.kersemi.com

  

  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -      4  ?         ? .      8 1 :8: ? 89%/8  9 %  
= )  +  )     ? + " .   ? ; 6  ? + + < .   )  %#    =   6   #89%# 6/)  4   >? === 4  &'4# +  + ,48 8      7' +%@7%25 
2014-8-11 8 www.kersemi.com

   

 

 
  
          . $ a, a'  !"# ' bcb 88c8d8d
c
$-9a7 
2014-8-11 9 www.kersemi.com
ordering information base part number package type standard pack complete part number form quantity AUIRF9Z34N to-220 tube 50 AUIRF9Z34N 
2014-8-11 10 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of AUIRF9Z34N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X