Part Number Hot Search : 
1N4998 IRKD5608 RY1212S C2052 PD121XL6 1025P LTC1595 EL6915CL
Product Description
Full Text Search
 

To Download 74LVC1G00FS3-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74lvc1g00 document number: ds32196 rev. 7 - 2 1 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 single 2 input positive nand gate description the 74lvc1g00 is a single 2-i nput positive nand gate with a standard push-pull output. the device is designed for operation with a power supply range of 1.65v to 5.5v. the inputs are tolerant to 5.5v allowing this device to be used in a mixed voltage environment. the device is fully specified for pa rtial power down applications using i off . the i off circuitry disables t he output preventing damaging current backflow when the device is powered down. the gate performs the positive boolean function: b a y ? = or b a y + = features ? wide supply voltage range from 1.65 to 5.5v ? 24ma output drive at 3.3v ? cmos low power consumption ? i off supports partial-power-down mode operation ? inputs accept up to 5.5v ? esd protection tested per jesd 22 o exceeds 200-v machine model (a115) o exceeds 2000-v human body model (a114) o exceeds 1000-v charged device model (c101) ? latch-up exceeds 100ma per jesd 78, class i ? range of package options ? direct interface with ttl levels ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? voltage level shifting ? general purpose logic ? power down signal isolation ? wide array of products such as. o pcs, networking, notebooks, netbooks, pdas o tablet computers, e-readers o computer peripherals, hard drives, cd/dvd rom o tv, dvd, dvr, set top box o cell phones, personal navigation / gps o mp3 players ,cameras, video recorders notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and < 1000 ppm antimony compounds. future product
74lvc1g00 document number: ds32196 rev. 7 - 2 2 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 ordering information 74 lvc1g 00 xxx -7 logic device function package packing 74 : logic prefix 00 : 2-input w5 : sot25 -7 : 7? tape & reel lvc : 1.65 to 5.5 v nand gate se : sot353 logic family z : sot553 1g : one gate fs3 : x2-dfn0808-4 fw5 : x1-dfn1010-6 fw4 :x2-dfn1010-6 fx4 : x2- dfn1409-6 fz4 : x2- dfn1410-6 notes: 4. pad layout as shown on di odes inc. suggested pad layout document ap 02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 5. the taping orientation is located on our website at http://www.di odes.com/datashee ts/ap02007.pdf pin descriptions pin name description a data input b data input gnd ground y data output v cc supply voltage nc no connection logic diagram function table inputs output a b y h h l l x h x l h device package code package (notes 4, 5) package size 7? tape and reel quantity part number suffix 74lvc1g00w5-7 w5 sot25 3.0mm x 2.8mm x 1.2mm 0.95 mm lead pitch 3000/tape & reel -7 74lvc1g00se-7 se sot353 2.0mm x 2.0mm x 1.1mm 0.65 mm lead pitch 3000/tape & reel -7 74lvc1g00z-7 z sot553 1.6mm x 1.6 mm x 0.62mm 0.5 mm lead pitch 4000/tape & reel -7 74LVC1G00FS3-7 fs3 x2-dfn0808-4 0.9mm x 0.9 mm x 0.35mm 0.5 mm pad pitch (diamond) 5000/tape & reel -7 74lvc1g00fw5-7 (future product) fw5 x1-dfn1010-6 (future product) 1.0mm x 1.0mm x 0.5mm 0.35 mm pad pitch 5000/tape & reel -7 74lvc1g00fw4-7 fw4 x2-dfn1010-6 1.0mm x 1.0mm x 0.4mm 0.35 mm pad pitch 5000/tape & reel -7 74lvc1g00fx4-7 fx4 x2-dfn1409-6 chip scale alternative 1.4mm x 0.9mm x 0.4mm 0.5 mm pad pitch 5000/tape & reel -7 74lvc1g00fz4-7 fz4 x2-dfn1410-6 1.4mm x 1.0mm x 0.4mm 0.5 mm pad pitch 5000/tape & reel -7 1 a 2 4 y b
74lvc1g00 document number: ds32196 rev. 7 - 2 3 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 absolute maximum ratings (note 6, 7) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to 6.5 v v i input voltage range -0.5 to 6.5 v v o voltage applied to output in high impedance or i off state -0.5 to 6.5 v v o voltage applied to output in high or low state -0.5 to v cc +0.5 v i ik input clamp current v i <0 -50 ma i ok output clamp current -50 ma i o continuous output current 50 ma i cc , i gnd continuous current through v cc or gnd 100 ma t j operating junction temperature -40 to 150 c t stg storage temperature -65 to 150 c notes: 6. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliab ility. these are stress values and device operation should be within recommend values. 7. forcing the maximum allowed voltage could cause a condition ex ceeding the maximum current or conversely forcing the maximum current could cause a condition exceeding the maximum voltage. the rati ngs of both current and voltage must be maintained within the c ontrolled range..
74lvc1g00 document number: ds32196 rev. 7 - 2 4 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 recommended operating conditions (note 8) symbol parameter min max unit v cc operating voltage operating 1.65 5.5 v data retention only 1.5 ? v v ih high-level input voltage v cc = 1.65v to 1.95v 0.65 x v cc ? v v cc = 2.3v to 2.7v 1.7 ? v cc = 3v to 3.6v 2 ? v cc = 4.5v to 5.5v 0.7 x v cc ? v il low-level input voltage v cc = 1.65v to 1.95v ? 0.35 x v cc v v cc = 2.3v to 2.7v ? 0.7 v cc = 3v to 3.6v ? 0.8 v cc = 4.5v to 5.5v ? 0.3 x v cc v i input voltage 0 5.5 v v o output voltage 0 v cc v i oh high-level output current v cc = 1.65v ? -4 ma v cc = 2.3v ? -8 v cc = 2.7v ? -12 v cc = 3v ? -16 ? -24 v cc = 4.5v ? -32 i ol low-level output current v cc = 1.65v ? 4 ma v cc = 2.3v ? 8 v cc = 2.7v ? 12 v cc = 3v ? 16 ? 24 v cc = 4.5v ? 32 ? t/ ? v input transition rise or fall rate v cc = 1.8v 0.15v, 2.5v 0.2v ? 20 ns/v v cc = 3.3v 0.3v ? 10 v cc = 5v 0.5v ? 5 t a operating free-air temperature ? -40 125 c notes: 8. unused inputs should be held at v cc or ground.
74lvc1g00 document number: ds32196 rev. 7 - 2 5 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 electrical characteristics (all typical values are at v cc = 3.3v, t a = 25c) symbol parameter test conditions v cc -40c to 85c -40c to 125c unit min typ. max min max v oh high level output voltage i oh = -100 a 1.65v to 5.5v v cc ? 0.1 ? ? v cc ? 0.1 ? v i oh = -4ma 1.65v 1.2 ? ? 0.95 ? i oh = -8ma 2.3v 1.9 ? ? 1.7 ? i oh = -12ma 2.7v 2.2 ? ? 1.9 ? i oh = -16ma 3v 2.4 ? ? 2.2 ? i oh = -24ma 2.3 ? ? 2.0 ? i oh = -32ma 4.5v 3.8 ? ? 3.4 ? v ol low level output voltage i ol = 100 a 1.65v to 5.5v ? ? 0.1 ? 0.1 v i ol = 4ma 1.65v ? ? 0.45 ? 0.7 i ol = 8ma 2.3v ? ? 0.3 ? 0.45 i ol = 12ma 2.7v ? ? 0.4 ? 0.6 i ol = 16ma 3v ? ? 0.4 ? 0.6 i ol = 24ma ? ? 0.55 ? 0.8 i ol = 32ma 4.5v ? ? 0.55 ? .8 i i input current v i = 5.5v or gnd 0 to 5.5v ? 0.1 5 ? 100 a i off power down leakage current v i or v o = 5.5v 0v ? ? 10 ? 200 a i cc supply current v i = 5.5v or gnd i o =0 5.5v ? 0.1 10 ? 200 a ? i cc additional supply current one input at v cc ?0.6v other inputs at v cc or gnd 3v to 5.5v ? ? 500 ? 5000 a c i input capacitance v i = v cc ? or gnd 3.3v ? 5 ? ? ? pf
74lvc1g00 document number: ds32196 rev. 7 - 2 6 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 package characteristics symbol parameter test conditions v cc min typ. max unit ja thermal resistance junction-to-ambient sot25 (note 9) ? 204 ? c/w sot353 ? 371 ? sot553 ? 231 ? x2-dfn0808-4 ? 400 ? x1-dfn1010-6 ? 435 ? x2-dfn1010-6 ? 445 ? x2-dfn1409-6 ? 470 ? x2-dfn1410-6 ? 460 ? jc thermal resistance junction-to-case sot25 (note 9) ? 52 ? c/w sot353 ? 143 ? sot553 ? 105 ? x2-dfn0808-4 ? 225 ? x1-dfn1010-6 ? 250 ? x2-dfn1010-6 ? 250 ? x2-dfn1409-6 ? 275 ? x2-dfn1410-6 ? 265 ? note: 9. test condition for each of the 8 package types: devi ce mounted on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layout. switching characteristics figure 1 typical values at t a = 25c and nominal voltages 1.8v, 2.5v, 2.7v, 3.3v, and 5.0v. parameter from input to output v cc t a = -40c to 85c t a = -40c to 125c unit min typ max min max t pd a or b y 1.8v 0.15v 1.0 3.3 8.0 1.0 10.5 ns 2.5v 0.2v 0.5 2.2 5.5 0.5 7.0 2.7v 0.5 2.6 5.8 0.5 7.5 3.3v 0.3v 0.5 2.2 4.7 0.5 6.0 5.0v 0.5v 0.5 1.8 4.0 0.5 5.5 operating characteristics t a = 25c parameter test conditions v cc = 1.8v v cc = 2.5v v cc = 3.3v v cc = 5v unit typ. typ. typ. typ. c pd power dissipation capacitance f = 10 mhz 22 22 23 25 pf
74lvc1g00 document number: ds32196 rev. 7 - 2 7 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 parameter measurement information v cc inputs v m c l r l v i t r /t f 1.8v 0.15v v cc 2ns v cc /2 30pf 1k ? 2.5v 0.2v v cc 2ns v cc /2 30pf 500 ? 2.7v v cc 2.5ns 1.5v 50pf 500 ? 3.3v 0.3v 3.0v 2.5ns 1.5v 50pf 500 ? 5.0v 0.5v v cc 2.5ns v cc /2 50pf 500 ? voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs figure 1. load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz. c. inputs are measured separately one transition per measurement. d. t plh and t phl are the same as t pd .
74lvc1g00 document number: ds32196 rev. 7 - 2 8 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 marking information (1) sot25, sot353 and sot553 part number package identification code 74lvc1g00w5-7 sot25 us 74lvc1g00se-7 sot353 us 74lvc1g00z-7 sot553 us (2) dfn packages part number package identification code 74LVC1G00FS3-7 x2-dfn0808-4 ws 74lvc1g00fw5-7 x1-dfn1010-6 v2 74lvc1g00fw4-7 x2-dfn1010-6 us 74lvc1g00fx4-7 x2-dfn1409-6 ma 74lvc1g00fz4-7 x2-dfn1410-6 us xx y w x : identification code : year 0~9 : week : a~z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week : a~z : internal code xx ywx (top view)
74lvc1g00 document number: ds32196 rev. 7 - 2 9 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 package outline dimensions (all dimensions in mm) (1) package type: sot25 (2) package type: sot353 (3) package type: sot553 sot25 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 n 0.70 0.80 0.75 0 8 ? all dimensions in mm sot353 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 typ f 0.40 0.45 h 1.80 2.20 j 0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.22 0 8 all dimensions in mm sot553 dim min max typ a 0.55 0.62 0.60 b 0.15 0.30 0.20 c 0.10 0.18 0.15 d 1.50 1.70 1.60 e 1.55 1.70 1.60 e1 1.10 1.25 1.20 e 0.50 bsc e1 1.00 bsc f 0.00 0.10 ?? l 0.10 0.30 0.20 a 6 8 7 all dimensions in mm a m j l d b c h k n a m j l d b c h k f e1/2 e1 d typ. r0.1 max. a a e/2 e b (5x) e e1 l (5x) c f 7 typ.
74lvc1g00 document number: ds32196 rev. 7 - 2 10 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 package outline dimensions (cont.) (4) package type x2-dfn0808-4 (5) package type: x1-dfn1010-6 p i n # 1 i d l 1 e a a 1 s e a t i n g p l a n e d e b e 1 l 5 x x2-dfn0808-4 dim min max typ a 0.25 0.35 0.30 a1 0 0.04 0.02 a3 - - 0.13 b 0.17 0.27 0.22 d 0.75 0.85 0.80 d2 0.15 0.35 0.25 e 0.75 0.85 0.80 e2 0.15 0.35 0.25 e - - 0.48 k 0.20 - - l 0.17 0.27 0.22 l1 0.02 0.12 0.07 z - - 0.05 all dimensions in mm x1-dfn1010-6 dim min max typ a - a1 - 0.04 - b 0.12 0.20 0.15 d 0.95 1.050 1.00 e 0.95 1.050 1.00 e 0.55 bsc e1 0.35 bsc l 0.27 0.35 0.30 l1 0.32 0.40 0.35 all dimensions in mm a a 3 a 1 s e a t i n g p l a n e e d e d 2 e 2 z 4 x b 4 x l 1 4 x l 4 x p i n # 1 i d k r 0 . 0 5 t y p
74lvc1g00 document number: ds32196 rev. 7 - 2 11 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 package outline dimensions (cont.) (6) package type x2-dfn1010-6 (7) package type: x2-dfn1409-6 6 chip scale alternative (8) package type: x2-dfn1410-6 x2-dfn1010-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 d 0.95 1.05 1.00 e 0.95 1.05 1.00 e ?? ?? 0.35 l 0.35 0.45 0.40 k 0.15 ?? ?? z ?? ?? 0.065 all dimensions in mm x2-dfn1409-6 dim min max typ a - 0.40 0.39 a1 0 0.05 0.02 a3 - - 0.13 ? 0.20 0.30 0.25 d 1.35 1.45 1.40 e 0.85 0.95 0.90 e1 - - 0.50 e2 - - 0.50 z1 - - 0.075 z2 - - 0.075 all dimensions in mm x2-dfn1410-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.15 0.25 0.20 d 1.35 1.45 1.40 e 0.95 1.05 1.00 e ?? ?? 0.50 l 0.25 0.35 0.30 z ?? ?? 0.10 z1 0.045 0.105 0.075 all dimensions in mm a a1 a3 d e z(4x) b(6x) e l(6x) k (pin #1 id) b1 d e e l(6x) a a3 (pin #1 id) seating plane z(4x) a1 b(6x) z1(4x) d e e 1 a a 3 p i n # 1 i d s e a t i n g p l a n e z 1 4 x a 1 ? 6 x e 2 z 2 4 x
74lvc1g00 document number: ds32196 rev. 7 - 2 12 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 suggested pad layout (1) package type: sot25 (2) package type: sot353 (3) package type: sot553 dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 dimensions value (in mm) z 2.2 g 1.2 x 0.375 y 0.5 c1 1.7 c2 0.5 x z y c1 c2 c2 g x z y c1 c2 c2 g x z y c1 c2 c2 g
74lvc1g00 document number: ds32196 rev. 7 - 2 13 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 suggested pad layout (cont.) (4) package type x2-dfn0808-4 (5)(package type x1-dfn1010-6 dimensions value (in mm) c 0.480 x 0.320 x1 0.300 x2 0.800 y 0.320 y1 0.300 y2 0.900 dimensions value (in mm) c 0.350 g 0.150 g1 0.150 x 0.200 x1 0.900 y 0.500 y1 0.525 y2 0.475 y3 1.150 y 1 x 1 x 2 y 2 y 4 x x 4 x c c y 2 y 1 y 5 x x g 1 g p i n 1 x 1 y 3
74lvc1g00 document number: ds32196 rev. 7 - 2 14 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 suggested pad layout (cont.) (6)(package type x2-dfn1010-6 (7) package type: x2-dfn1409-6 (8) package type: x2-dfn1410-6 dimensions value (in mm) c 0.350 g 0.150 x 0.200 x1 0.900 y 0.550 y1 1.250 dimensions value c 1.000 c1 0.500 d 0.300 g 0.200 g1 0.200 x 0.400 y 0.150 dimensions value (in mm) c 0.500 g 0.250 x 0.250 x1 1.250 y 0.525 y1 1.250 1 y1 x1 x(6x) y (6x) g(4x) c 1 x1 y1 y(6x) x(6x) g(4x) c pin 1 c c1 y x g d(6x) g1
74lvc1g00 document number: ds32196 rev. 7 - 2 15 of 15 www.diodes.com march 2014 ? diodes incorporated new product 74lvc1g00 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to ma ke modifications, enhancements, im provements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability what soever in respect of any pr oducts purchased through unauthoriz ed sales channel. should customers purchase or use diodes in corporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representat ives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical comp onents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when prop erly used in accordance with in structions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning the ir products and any use of diodes incorporated products in such safety-critica l, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74LVC1G00FS3-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X