![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. general description the 74ahc1g09 is a high-speed si-gate cmos device. the 74ahc1g09 provides the 2-input and function with open-drain output. the output of the 74ahc1g09 is an open drain and can be connected to other open-drain outputs to implement active-low, wired-or or active-high wired-and functions. for digital operation this device must have a pull-up resistor to establish a logic high level. 2. features n high noise immunity n low power dissipation n sot353-1 and sot753 package options n esd protection: u hbm jesd22-a114e: exceeds 2000 v u mm jesd22-a115-a: exceeds 200 v u cdm jesd22-c101c: exceeds 1000 v n speci?ed from - 40 cto+85 c and from - 40 c to +125 c. 3. ordering information 4. marking 74ahc1g09 2-input and gate with open-drain output rev. 02 18 december 2007 product data sheet table 1. ordering information type number package temperature range name description version 74ahc1g09gw - 40 c to +125 c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74AHC1G09GV - 40 c to +125 c sc-74a plastic surface-mounted package; 5 leads sot753 table 2. marking type number marking code 74ahc1g09gw a9 74AHC1G09GV a09
74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 2 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 5. functional diagram 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level; z = high-impedance off-state. fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram 001aad598 1 b y a 2 4 001aad599 1 4 & 2 001aad600 y gnd b a fig 4. pin con?guration sot353-1 (tssop5) and sot753 (sc-74a) 09 bv cc a gnd y 001aad601 1 2 3 5 4 table 3. pin description symbol pin description b 1 data input b a 2 data input a gnd 3 ground (0 v) y 4 data output y v cc 5 supply voltage table 4. function table [1] input output a b y lll lhl hl l hhz 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 3 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for tssop5 and sc-74a packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. 9. recommended operating conditions 10. static characteristics table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage [1] - 0.5 +7.0 v v o output voltage active mode [1] - 0.5 +7.0 v high-impedance mode [1] - 0.5 +7.0 v i ik input clamping current v i < - 0.5 v [1] - - 20 ma i ok output clamping current v o < - 0.5 v [1] - 20 ma i o output current v o > - 0.5 v - 25 ma i cc supply current - 75 ma i gnd gnd current - 75 ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 250 mw table 6. recommended operating operations symbol parameter conditions min typ max unit v cc supply voltage 2.0 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage active mode 0 - v cc v high-impedance mode 0 - 6.0 v t amb ambient temperature - 40 +25 +125 c d t/ d v input transition rise and fall rate v cc = 3.0 v to 3.6 v - - 100 ns/v v cc = 4.5 v to 5.5 v - - 20 ns/v table 7. static characteristics voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max v ih high-level input voltage v cc = 2.0 v 1.5 - - 1.5 - 1.5 - v v cc = 3.0 v 2.1 - - 2.1 - 2.1 - v v cc = 5.5 v 3.85 - - 3.85 - 3.85 - v v il low-level input voltage v cc = 2.0 v - - 0.5 - 0.5 - 0.5 v v cc = 3.0 v - - 0.9 - 0.9 - 0.9 v v cc = 5.5 v - - 1.65 - 1.65 - 1.65 v 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 4 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 11. dynamic characteristics [1] t pd is the same as t pzl and t plz . [2] typical values are measured at v cc = 3.3 v. [3] typical values are measured at v cc = 5.0 v. [4] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n + (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; (c l v cc 2 f o ) = dissipation due to the output if the combination of the pull up voltage and resistance results in v cc at the output. v ol low-level output voltage v i = v ih or v il i o = 50 m a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 3.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.36 - 0.44 - 0.55 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v -- 0.1 - 1.0 - 2.0 m a i oz off-state output current v i = v ih or v il ; v o = v cc or gnd; v cc = 5.5 v -- 0.25 2.5 10.0 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 1.0 - 10 - 20 m a c i input capacitance - 1.5 10 - 10 - 10 pf table 7. static characteristics continued voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max table 8. dynamic characteristics gnd = 0 v; for test circuit see figure 6 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max t pd propagation delay a and b to y; see figure 5 [1] v cc = 3.0 v to 3.6 v [2] c l = 15 pf - 4.6 7.5 1.0 8.5 1.0 9.0 ns c l = 50 pf - 6.5 11.0 1.5 12.0 1.5 12.5 ns v cc = 4.5 v to 5.5 v [3] c l = 15 pf - 3.2 5.5 1.0 6.5 1.0 7.0 ns c l = 50 pf - 4.6 7.5 1.5 8.0 1.5 8.5 ns c pd power dissipation capacitance c l = 50 pf; f i = 1 mhz; v i = gnd to v cc [4] -5- - - - - pf 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 5 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 12. waveforms measurement points are given in t ab le 9 . v ol is the typical voltage output level that occur with the output load. fig 5. the data input (a, b) to output (y) propagation delays 001aad602 t pzl t plz gnd v i v cc v ol v m v m v x y output a, b input table 9. measurement points input output v m v m v x 0.5v cc 0.5v cc v ol + 0.3 v test data is given in t ab le 10 . de?nitions for test circuit: c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. fig 6. load circuit for switching times open gnd v cc v cc v i v o mna232 d.u.t. c l r t r l = 1000 w pulse generator s 1 table 10. test data input load s 1 v i t r , t f r l c l t phz , t pzh t plz , t pzl t plh , t phl gnd to v cc 3.0 ns 1000 w 15 pf gnd v cc open gnd to v cc 3.0 ns 1000 w 50 pf gnd v cc open 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 6 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 13. package outline fig 7. package outline sot353-1 (tssop5) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) q references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 13 5 4 q a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale tssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 1.1 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 7 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output fig 8. package outline sot753 (sc-74a) references outline version european projection issue date iec jedec jeita sot753 sc-74a wb m b p d e a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 plastic surface-mounted package; 5 leads sot753 unit a 1 b p cd e h e l p qy w v mm 0.100 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 02-04-16 06-03-16 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 8 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 14. abbreviations 15. revision history table 11. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model table 12. revision history document id release date data sheet status change notice supersedes 74ahc1g09_2 20071218 product data sheet - 74ahc1g09_1 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? package sot753 added to section 3 , section 4 and section 13 . ? quick reference data section removed. 74ahc1g09_1 20050926 product data sheet - - 74ahc1g09_2 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 02 18 december 2007 9 of 10 nxp semiconductors 74ahc1g09 2-input and gate with open-drain output 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation. nxp semiconductors 74ahc1g09 2-input and gate with open-drain output ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 18 december 2007 document identifier: 74ahc1g09_2 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 7 functional description . . . . . . . . . . . . . . . . . . . 2 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 9 recommended operating conditions. . . . . . . . 3 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 3 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 4 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8 16 legal information. . . . . . . . . . . . . . . . . . . . . . . . 9 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 17 contact information. . . . . . . . . . . . . . . . . . . . . . 9 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 |
Price & Availability of 74AHC1G09GV
![]() |