Part Number Hot Search : 
SF802 ER108G 0ZA1T BC856 2SC35 KS624540 30FH432 C114T
Product Description
Full Text Search
 

To Download 50SMLJ24A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? for surface mounted applications in order to optimize board space ? halogen-free ? typical maximum temperature coefficent t vbr=0.1%xvbr@25 ( x t t ? low profile package ? built-in strain relief ? glass passivated junction ? low inductance ? excellent clamping capability ? repetition rate (duty cycle):0.01% ? fast response time: typically less than 1.0 ps from 0 volts to bv for unidirectional types ? typical ir less than 2a above 12v ? high temperature soldering: 260c/40 seconds at terminals ? plastic package has underwriters laboratory flammability cl assification 94 v-o ? matte tin lead-free plated mechanical data case: jedec do214ab. molded plastic over glass passivated junction terminals: solder plated, solderable per mil-std-750, method 2026 polarity: color band denoted positive end (cathode) except bidirectional standard packaging: 16mm tape (eia std rs-481) weight: 0.007 ounces, 0.021 grams) ratings at 25c ambient temperature unless otherwise specified. rating symbol v alue units peak pulse power dissipation on 10/1000 s waveform (note 1, 2, fig.1) i ppm see table 1 amps superimposed on rated load, (jedec method)(note2, 3) operating junction and storage temperature range t j , t stg -55 +150 c notes: 1. non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig.2. 2. mounted on 8.0x8.0mm copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minute maximum. certified rohs compliant ul file # e223026 mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel : 760-564-8656 ? fax : 760-564-2414 1-800-831-4881 email: sales@mdesemiconductor.com web: www.md esemiconductor.com 5.0 smlj series maximum ratings and characteristics p ppm minimum 5000 watts surface mount transient voltage suppressor voltage-12 to 170 volts 5000 watt peak pulse powe r peak pulse current of on 10/1000 s waveform (note 1,fig 3) i fsm 300 amps peak forward surge current, 8.3ms single half sine-wave 3/10/2016
5000 watt surface mount tvs uni bi 5.0smlj12a 5.0smlj12ca 5pep 5bep 12.00 13.30 14.70 1 19.9 252.0 2 5.0smlj13a 5.0smlj13ca 5peq 5beq 13.00 14.40 15.90 1 21.5 233.0 2 5.0smlj14a 5.0smlj14ca 5per 5ber 14.00 15.60 17.20 1 23.2 216.0 2 5.0smlj15a 5.0smlj15ca 5pes 5bes 15.00 16.70 18.50 1 24.4 205.0 2 5.0smlj16a 5.0smlj16ca 5pet 5bet 16.00 17.80 19.70 1 26.0 193.0 2 5.0smlj17a 5.0smlj17ca 5peu 5beu 17.00 18.90 20.90 1 27.6 181.0 2 5.0smlj18a 5.0smlj18ca 5pfv 5bfv 18.00 20.00 22.10 1 29.2 172.0 2 5.0smlj20a 5.0smlj20ca 5pew 5bew 20.00 22.20 24.50 1 32.4 155.0 2 5.0smlj22a 5.0smlj22ca 5pex 5bex 22.00 24.40 26.90 1 35.5 141.0 2 5.0smlj24a 5.0smlj24ca 5pez 5bez 24.00 26.70 29.50 1 38.9 129.0 2 5.0smlj26a 5.0smlj26ca 5pfe 5bfe 26.00 28.90 31.90 1 42.1 119.0 2 5.0smlj28a 5.0smlj28ca 5pfg 5bfg 28.00 31.10 34.40 1 45.4 110.0 2 5.0smlj30a 5.0smlj30ca 5pfk 5bfk 30.00 33.30 36.80 1 48.4 103.0 2 5.0smlj33a 5.0smlj33ca 5pfm 5bfm 33.00 36.70 40.60 1 53.3 93.9 2 5.0smlj36a 5.0smlj36ca 5pfp 5bfp 36.00 40.00 44.20 1 58.1 86.1 2 5.0smlj40a 5.0smlj40ca 5pfr 5bfr 40.00 44.40 49.10 1 64.5 77.6 2 5.0smlj43a 5.0smlj43ca 5pft 5bft 43.00 47.80 52.80 1 69.4 72.1 2 5.0smlj45a 5.0smlj45ca 5pfv 5bfv 45.00 50.00 55.30 1 72.7 68.8 2 5.0smlj48a 5pfx 48.00 53.30 58.90 1 77.4 64.7 2 5.0smlj51a 5pfz 51.00 56.70 62.70 1 82.4 60.7 2 5.0smlj54a 5pge 54.00 60.00 66.30 1 87.1 57.5 2 5.0smlj58a 5pgg 58.00 64.40 71.20 1 93.6 53.5 2 5.0smlj60a 5pgk 60.00 66.70 73.70 1 96.8 51.7 2 5.0smlj64a 5pgm 64.00 71.10 78.60 1 103.0 48.6 2 5.0smlj70a 5pgp 70.00 77.80 86.00 1 113.0 44.3 2 5.0smlj75a 5pgr 75.00 83.30 92.10 1 121.0 41.4 2 5.0smlj78a 5pgt 78.00 86.70 95.80 1 126.0 39.7 2 5.0smlj85a 5pgv 85.00 94.40 104.00 1 137.0 36.5 2 5.0smlj90a 5pgx 90.00 100.00 111.00 1 146.0 34.3 2 5.0smlj100a 5pgz 100.00 111.00 123.00 1 162.0 30.9 2 5.0smlj110a 5phe 110.00 122.00 135.00 1 177.0 28.3 2 5.0smlj120a 5phg 120.00 133.00 147.00 1 193.0 26.0 2 5.0smlj130a 5phk 130.00 144.00 159.00 1 209.0 24.0 2 5.0smlj150a 5phm 150.00 167.00 185.00 1 243.0 20.6 2 5.0smlj160a 5php 160.00 178.00 197.00 1 259.0 19.3 2 5.0smlj170a 5phr 170.00 189.00 209.00 1 275.0 18.2 2 for bidirectional type having vrwm of 20 volts and less, the ir limit is double. for parts without a , the vbr is 10 % certified rohs compliant ul file # e223026 mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel : 760-564-8656 ? fax : 760-564-2414 1-800-831-4881 email: sales@mdesemiconductor.com web: www.mdesemiconductor.com uni-polar bi-polar device marking code reverse standoff voltage v rwm (v) peak pulse current i pp (a) reverse leakage @ v rwm i r (a) breakdown voltage v br (v) min. @ i t breakdown voltage v br (v) max. @ i t test current (i t ) ma maximum clamping voltage @i pp v c (v) 3/10/2016
certified rohs compliant ul file # e223026 mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel : 760-564-8656 ? fax : 760-564-241 4 1-800-831-4881 email: sales@mdesemiconductor.com web: www.mdesemiconductor.com rating and characteristic curves 5.0smlj series fig. 4 - typical junction capacitance v br - reverse breakdown voltage (v) c j , junction capacitance pf 1 10 100 1000 10000 100000 1 10 100 1000 uni-directional @vr t j = 25 c f = 1.0mh z vsig = 50mvp-p bi-directional v-0v uni-directional v-0v bi-directional @vr t - time(ms) 3.0 4.0 150 0 1.0 2.0 t r = 10 sec . peak value i ppm t j = 25 c pulse width(td)is defined as the point where the peak current decays to 50% of i ppm 10/1000 sec.waveform as defined by r.e.a. t d fig.3 - pulse waveform 4.0 50 half value- i ppm 2 100 i ppm - peak pulse current,% i rsm 3.0 0 fig. 1 - peak pulse power rating curve 10ms 0.1 s 1.0 s 10s 100s 1.0ms t d - pulse width (sec.) 0.1 1 10 100 1000 p ppm -peak pulse power (kw) non-repetitive pulse waveform shown in fig.3 t a = 25 c 0.31x031"(8.0x8.0mm) copper pad areas 0 25 50 75 100 0 25 50 75 100 125 150 175 fig.2 - pulse derating curve peak pulse power (p pp ) or current (i ppm ) derating in percentage,% t a - ambient temperature ( c) 0 50 100 150 200 250 300 350 110100 fig.6 - maximum non-repetitive forward surge current uni-directional only number of cycles at 60 h z i fsm ,peak forward surge currnet fig. 5 - steady state power derating curve t l - lead temperature ( c) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 0 25 50 75 100 125 150 175 steady state power dissipation (w) 3/10/2016
part number component package quantity 5.0smljxxxxx do-214ab 3000 5.0smljxxxxx do-214ab 500 5000 watt peak pulse power packaging option packaging specification tape & reel - 16mm/13" tape eia std rs-481 tape & reel - 16mm/ 7" tape eia std rs-481 mde semiconductor, inc. 78-150 calle tampico, unit 210, la quinta, ca., usa 92253 tel : 760-564-8656 ? fax : 760-564-2414 1-800-831-4881 email: sales@mdesemiconductor.com web: www.md esemiconductor.com 5.0 smlj series surface mount transient voltage suppressor voltage-12 to 170 volts 3/10/2016


▲Up To Search▲   

 
Price & Availability of 50SMLJ24A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X