Part Number Hot Search : 
VHC244 MAX103 AON4805L KF509 SB10SL4A MAX3248E 2SK1726 SP8611
Product Description
Full Text Search
 

To Download 4GBJ1006U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features rating to 600v prv ideal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul flammability classification 94v-0 maximum ratings and electrical characteristics maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward (with heatsink note 2) rectified current @ t c =110 (without heatsink) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) typical forward voltage at5.0a dc v f v maximum forward voltage at 5.0a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element (note1) c j pf typical thermal resistance r jc /w operating temperature range t j storage temperature range t stg notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 150mm*150mm*1.6mm cu plate heatsink. i fsm 210 i r 10.0 0.89 a 120 rev. 2, 18-aug-2015 183 55 1.4 -55 to +150 -55 to +150 3.the typical data above is for reference only( ? ). a 0.9 characteristics symbol unit i (av) 10.0 a 3.0 4GBJ1006U 600 420 dimensions in inches and (milimeters) rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 600 4GBJ1006U glass passivated reverse voltage - 600 volts forward current - 10 amperes bridge rectifiers 4gbj ?.134(3.4) ?.122(3.1) spacing .303(7.7) .287(7.3) .287(7.3) .303(7.7) .303(7.7) .287(7.3) ? .122(3.1) ? .134(3.4) .023(0.6) .031(0.8) .114(2.9) .098(2.5) .150(3.8) .134(3.4) .173(4.4) .189(4.8) .382(9.7) .366(9.3) .157 (4.0) .669(17.0) .708(18.0) .150(3.8) .130(3.3) .074(1.9) .059(1.5) .035(0.9) .043(1.1) .083(2.1) .069(1.7) .041(1.05) .057(1.45) .578(14.7) .602(15.3) .995(25.3) .983(24.7) - ~ ~ + .118(3.0)*45
rating and charactertic curves 4GBJ1006U the cruve graph is for reference only, can't be the basis for judgment( ? )! rev. 2, 18-aug-2015 1000 100 10 1.0 0.1 0 20 40 60 80 100 percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.5-typical reverse characteristics t j =125 c t j =100 c t j =50 c t j =25 c fig.3-typical junction capacitance reverse voltage,(volts) capacitance,(pf) 10.0 100 1.0 1.0 10 100 t j =25 c,f=1mh z average forward output current amperes case temperature, c fig.1-forward current derating curve 20 100 0 140 10.0 8.0 6.0 4.0 1.0 2.0 120 80 60 40 without heatsink with heatsink single phase half wave 60hz resistive or inductive load number of cyclets at 60hz peak forward surge current, amperes flg.2-maximum non-repetitive surge current 0 10 100 200 225 0 50 100 150 2 50 20 5 pulse width 8.3ms single half-sine-wave (jedec method) instantaneous forward current, amperes 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1.0 10.0 20.0 0 0.2 fig.4-typical forward characteristics instantaneous forward voltage. volts t j = 25 c pulse width 300us


▲Up To Search▲   

 
Price & Availability of 4GBJ1006U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X