features rating to 600v prv ideal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul flammability classification 94v-0 maximum ratings and electrical characteristics maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward (with heatsink note 2) rectified current @ t c =110 (without heatsink) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 5.0a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element (note1) c j pf typical thermal resistance r jc /w operating temperature range t j storage temperature range t stg notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 150mm*150mm*1.6mm cu plate heatsink. characteristics 4GBJ1006L glass passivated reverse voltage - 600 volts forward current - 10 amperes bridge rectifiers dimensions in inches and (milimeters) rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit i (av) 10.0 a 3.0 4GBJ1006L 600 420 600 rev. 2, 18-aug-2015 183 55 1.4 -55 to +150 -55 to +150 3.the typical data above is for reference only( ? ). a 127 a 0.92 i fsm 210 i r 10.0 4gbj ?.134(3.4) ?.122(3.1) spacing .303(7.7) .287(7.3) .287(7.3) .303(7.7) .303(7.7) .287(7.3) ? .122(3.1) ? .134(3.4) .023(0.6) .031(0.8) .114(2.9) .098(2.5) .150(3.8) .134(3.4) .173(4.4) .189(4.8) .382(9.7) .366(9.3) .157 (4.0) .669(17.0) .708(18.0) .150(3.8) .130(3.3) .074(1.9) .059(1.5) .035(0.9) .043(1.1) .083(2.1) .069(1.7) .041(1.05) .057(1.45) .578(14.7) .602(15.3) .995(25.3) .983(24.7) - ~ ~ + .118(3.0)*45
rating and charactertic curves 4GBJ1006L the cruve graph is for reference only, can't be the basis for judgment( ? )! rev. 2, 18-aug-2015 1000 100 10 1.0 0.1 0 20 40 60 80 100 percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.5-typical reverse characteristics t j =125 c t j =100 c t j =50 c t j =25 c fig.3-typical junction capacitance reverse voltage,(volts) capacitance,(pf) 10.0 100 1.0 1.0 10 100 t j =25 c,f=1mhz average forward output current amperes case temperature, c fig.1-forward current derating curve 20 100 0 140 10.0 8.0 6.0 4.0 1.0 2.0 120 80 60 40 without heatsink with heatsink single phase half wave 60hz resistive or inductive load number of cyclets at 60hz peak forward surge current, amperes flg.2-maximum non-repetitive surge current 0 10 100 200 225 0 50 100 150 2 50 20 5 pulse width 8.3ms single half-sine-wave (jedec method) instantaneous forward current, amperes 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1.0 10.0 20.0 0 0.2 fig.4-typical forward characteristics instantaneous forward voltage. volts t j = 25 c pulse width 300us
|