features rating 600v prv ideal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul flammability classification 94v-0 maximum ratings and electrical characteristics characteristics symbol unit maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward (with heatsink note 2) rectified current @ t c =110 (without heatsink) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 5.0a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element (note1) c j pf operating temperature range t j storage temperature range t stg notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 150mm*150mm*1.6mm cu plate heatsink. rev. 1, 18-oct-2013 120 55 -55 to +150 -55 to +150 i r 10.0 a 500 i fsm 170 a 0.95 4GBJ1006F 600 420 600 i (av) 10.0 a 3.0 dimensions in inches and (milimeters) rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 4GBJ1006F glass passivated reverse voltage - 600 volts forward current - 10 amperes bridge rectifiers 4gbj ?.134(3.4) ?.122(3.1) spacing .303(7.7) .287(7.3) .287(7.3) .303(7.7) .303(7.7) .287(7.3) ? .122(3.1) ? .134(3.4) .023(0.6) .031(0.8) .114(2.9) .098(2.5) .150(3.8) .134(3.4) .173(4.4) .189(4.8) .382(9.7) .366(9.3) .157 (4.0) .669(17.0) .708(18.0) .150(3.8) .130(3.3) .074(1.9) .059(1.5) .035(0.9) .043(1.1) .083(2.1) .069(1.7) .041(1.05) .057(1.45) .578(14.7) .602(15.3) .995(25.3) .983(24.7) - ~ ~ + .118(3.0)*45
rating and charactertic curves 4GBJ1006F rev. 1, 18-oct-2013 instantaneous forward current, (a) fig.4-typical forward characteristics instantaneous forward voltage, volts 0.1 0.01 1.0 0 0.2 0.8 0.4 1.0 1.6 0.6 1.2 1.4 10 1.8 t j = 25 c pulse width 300us 1000 100 10 1.0 0.1 0 20 40 60 80 100 percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.5-typical reverse characteristics t j =125 c t j =100 c t j =50 c t j =25 c fig.3-typical junction capacitance reverse voltage,(volts) capacitance,(pf) 10.0 100 1.0 1.0 10 100 t j =25 c,f=1mh z average forward output current amperes case temperature, c fig.1-forward current derating curve 20 100 0 140 10.0 8.0 6.0 4.0 1.0 2.0 120 80 60 40 without heatsink with heatsink single phase half wave 60hz resistive or inductive load (jedec method) t j =150 c single -sine- wave t j =25 c single -sine- wave 240 200 160 number of cycles at 60hz peak forward surge current , amperes fig.2-maxmun non-repetitive surge current 120 80 40 0 1 2 5 10 20 50 100
|